Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download SBL25LXXCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL25LXXCT, SBLF25LxxCT & SBLB25LxxCT Series Dual Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 30 Volts Forward Current 25.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AB
ITO-220AB
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
390
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted )
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=95oC Total device Per leg
Symbol VRRM VRWM V DC IF(AV) IFSM VF
S B L 25L 20C T 20 20 20
S B L 25L 25C T 25 25 25 25 12.5 180 0.49 0.39 0.90 50 100
S B L 25L 30C T 30 30 30
Unit Volts Volts Volts Amps Amps Volt
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Maximum instantaneous forward voltage per leg at 12.5A (Note 4) Maximum instantaneous reverse current at rated DC blocking voltage per leg (Note 4) TC=25 C TC=125oC TC=25 C TC=100oC TC=125oC
o o
IR RJC VISOL TJ TSTG
mA
Typical thermal resistance from junction to case per leg RMS Isolation voltage (SBLF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
SBL1.5 / SBLF 4.0 / SBLB 1.5 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +150 -55 to +150
o
C/W
Volts oC
o
C
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
391
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
392


▲Up To Search▲   

 
Price & Availability of SBL25LXXCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X