Part Number Hot Search : 
AVD05P DNK5307B 75M50 00390 BP160 10035 2SK3763 MPW1044
Product Description
Full Text Search
 

To Download SBL10XXCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL10XXCT, SBLF10xxCT & SBLB10xxCT Series
Reverse Voltage 30 to 40 Volts Schottky Barrier Rectifiers Forward Current 10.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250oC/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AB
ITO-220AB
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
350
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted )
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=107oC Total device Per leg
Symbol VRRM VRWM V DC IF(AV) IFSM VF
S B L 1030C T 30 30 30 10 5.0 175 0.55 0.5
S B L 1040C T 40 40 40
Unit Volts Volts Volts Amps Amps Volts
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Maximum instantaneous forward voltage per leg at 5.0A (Note 4) Maximum instantaneous reverse current per leg at rated DC blocking voltage (Note 4) Typical thermal resistance per leg RMS Isolation voltage (SBLF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
TC=25 C TC=100 C RJC VISOL TJ TSTG
o
o
IR 50 SBL 3.0 / SBLF 5.0 / SBLB 3.0 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +125 -55 to +150
o
mA
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
351
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
352


▲Up To Search▲   

 
Price & Availability of SBL10XXCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X