Part Number Hot Search : 
RA804 OPB718Z DM74S283 SR2N7 15106G0A STEVA TA7288P SE5562F
Product Description
Full Text Search
 

To Download SB330SVF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB315SVF - SB330SVF
PRV : 15 - 30 Volts IO : 3.0 Amperes
FEATURES :
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
DO-201AD
0.21 (5.33) 0.19 (4.82)
1.00 (25.4) MIN.
0.375 (9.52) 0.285 (7.24)
MECHANICAL DATA :
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.16 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length See Fig.1 Maximum Peak Forward Surge Current, 8.3ms single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 3.0 A Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV)
SB315SVF
15 11 15 3.0
SB330SVF
30 21 30
UNIT
V V V A
IFSM VF IR IR(H) TJ TSTG
80 0.39 0.5 20 - 65 to + 125 - 65 to + 150 0.40
A V mA mA C C
Note :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( SB315SVF - SB330SVF )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
3.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100
PEAK FORWARD SURGE CURRENT, AMPERES
25 50 75 100 125 150 175
2.4
80
1.8
60
1.2
40
0.6
20
0
0
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
10 TJ= 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of SB330SVF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X