Part Number Hot Search : 
SXX18 KM4170 A143Z GC562 LTC4223 80CPT015 AD8572 NJU7348
Product Description
Full Text Search
 

To Download RDX100N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RDX100N60
Transistors
10V Drive Nch MOS FET
RDX100N60
Structure Silicon N-channel MOS FET External dimensions (Unit : mm)
TO-220FM
10.0
3.2
4.5 2.8
14.0
Features 1) Low on-resistance. 2) Low input capacitance. 3) Excellent resistance to damage from static electricity.
(1)Gate
15.0
12.0
8.0
2.5
1.3
1.2
0.8 2.54
(1) (2) (3)
2.54
0.75
2.6
Applications Switching
(2)Drain (3)Source
Packaging specifications
Package Type RDX100N60 Code Basic ordering unit (pieces) Bulk - 500
Inner circuit
1
2
(1)
(2)
(3)
1 GATE PROTECTION DIODE 2 BODY DIODE
(1) Gate (2) Drain (3) Source
Absolute maximum ratings (Ta=25C)
Parameter Drain-source voltage Gate-source voltage Drain current Source current (Body diode) Continuous Pulsed Continuous Pulsed Symbol VDSS VGSS ID 1 IDP 2 IS ISP 2 IAS 3 EAS 4 PD Tch Tstg Limits 600 30 10 40 10 40 10 230 45 150 -55 to +150 Unit V V A A A A A mJ W C C
Avalanche current Avalanche energy Total power dissipation (Tc=25C) Channel temperature Range of storage temperature
1 Limited only by maximum temperature allowed 2 Pw 10s, Duty cycle 1% 4 L = 4.0mH VDD=90V Rg=25 startingTch=25C 3 L = 4.0mH VDD=90V Rg=25
Thermal resistance
Parameter Channel to case Symbol Rth(ch-c) Limits
2.78
Unit C/W
1/2
RDX100N60
Transistors
Electrical characteristics (Ta=25C)
Parameter Symbol IGSS Gate-source leakage Drain-source breakdown voltage V(BR) DSS IDSS Zero gate voltage drain current VGS (th) Gate threshold voltage Static drain-source on-state RDS (on) resistance
Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
Pulsed
Min. - 600 - 2.0
- 4.0 - - - - - - - - - -
Typ.
- - - - 0.48 7.0 1600 175 30 28 23 75 44 45 10 20
Max.
10 - 25 4.0 0.65 - - - - - - - - - - -
Unit A V A V
S pF pF pF ns ns ns ns nC nC nC
Conditions VGS= 25V, VDS=0V ID= 1mA, VGS=0V VDS= 600V, VGS=0V VDS= 10V, ID= 1mA
ID= 5.0A, VGS= 10V VDS= 10V, ID= 5.0A VDS= 25V VGS=0V f=1MHz VDD 150V ID= 5.0A VGS= 10V RL= 30 RG=10 VDD 300V VGS= 10V ID= 10A
Yfs Ciss Coss Crss td (on) tr td (off) tf Qg Qgs Qgd

Body diode characteristics (Source-drain) (Ta=25C)
Parameter Symbol
Forward voltage Reverse recovery time Reverse recovery charge
Pulsed
VSD trr Qrr
Min. - - -
Typ. - 550 4.7
Max. 1.5 - -
Unit V ns C
Conditions IS= 10A, VGS=0V IDR= 10A, VGS=0V di/dt= 100A / s
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RDX100N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X