|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
30 AMP Power PCB Relay PTRH FEATURES Most popular power PCB relay Up to 30 amp switching capacity Up to 2 horsepower rating Gold flashed contacts available UL Class B insulation standard UL Class F insulation available Available with UL 873 spacing Epoxy sealed, immersion cleanable Now available Lead Free & RoHS Compliant File # E93379 UL/CSA RATINGS Load Type Voltage 120 VAC 250 VAC 30 VDC 120 VAC 250 VAC 250 VAC 120 VAC 250 VAC 120 VAC 1 Form A (SPST-NO) 30 A 30 A 30 A 30 A 30 A 2 HP 1 HP 80 A/30 A 96 A/30 A 1 Form B (SPST-NC) 20 A 20 A 20 A 20 A 20 A 1 Form C (SPDT) NO 30 A 30 A 30 A 30 A 30 A 2 HP 1 HP 80 A/30 A 96 A/30 A NC 20 A 20 A 20 A 20 A 20 A General Purpose Resistive ( 100,000 cycles) Motor ( 30,000 cycles ) LRA/FLA (locked rotor amps/full load amps) CONTACT DATA Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide), AgSnOInO (Silver Tin Oxide Indium Oxide) 50 milliohms max @ 0.1A, 6VDC 1 X 10 7 1 X 10 5 Operations Operations CHARACTERISTICS Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight Less than 15 ms. Les than 10 ms. 1,000 megohms min, at 500VDC, 50%RH 1500 Vrms, 1 min. between open contacts 1500 Vrms, 1 min. between coil and contacts (2500 Vrms for -1) 10 g, 11ms, functional; 100 g, destructive DA 1.5mm, 10-55 Hz 0.9W, approx. -55 degrees C to 85 degrees C operating for class B, -40 to 130 degrees C storage 30 grams approx. PTRH Rev D 3-25-04 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 1 PTRH ORDERING INFORMATION Example: Model Contact Form 1A, 1B, or 1C Coil Voltage Configuration Nil: Open Frame; S: Sealed plastic case; C: Dust Cover Insulation Material Nil: UL Class B; Contact Material Nil: AgCdO; Spacing Nil: UL 508; -1: UL 873 (Pin # 6 omitted) Nil: Standard; -X ROHS Compliant T: AgSnOInO; G: AgCdO+Au F: UL Class F PTRH -1C -12 S F T -1 -X PTRH COIL DATA Coil Voltage 5 6 9 12 24 48 Resistance _ ohms + 10% 27 40 97 155 660 2560 Must Operate Voltage Max. (VDC) 3.75 4.50 6.75 9.00 18.00 36.00 Must Release Voltage Min. (VDC) 0.5 0.6 0.9 1.2 2.4 4.8 11.0 Continuous Voltage Max. (VDC) 5.5 6.6 9.9 13.2 26.4 52.8 121.0 Pin Layout Bottom View .210 Ref. (5.3) .400 (10.2) .300 (7.62) .700 (17.8) .600 (15.2).500 (12.7) 110 10330 82.50 Note: Custom coil voltages within the ranges shown are available on special order. Overall Dimensions Inches (millimeters) 1.05 (26.7) max .770 (19.6) max 5 Schematic Note 2. 4 1.25 (31.8) max 3 6 1 Note 1. 2 .150 (3.8) Note 1. Notes: 1. This pin omitted for UL 873 version. 2. Breakable nib may be removed after flux removal. .350 (8.9) .550 (14) .700 (17.8) Tolerances + .010 unless otherwise noted Holes for load term. .081 + .005 Dia. (2.06 + .13) Holes for Coil term. .043 + .003 Dia. (1.09 + .08) 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2 |
Price & Availability of PTRH1A12 |