Part Number Hot Search : 
NTE928SM B1116 1205S HLM358S 030PAAA 170M6547 B1116 74HC65
Product Description
Full Text Search
 

To Download PHE428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHE428
* Double metallized film pulse capacitor, polypropylene dielectric * According to IEC 60384-17 Grade 1.1
L B
TYPICAL APPLICATIONS
High frequency and high voltage applications with high current stress, such as deflection circuits in TV-sets, protection circuits in SMPS and in electronic ballasts.
CONSTRUCTION
Series winding with polypropylene dielectric and double metallized polyester film as electrodes. Encapsulation in selfextinguishing material meeting the requirements of UL 94V-0.
H 0.5 p d b
l
TECHNICAL DATA
Rated voltage UR, VDC Rated voltage UR, VAC Capacitance range, F 630 400 0.01- 1.2 1000 500 0.0039- 0.68 1600 630 0.0027- 0.33 2000 650 0.00033- 0.27 2500
p d 0.4 0.4 0.4 0.5 0.8 0.8 0.8 1.0 std I max I 6-1 6-1 6-1 6-1 30 30 30 30 b 0.4 0.4 0.4 0.7
1000 0.001- 0.15
15.0 22.5 27.5 37.5
Capacitance values Capacitance tolerance Category temperature range Rated temperature Voltage derating Climatic category Insulation resistance
In accordance with IEC E12-series. 5% standard. Other tolerances on request
-55 C to +105 C
+85 C The rated voltage is decreased with 1.3% / C between +85 C and +105 C 55/105/56 Measured at 23 C, 100 VDC 60s Between terminals: C 0.33 F: 100 000 M C > 0.33 F: 30 000 s Between terminals and case: 100 000 M Maximum values at 23 C C 0.1 F 1 kHz 0.03 % 10 kHz 0.04 % 100 kHz 0.15 %
Dissipation factor tan
ew rn fo ot N
gn si de
C > 0.1 F 0.03 % 0.06 %
Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads. The capacitors can withstand an unlimited number of pulses with a dU/dt according to the article table. For peak to peak voltages lower than the rated voltage (UPP < UR), the specified dU/dt can be multiplied by UR/UPP.
Pulse rise time
ENVIRONMENTAL TEST DATA
Vibration According to IEC 60068-2-6 test Fc. 10-500 Hz for lead space 22.5 mm, 10-55 Hz for lead space 27.5 mm. 6 h with 0.75 mm amplitude or 98 m/s2 (depending on frequency) with the capacitor mounted on PCB with the supporting area in contact with the PCB. According to IEC 60384-1. According to IEC 60068-2-29 test Eb. 4000 bumps at 390 m/s2 with the capacitor mounted on a printed circuit board with the supporting area in contact with the printed circuit board. According to IEC 60068-2-3 test Ca, severity 56 days.
Climatic sequence Bump
Humidity
226
PHE428
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
630 VDC/400 VAC LEAD SPACING 15 MM
0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 5.5 5.5 5.5 6.5 7.5 7.5 8.5 6.5 6.5 7.0 8.0 9.0 9.0 10.5 11.0 10.5 11.5 14.5 14.5 17.5 17.5 13.0 15.0 15.0 16.5 16.5 19.0 19.0 21.0 10.5 10.5 12.5 12.5 14.5 14.5 16.0 14.5 14.5 16.5 16.0 18.5 18.5 19.0 21.5 20.5 22.5 24.5 24.5 28.0 28.0 24.0 26.0 26.0 32.0 32.0 36.0 36.0 38.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 31.5 31.5 31.5 31.5 31.5 31.5 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 27.5 27.5 1000 1000 1000 1000 800 800 600 234 234 216 186 168 168 264 253 216 198 153 153 126 126 600 600 600 500 400 400 400 1.5 1.5 1.7 2.0 2.7 2.7 3.0 3.2 3.2 3.9 4.3 5.6 5.6 6.7 8.0 2500 2500 2500 2500 2500 2500 2500 1800 1800 1800 1800 1800 1800 1800 1800 1100 1100 1100 1100 1100 1100 700 700 700 700 700 700 700 700 103 103 89 86 77 77 70 59 59 55 55 50 50 48 44 40 37 34 33 30 29 29 27 27 24 22 20 20 18 PHE428MB5100JR06 PHE428MB5120JR06 PHE428MB5150JR06 PHE428MB5180JR06 PHE428MB5220JR06 PHE428MB5270JR06 PHE428MB5330JR06 PHE428MD5330JR06L2 PHE428MD5390JR06L2 PHE428MD5470JR06L2 PHE428MD5560JR06L2 PHE428MD5680JR06L2 PHE428MD5820JR06L2 PHE428MD6100JR06L2 PHE428MD6120JR06L2 PHE428MF6150JR06L2 PHE428MF6180JR06L2 PHE428MF6220JR06L2 PHE428MF6270JR06L2 PHE428MF6330JR06L2 PHE428MF6390JR06L2 PHE428MR6330JR06L2 PHE428MR6390JR06L2 PHE428MR6470JR06L2 PHE428MR6560JR06L2 PHE428MR6680JR06L2 PHE428MR6820JR06L2 PHE428MR7100JR06L2 PHE428MR7120JR06L2
LEAD SPACING 22.5 MM
LEAD SPACING 27.5 MM
ew rn fo ot N
37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 119 119 105 105 91 91 84 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 1000 1000 1000 1000 1000 1000 800 800 600 600 234 234 216 186 168 168 264 253 216 216 198 600 600 600 600 600 500 400 400 400 400
gn si de
8.8 10.6 14.5 14.5 19.7 19.7 16.6 20.8 20.8 28.1 28.1 36.5 36.5 42.5
LEAD SPACING 37.5 MM
1000 VDC/500 VAC LEAD SPACING 15 MM
0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.068 0.082 0.10 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 8.5 6.5 6.5 7.0 8.0 9.0 9.0 10.5 11.0 10.5 10.5 11.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 15.0 16.0 14.5 14.5 16.5 16.0 18.5 18.5 19.0 21.5 20.5 20.5 22.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 31.5 31.5 31.5 1.5 1.5 1.5 1.5 1.7 1.7 2.0 2.0 3.0 3.4 3.2 3.2 3.9 4.3 5.6 5.6 6.7 8.0 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 1800 1800 1800 1800 1800 1800 1800 1800 1300 1300 1300 104 104 104 104 90 87 79 78 75 70 60 60 55 55 51 49 49 44 40 40 38 PHE428PB4390JR06 PHE428PB4470JR06 PHE428PB4560JR06 PHE428PB4680JR06 PHE428PB4820JR06 PHE428PB5100JR06 PHE428PB5120JR06 PHE428PB5150JR06 PHE428PB5180JR06 PHE428PB5220JR06 PHE428PD5220JR06L2 PHE428PD5270JR06L2 PHE428PD5330JR06L2 PHE428PD5390JR06L2 PHE428PD5470JR06L2 PHE428PD5560JR06L2 PHE428PD5680JR06L2 PHE428PD5820JR06L2 PHE428PF5680JR06L2 PHE428PF5820JR06L2 PHE428PF6100JR06L2
LEAD SPACING 22.5 MM
LEAD SPACING 27.5 MM
8.8 8.8 10.6
227
PHE428 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
1000 VDC/500 VAC LEAD SPACING 27.5 MM
0.12 0.15 0.18 0.22 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 11.5 14.5 14.5 17.5 13.0 13.0 13.0 15.0 16.5 16.5 19.0 19.0 21.0 22.5 24.5 24.5 28.0 24.0 24.0 24.0 26.0 32.0 32.0 36.0 36.0 38.0 31.5 31.5 31.5 31.5 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 198 153 153 126 140 140 140 119 105 105 91 91 84 10.6 14.5 14.5 19.7 1300 1300 1300 1300 800 800 800 800 800 800 800 800 800 37 34 34 30 29 29 29 27 24 24 20 20 18 PHE428PF6120JR06L2 PHE428PF6150JR06L2 PHE428PF6180JR06L2 PHE428PF6220JR06L2 PHE428PR6150JR06L2 PHE428PR6180JR06L2 PHE428PR6220JR06L2 PHE428PR6270JR06L2 PHE428PR6330JR06L2 PHE428PR6390JR06L2 PHE428PR6470JR06L2 PHE428PR6560JR06L2 PHE428PR6680JR06L2
LEAD SPACING 37.5 MM
16.6 16.6 16.6 20.8 28.1 28.1 36.5 36.5 42.5
1600 VDC/630 VAC LEAD SPACING 15 MM
0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.10 0.12 0.15 0.18 0.22 0.27 0.33 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.5 8.5 6.5 6.5 7.0 7.0 9.0 9.0 10.5 11.0 10.5 10.5 10.5 11.5 11.5 14.5 17.5 17.5 13.0 15.0 15.0 16.5 16.5 19.0 21.0 10.5 10.5 12.5 12.5 12.5 14.5 14.5 16.0 16.0 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 20.5 20.5 20.5 22.5 22.5 24.5 28.0 28.0 24.0 26.0 26.0 32.0 32.0 36.0 38.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 41.0 41.0 41.0 41.0 41.0 41.0 41.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 1000 1000 1000 1000 1000 800 800 600 600 600 600 600 600 500 400 400 400 400
ew rn fo ot N
234 234 216 216 168 168 264 253 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 216 216 216 198 198 153 126 126 140 119 119 105 105 91 84
gn si de
1.5 1.5 1.7 1.7 2.0 2.7 2.7 3.4 3.4 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 8.8 8.8 8.8 10.6 10.6 14.5 19.7 19.7
2500 2500 2500 2500 2500 2500 2500 2500 2500 1800 1800 1800 1800 1800 1800 1800 1800 1300 1300 1300 1300 1300 1300 1300 1300 800 800 800 800 800 800 800
106 106 91 91 89 80 80 73 73 61 61 57 55 52 50 50 45 41 41 41 39 38 35 32 31 30 28 28 24 23 21 19
PHE428RB4270JR06 PHE428RB4330JR06 PHE428RB4390JR06 PHE428RB4470JR06 PHE428RB4560JR06 PHE428RB4680JR06 PHE428RB4820JR06 PHE428RB5100JR06 PHE428RB5120JR06 PHE428RD5100JR06L2 PHE428RD5120JR06L2 PHE428RD5150JR06L2 PHE428RD5180JR06L2 PHE428RD5220JR06L2 PHE428RD5270JR06L2 PHE428RD5330JR06L2 PHE428RD5390JR06L2 PHE428RF5330JR06L2 PHE428RF5390JR06L2 PHE428RF5470JR06L2 PHE428RF5560JR06L2 PHE428RF5680JR06L2 PHE428RF5820JR06L2 PHE428RF6100JR06L2 PHE428RF6120JR06L2 PHE428RR6100JR06L2 PHE428RR6120JR06L2 PHE428RR6150JR06L2 PHE428RR6180JR06L2 PHE428RR6220JR06L2 PHE428RR6270JR06L2 PHE428RR6330JR06L2
LEAD SPACING 22.5 MM
LEAD SPACING 27.5 MM
LEAD SPACING 37.5 MM
16.6 20.8 20.8 28.1 28.1 36.5 42.5
228
PHE428
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
2000 VDC/650 VAC LEAD SPACING 15 MM
0.00033 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.5 7.5 8.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 12.5 14.5 14.5 16.0 14.5 14.5 14.5 14.5 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 20.5 20.5 20.5 20.5 20.5 22.5 22.5 24.5 24.5 28.0 28.0 28.0 24.0 26.0 26.0 32.0 32.0 36.0 36.0 38.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 800 600 234 234 234 234 234 234 216 216 168 168 264 253 600 600 600 600 600 600 600 600 600 600 600 500 500 400 400 400 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.0 2.7 2.7 3.4 3.2 3.2 3.2 3.2 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 800 800 800 800 800 800 800 800 103 103 103 103 103 103 104 105 106 107 91 89 90 81 81 74 62 62 62 62 62 62 57 55 53 51 50 45 41 41 41 41 41 39 38 36 36 32 32 32 30 29 28 25 24 21 19 18 PHE428SB3330JR06 PHE428SB3470JR06 PHE428SB3560JR06 PHE428SB3680JR06 PHE428SB3820JR06 PHE428SB4100JR06 PHE428SB4120JR06 PHE428SB4150JR06 PHE428SB4180JR06 PHE428SB4220JR06 PHE428SB4270JR06 PHE428SB4330JR06 PHE428SB4390JR06 PHE428SB4470JR06 PHE428SB4560JR06 PHE428SB4680JR06 PHE428SD4330JR06L2 PHE428SD4390JR06L2 PHE428SD4470JR06L2 PHE428SD4560JR06L2 PHE428SD4680JR06L2 PHE428SD4820JR06L2 PHE428SD5100JR06L2 PHE428SD5120JR06L2 PHE428SD5150JR06L2 PHE428SD5180JR06L2 PHE428SD5220JR06L2 PHE428SD5270JR06L2 PHE428SF5120JR06L2 PHE428SF5150JR06L2 PHE428SF5180JR06L2 PHE428SF5220JR06L2 PHE428SF5270JR06L2 PHE428SF5330JR06L2 PHE428SF5390JR06L2 PHE428SF5470JR06L2 PHE428SF5560JR06L2 PHE428SF5680JR06L2 PHE428SF5820JR06L2 PHE428SF6100JR06L2 PHE428SR5680JR06L2 PHE428SR5820JR06L2 PHE428SR6100JR06L2 PHE428SR6120JR06L2 PHE428SR6150JR06L2 PHE428SR6180JR06L2 PHE428SR6220JR06L2 PHE428SR6270JR06L2
LEAD SPACING 22.5 MM
0.0033 6.5 0.0039 6.5 0.0047 6.5 0.0056 6.5 0.0068 6.5 0.0082 6.5 0.010 7.0 0.012 7.0 0.015 9.0 0.018 9.0 0.022 10.5 0.027 11.0 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 10.5 10.5 10.5 10.5 10.5 11.5 11.5 14.5 14.5 17.5 17.5 17.5 13.0 15.0 15.0 16.5 16.5 19.0 19.0 21.0
ew rn fo ot N
27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 216 216 198 198 153 153 126 126 126
gn si de
8.8 8.8 8.8 8.8 8.8 10.6 10.6 14.5 14.5 19.7 19.7 19.7 16.6 20.8 20.8 28.1 28.1 36.5 36.5 42.5
LEAD SPACING 27.5 MM
LEAD SPACING 37.5 MM
37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 119 119 105 105 91 91 84
229
PHE428 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
2500 VDC/1000 VAC
LEAD SPACING 15 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 10.5 10.5 12.5 12.5 12.5 14.5 14.5 15.0 14.5 14.5 14.5 16.5 16.5 16.0 18.5 19.0 21.5 20.5 20.5 20.5 22.5 24.5 24.5 28.0 28.0 24.0 26.0 32.0 32.0 36.0 38.0 38.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 41.0 41.0 41.0 41.0 41.0 41.0 41.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 1000 1000 1000 1000 1000 800 800 600 234 234 234 216 216 186 168 264 253 216 216 216 198 153 153 126 126 600 600 600 600 500 400 400 400 1.5 1.5 1.7 1.7 2.0 2.7 2.7 3.0 3.2 3.2 3.2 3.9 3.9 4.3 5.6 6.7 8.0 2500 2500 2500 2500 2500 2500 2500 2500 1800 1800 1800 1800 1800 1800 1800 1800 1800 1300 1300 1300 1300 1300 1300 1300 1300 800 800 800 800 800 800 800 109 109 92 91 90 82 82 81 63 63 63 57 57 55 53 50 47 42 42 42 39 36 36 34 33 24 23 23 23 22 21 18 PHE428TB4100JR06 PHE428TB4120JR06 PHE428TB4150JR06 PHE428TB4180JR06 PHE428TB4220JR06 PHE428TB4270JR06 PHE428TB4330JR06 PHE428TB4390JR06 PHE428TD4330JR06L2 PHE428TD4390JR06L2 PHE428TD4470JR06L2 PHE428TD4560JR06L2 PHE428TD4680JR06L2 PHE428TD4820JR06L2 PHE428TD5100JR06L2 PHE428TD5120JR06L2 PHE428TD5150JR06L2 PHE428TF5120JR06L2 PHE428TF5150JR06L2 PHE428TF5180JR06L2 PHE428TF5220JR06L2 PHE428TF5270JR06L2 PHE428TF5330JR06L2 PHE428TF5390JR06L2 PHE428TF5470JR06L2 PHE428TR5470JR06L2 PHE428TR5560JR06L2 PHE428TR5680JR06L2 PHE428TR5820JR06L2 PHE428TR6100JR06L2 PHE428TR6120JR06L2 PHE428TR6150JR06L2
LEAD SPACING 22.5 MM
0.0033 6.5 0.0039 6.5 0.0047 6.5 0.0056 7.0 0.0068 7.0 0.0082 8.0 0.010 9.0 0.012 10.5 0.015 11.0 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.047 0.056 0.068 0.082 0.10 0.12 0.15 10.5 10.5 10.5 11.5 14.5 14.5 17.5 17.5 13.0 15.0 16.5 16.5 19.0 21.0 21.0
LEAD SPACING 27.5 MM
8.8 8.8 8.8 10.6 14.5 14.5 19.7 19.7
ew rn fo ot N
37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 119 105 105 91 84 84
gn si de
16.6 20.8 28.1 28.1 36.5 42.5 42.5
LEAD SPACING 37.5 MM
230
PHE428
DERATING OF U RMS VS FREQUENCY, +85C AMBIENT TEMPERATURE AND 10C INTERNAL HEATING, TYPICAL VALUES
Urms (V)
630 VDC/400 VAC
Urms (V)
1000 VDC/500 VAC
100 0.01 F 0.033 F 0.12 F 0.39 F 1 F 100 0.0068 F 0.022 F 0.082 F 0.22 F 1 0.1 10 0.1 0.56 F 1 10 100 1000
10
1
10
100
1000
frequency (kHz)
frequency (kHz) Urms (V) 2000 VDC/650 VAC
Urms (V)
1600 VDC/630 VAC
1 nF
100
3.3 nF 0.01 F 0.039 F 0.1 F 0.27 F
100 6.8 nF 0.027 F
10 0.1
1
10
100
1000
frequency (kHz)
Urms (V)
2500 VDC/1000 VAC
ew rn fo ot N
gn si de
10 0.1
0.082 F 0.18 F
1
10
100
1000
frequency (kHz)
More simulation possibilities in PCCAD software package. See page 204.
frequency (kHz)
PACKING
The box dimensions for bulk packaging are 245 x 145 x 80 mm. Quantity/package as in article table, based on standard lead length, R06. Reels with taped capacitors are packed 10 in a box with the dimensions 370 x 370 x 560 mm. Quantity per reel as in article table. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
MARKING
* RIFA * Article code * Rated capacitance according to IEC 60062 * Rated voltage * Capacitance tolerance code * Manufacturing code (year, month)
231


▲Up To Search▲   

 
Price & Availability of PHE428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X