Part Number Hot Search : 
EHRCA2X 2SB955 1SV302 VN808SR BUL38 69D156 AX6610 BUL38
Product Description
Full Text Search
 

To Download PC7951CC-12CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 80/60 Amp Automotive Plug-In / PCB Power Relay
PC795
FEATURES Most popular automotive relay 1 A and 1 C contact forms available Contact switching capacity up to 240 Amps 80 Amps continuous carrying capacity Up to 125 degrees C operating temperature Five different case styles available Sockets available from Picker Components
CONTACT RATINGS
Contact Form Max Switching Current Max. Switching Voltage Max. Continuous Current Minimum Load 1 Form A or 1 Form C Normally Open Normally Closed Make 240 Amps Break 80 Amps Make 180 Amps Break 60 Amps
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC 1 X 10 Operations 2 X 10 5 Operations
7
Current Dependent; see curve page 2 80 Amps 0.5 A @ 12 VDC 60 Amps
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Range Weight 7 ms. typical 2 ms. typical 100 megohms min, at 500VDC, 50%RH 500 Vrms, 1 min. between coil and contacts 20 g, 11ms, functional; 200 g, destructive DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g. 1 Meter height drop on concrete in final enclosure 1.6 W approx. -40 to 125 degrees C operating, -40 to 155 storage 35 grams approx.
ORDERING INFORMATION
Example: Model Contact Form 1A, 1C or 1U (1 form A with 2 #87 Terminals) Case Style C: Plug-In; P: PCB; C1: Plastic Bracket; C3: Shrouded W/Metal Bkt Coil Voltage Enclosure C: Dust Cover, S: Sealed Case Parallel Component Nil: None; D: Diode; R: Resistor; N: Nickel Plated Terminals
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC795 Rev C 4-13-04
PC795
-1C
-C1
-12
S
-RN
PAGE 1
PC795
REFERENCE CURVE
PC795
Contact Derating
Current in Amps
COIL DATA
Resistance Coil Voltage 6 12 24 _ ohms + 10% 22 90 330
80 60 40 20 0 10 20 30 40 50 100 DC Contact Voltage.
Must Operate Voltage Max. (VDC) 3.6 7.2 14.3
Must Release Voltage Min. (VDC) 0.6 1.2 2.4
Continuous Voltage Max. (VDC) 10.1 20.5 39.1
Dimensions in Inches (millimeters) Plug-In Type Plug-In Case (C) and PCB Case (P)
.453 (11.5)
.665 (16.9)
Bottom View
.665 (16.9)
.250 (6.3) 1.10 (28.0) .374 (9.5) .709 (18.0) .984 (25.0)
.331 (8.4)
87 87A 86 30 85
.315 (8.0) .705 (17.9)
.331 (8.4)
87 87A
86 .300 (7.6) .150 (3.8)
85
.315 (8.0) .705 (17.9)
30
Form 1A
30 87 85 30
Form 1C
87a 87
Holes for Pins 30, 87 & 87a are 3 X .087 (2.2) by .063 (1.6) Pins 85 & 86 are .079 (2.0) by .047 (1.2)
85 (+) (-)
86
86 (-)
(+)
Wiring Diagrams
Notes: Tolerances + .010 unless otherwise noted Maximum make current refers to inrush of a lamp load In 85 degree C ambient reduce maximum coil voltage to 72%
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2
PC795
.165 (4.2) .866 (22.0) .236 (6.0) .630 (16.0)
PC795
.252 Dia. (6.4)
.984 (25.0)
1.10 (28.0)
1.10 (28.0)
Molded Plastic Bracket (C1)
.709 (18.0)
.275 (7.0)
.181 (4.6)
.591 (15.0) .236 (6.0) .630 (16.0)
.252 Dia. (6.4)
.811 (20.6)
.210 Dia. (5.3)
1.78 (45.3)
.984 (25.0)
1.10 (28.0)
1.10 (28.0)
Metal Bracket (C2)
1.42 (36.0)
1.42 (36.0)
Skirted Case with Metal Bracket (C4)
.524 (13.3) .409 (10.4)
Bent Metal Bracket (C3)
Skirted Case with Bent Metal Bracket (C5)
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 3


▲Up To Search▲   

 
Price & Availability of PC7951CC-12CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X