Part Number Hot Search : 
MCM63 1N4948G USC33000 EFEPBF FDKCORP 99FKR3 122414 AA3528
Product Description
Full Text Search
 

To Download PC5171B-12S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automotive Subminiature PCB Power Relay
PC517
FEATURES 15 Amp continuous current capacity Up to 60 amp switching capacity Six different contact forms Four different contact materials available Designed for high inrush applications UL Class F insulation standard Dust cover or sealed version available
CONTACT RATINGS
Form Max Switching Current Max. Continuous Current Minimum Load Max. Switching Voltage Make Motor 1 Form A (SPST NO) 60 Amps 20 Amps 15 Amps 1 Form B (SPST NC) 12 Amps 10 Amps 10 Amps 1 Form C (DPDT) NO NC 60 Amps 20 Amps 15 Amps 12 Amps 10 Amps 10 Amps 1 Form U 1 Form V 1 Form W (SPDT-DB-DM) NO NC (SPST-NO-DM) (SPST-NC-DB) 2 X 40 Amps 2 X 8 Amps 2 X 30 Amps 2 X 20 Amps 2 X 7 Amps 2 X 15 Amps 2 X 10 Amps 2 X 7 Amps 2 X 7 Amps 2 X 5 Amps 2 X 5 Amps 2 X 5 Amps
.05 Amps @ 5 VDC See curve page 2, current dependant
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical AgNiO 15 (Silver Nickel Oxide 15%), AgSnOInO (Silver Tin Oxide Indium Oxide) 100 milliohms max @ 0.1A, 6VDC 1 X 10 7 2 X 10 5 Operations Operations
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Range Weight 3 ms. typical 1.5 ms. typical 100 megohms min, at 500VDC, 50%RH 500 Vrms, 1 min. between coil and contacts 10 g, 11ms, functional; 100 g, destructive DA 1.5 mm, 20 - 200 Hz functional 1 Meter height drop on concrete in final enclosure 1.1 W approx. -40 to 85 degrees C operating, -40 to 155 storage Open: 8 grams; Enclosed: 12 grams approx.
COIL DATA
Coil Voltage 6 12 24 Resistance ohms + 10% 28 130 520 Must Operate Voltage Max. (VDC) A, B, C, U, V 3.75 7.50 15.0 W 4.5 9.0 18.0 Allowable Voltage Max (VDC) 8 16 31 Must Release Voltage Min. (VDC) B, V 0.35 0.70 1.40 A, C, U, W 0.7 1.4 2.8
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC517 Rev B 4-14-04
PAGE 1
PC517
REFERENCE CURVES
PC517
ORDERING INFORMATION
Example: Model Contact Form 1A, 1B, 1C, 1U, 1V or 1W Coil Voltage Enclosure Nil: Open Frame; S: Sealed; C: Dust Cover Contact Material Nil: AgSnO; C: AgCdO; T: AgSnOInO PC517 -1C -12 S T
Dimensions in Inches (millimeters) drawings are 2 X scale Bottom View Side View End View PC Board Layout .598
.697 (17.7) (15.2) .070 (1.8)
.776 (19.7)
.40 (10.16)
.138 (3.5)
.35 (8.89)
.15 (3.81)
1 Form A
1 Form b
1 Form C
1 Form U
1 Form V
1 Form W
Notes: Contact Form W shown On other contact forms Unused Pins are Omitted Maximum make current refers to inruch current of a lamp load Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2


▲Up To Search▲   

 
Price & Availability of PC5171B-12S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X