Part Number Hot Search : 
CEJ03 3CD9A ADM10 SKL32CG PEB2447 SI2311DS SLA5054 21M16
Product Description
Full Text Search
 

To Download PC4201A-12CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20 Amp Subminature PCB Power Relay
PC420
FEATURES 20 A at 125 VAC and 10 amp at 250 VAC contact rating 1 \HP at 125 VAC and 250 VAC TV8 rated at 125 VAC Class "B" insulation standard Class "F" insulation available Very economically priced Sealed, immersion cleanable
E93379
UL/CUR RATINGS
Contact Inductive Load Resistive Load Tungsten Load General Purpose Normally Open Contact 1 HP at 125 & 250 VAC 20A @ 125VAC 100K Cycles TV-8 Normally Closed Contact 1/2 HP at 125 & 250 VAC 20A @ 125VAC 30K Cycles NA
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide) 100 milliohms max @ 0.1A, 6VDC 1 X 107 Operations 1 X 10 5 Operations
20 A/125 VAC, 10 A/250 VAC, 6 A/277 VAC All Contacts
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight 15 ms. Max. 5 ms. Max. 1,000 megohms min, at 500VDC, 50%RH 4000 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10 g, 11ms, functional; 100 g, destructive DA 1.5 mm, 10 - 55 Hz .36 W -40 to 85 C operating for class B, -40 to 130 C storage 13 grams approx.
ORDERING INFORMATION
Example: Model Contact Form 1A, 1B, 1C Coil Voltage Enclosure S: Sealed; C: Dust Cover Insulation System Nil: Class B, F: Class F Contact Material Nil: AgCdO, T: AgSnO, G: AgCdO + Gold Plate PC420 -1A -12 S F G
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC420 Rev C 4-26-05
PAGE 1
PC420
COIL DATA
Resistance Coil Voltage 3 5 6 9 12 24 _ ohms + 10% 25 70 100 225 400 1600 Must Operate Voltage Max. (VDC) 2.1 3.5 4.2 6.3 8.4 16.8 Must Release Voltage Min. (VDC) 0.3 0.5 0.6 0.9 1.2 2.4 4.8
PC420
Continuous Voltage Max. (VDC) 3.9 6.5 7.8 11.7 15.6 31.2 62.4
48 6400 33.6 Note: Custom coil voltages within the ranges shown are available on special order.
Dimensions in Inches (millimeters) Side View
.866 (22.5)
End View
.661 (16.8)
Bottom View PC Board Layout
.051 (1.3)
Wiring Diagram
.795 (20.2)
.472 (12.0)
.138 (3.5)
.078 (2.0)
.480 (12.2)
40 30
Contact Derating for DC loads
Contact Derating for AC loads
Current in Amps
20 Current in Amps 15 10 5 1 0 10 20 30 40 50 100 DC Contact Voltage. 10 20 30 40 50 100 200 360 AC Contact Voltage.
20 15 10 5 1 0
Notes: Contact Form C shown On Contact Forms A & B Unused Pins are Omitted Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2


▲Up To Search▲   

 
Price & Availability of PC4201A-12CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X