|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
15 Amp Subminature PCB Power Relay PC415 FEATURES 10 or 15 Amp continous contact capacity 1 Form A, 1 form B & 1form C contact forms Most popular package and footprint Class "B" insulation standard Class "F" insulation available Very economically priced Sealed, immersion cleanable File # E93379 UL/CSA RATINGS Load Type Standard High Power Motor All Forms All Contacts 10 Amps @ 120 VAC & 28 VDC, 7 Amps @ 240 VAC 15 Amps @ 120 VAC & 28 VDC, 10 Amps @ 240 VAC 1/3 HP at 125 VAC, 1/2 HP at 240 VAC CONTACT DATA Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide) 100 milliohms max @ 0.1A, 6VDC 1 X 107 Operations 1 X 10 5 Operations CHARACTERISTICS Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight 10 ms. Max. 5 ms. Max. 1,000 megohms min, at 500VDC, 50%RH 1500 Vrms, 1 min. between coil and contacts 750 Vrms, 1 min. between open contacts 10 g, 11ms, functional; 100 g, destructive DA 1.5 mm, 10 - 55 Hz .36 W -55 to 85 C operating for class B, -40 to 130 C storage 9.5 grams approx. ORDERING INFORMATION Example: Model Amp Rating Nil: 10 Amp, H: 15 Amp Contact Form 1A: 1A, 1B: 1B, 1C: 1C Coil Voltage Enclosure S: Sealed; C: Dust Cover Insulation System Nil: Class B, F: Class F Contact Material Nil: AgCdO, T: AgSnO, G: AgCdO + Gold Plate 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PC415 Rev D 3-29-04 PC415 H -1A -12 S F G PAGE 1 PC415 COIL DATA Resistance Coil Voltage 3 5 6 9 12 24 _ ohms + 10% 25 70 100 225 400 1600 Must Operate Voltage Max. (VDC) 2.1 3.5 4.2 6.3 8.4 16.8 Must Release Voltage Min. (VDC) 0.3 0.5 0.6 0.9 1.2 2.4 4.8 PC415 Continuous Voltage Max. (VDC) 3.9 6.5 7.8 11.7 15.6 31.2 62.4 48 6400 33.6 Note: Custom coil voltages within the ranges shown are available on special order. Dimensions in Inches (millimeters) Side View .767 (19.5) End View .602 (15.3) Bottom View PC Board Layout .051 (1.3) Wiring Diagram .602 (15.3) .472 (12.0) .138 (3.5) .078 (2.0) .480 (12.2) Contact Derating for DC loads 15 10 5 1 0 10 20 30 40 50 100 DC Contact Voltage. PC415H PC415 15 10 5 1 0 Contact Derating for AC loads PC415H PC415 Current in Amps Current in Amps 10 20 30 40 50 100 200 360 AC Contact Voltage. Notes: Contact Form C shown On Contact Forms A & B Unused Pins are Omitted Tolerances + .010 unless otherwise noted 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2 |
Price & Availability of PC4151A-12CF |