Part Number Hot Search : 
2SC2705 UJA1065 SI4862DY 20010 KRF7389 LCX126 KRF7389 100LV
Product Description
Full Text Search
 

To Download PC322-05BJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Telecom Relay
FEATURES
PC332
New telecom relay Available with magnetic latching Single side stable, single coil or dual coil latching DIL package for PC board or socket Ideal for computer peripherals and telecommunications CONTACT RATINGS
Form Rated Load Max switching current Max switching voltage Max switching power 2 Form C 2A, 30VDC; 1A, 125VAC 5A 220VDC or 250VAC 60W or 125VA
CONTACT DATA
Material Initial contact resistance Mechanical Service life Electrical Ag alloy + Au clad 50 milliohms max at 0.01A, 6VDC 1 X 10 8 ops. 1 X 10 5 ops. @ 2A, 30VDC 5 X 10 5 ops. @ 1A, 30VDC
COIL DATA
SINGLE SIDE STABLE
Designation 05-AL 06-AL 09-AL 12-AL 15-AL 24-AL 05-AH 06-AH 09-AH 12-AH 15-AH 24-AH 48-AH
Nominal Voltage (VDC)
5 6 9 12 15 24 5 6 9 12 15 24 48
Resistance + Ohms _ 10% 167 240 540 960 1500 3840 125 180 405 720 1125 2880 11520
Power Consumption
Must Operate Voltage Max. 4.0 4.8 7.2 9.6 12.0 19.2 3.5 4.2 6.3 8.4 10.5 16.8 36.0 Power Consumption
Max Allowable Voltage 11.5 13.8 20.8 27.7 34.6 55.4 10.0 12.0 18.0 24.0 30.0 48.0 96.0 Set and Reset Voltage Min. 4.00 4.80 7.20 9.60 12.00 19.00 3.75 4.50 6.75 9.00 11.25 18.00 Set and Reset Voltage Min. 4.00 4.80 7.20 9.60 12.00 19.20 3.75 4.50 6.75 9.00 11.25 18.00
Must Release Voltage Min. 0.5 0.6 0.9 1.2 1.5 2.4 0.5 0.6 0.9 1.2 1.5 2.4 4.8 Max. Allowable Voltage 16 19 29 39 43 78 14 17 25 34 42 56 Max. Allowable Voltage 11.5 13.8 20.8 27.7 34.6 55.4 10.0 12.0 18.0 24.0 30.0 48.0
4-12-02
0.15W
0.2W
SINGLE COIL LATCHING
Designation 05-BJ 06-BJ 09-BJ 12-BJ 15-BJ 24-BJ 05-BM 06-BM 09-BM 12-BM 15-BM 24-BM Nominal Voltage 5 6 9 12 15 24 5 6 9 12 15 24 Resistance + Ohms _ 10% 330 480 1080 1920 3000 7680 250 360 810 1440 2220 4000 Resistance + Ohms _ 10% 167 240 540 960 1500 3840 125 180 405 720 1125 2040
0.075W
0.1W
DUAL COIL LATCHING
Designation 05-CL 06-CL 09-CL 12-CL 15-CL 24-CL 05-CH 06-CH 09-CH 12-CH 15-CH 24-CH Nominal Voltage 5 6 9 12 15 24 5 6 9 12 15 24 Power Consumption
0.15W
0.2W
PC332 Rev A 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PAGE 1
PC332
ORDERING INFORMATION
Example: Model Coil Voltage A: Single Side Stable B: Single Coil Latching; C: Dual Coil Latching Coil Sensitivity L: 0.15W; H: 0.2W J: Sensitive 0.075W; M: Sensitive 0.1W * * Sensitive versions J and M are for single coil latching only. PC33205 C L
PC332
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Surge Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight
SINGLE SIDE STABLE SINGLE COIL LATCHING .795 (20.2) max .394 (10.0) max .795 (20.2) max .417 (10.6) max
4 ms. typical 3 ms. typical 1,000 megohms, at 500VDC, 50%RH 1000 Vrms, 1 min. between open contacts 1500 Vrms, 1 min. between coil and contacts 1500 Volts 5 g, 11ms. functional; 10 g, 11ms. destructive 2g Standard 0.15 - 0.2W, 8 grams approx. Sensitive 0.075 - 0.1W -40 to 85 degrees C operating, -40 to 130 degrees C storage
DUAL COIL LATCHING
.394 (10.0) max .417 (10.6) max
.30
.20 .20 1 + 16 4 6 8
(7.62) (5.08)(5.08)
.20 (2.54) .30
.20
.20 .20
(5.08)(5.08) (5.08)
12 ++ -16 15
4
6
8
(7.62)
.30
(7.62)
13
11
9
13
11
9
NOTES
1. All parameters, unless otherwise specified, are measured at a 20 degrees C ambient temperature. 2. For the single coil latching version, the wiring diagram shows the reset position. + on terminal 1 and - on terminal 16 will set. Reverse polarity will reset. 3. For the dual coil latching version, energize 1 and 16 to set and 2 and 15 to reset. _ 4. Tolerances + .010 in. unless otherwise noted _ _ 5. PC board hole diameter for all holes .035 + .005 (.9 + .13)
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of PC322-05BJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X