Part Number Hot Search : 
FR2KL 1A102 LR3114Z LMUN2235 BPX60 BPX60 TC143E DT54F
Product Description
Full Text Search
 

To Download OM4201ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM4201ST/RT/DT
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
16 Amp, 45 Volt Rating Center-Tap Rectifier
FEATURES
* * * * * * * * * Very Low Forward Voltage Low Recovery Charge Rugged Package Design, (JEDEC TO-257AA) High Efficiency For Low Voltage Supplies 45V Blocking @ Rated Tjmax 50V Repetitive Surge Voltage Dual Schottky Rectifier In A Single Isolated Package Available Non-Isolated (OM4201NT); Common Cathode Only Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
The OM4201ST has two Schottky barriers arranged in a common cathode configuration and is ideally suited for a full wave output rectifier in low voltage switching power supplies where small size and high reliablity are required. Common anode and doubler configurations also available. Peak Inverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V Maximum Average D.C. Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 A Peak Surge Current (Non-Repetitive, 8.3mS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 A Peak Reverse Transient Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 A Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 55 C to + 175 C Junction Operating Temperature Range. . . . . . . . . . . . . . . . . . . . . . . - 55 C to + 150 C Package Thermal Resistance, Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . 2.5 C/W
ABSOLUTE MAXIMUM RATINGS (TC = 25C) Per Diode
3.2
SCHEMATIC
1 2 COMMON ANODE 1 2
OMXXXXDT
Common cathode is standard. Contact the factory for performance characteristics for common anode and doubler. Z-Tab package also available.
1
2 COMMON CATHODE
OMXXXXST
3
OMXXXXRT
3 3 DOUBLER
4 11 R5 Supersedes 1 07 R4
3.2 - 15
OM4201ST/RT/DT
ELECTRICAL CHARACTERISTICS (TC = 25C) (Per Diode)
Characteristic Maximum Instantaneous Forward Voltage (1) IF = 10A, TC = 125C IF = 10A, TC = 25C Maximum Instantaneous Reverse Current (1) Rated dc Voltage, TC = 125C Rated dc Voltage, TC = 25C Capacitance VR = 5.0 V
(1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
Symbol VF
Max. 0.70 0.85
Unit V
IR 15 1.0 Ct 500
mA
pf
TYPICAL FORWARD VOLTAGE
IF INSTANTANEOUS FORWARD CURRENT (AMPS) 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF INSTANTANEOUS VOLTAGE (VOLTS)
.035 .025
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX.
T = 150C
J
100C
25C
.150 .140
.750 .500
.005
.100 TYP.
.120 TYP.
3.2
PIN CONNECTION
MAXIMUM REVERSE CURRENT
100 IR REVERSE CURRENT (mA) 10 1.0 0.1 0.0 1 0.0 01 0 10 20 30 40 50 VR REVERSE VOLTAGE (VOLTS)
1 2 3
T = 150C
J
125C 100C 75C 25C
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM4201ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X