Part Number Hot Search : 
LT8606 1N5235B B25667A SM230 OVLLY8C7 2N4443 ZP200 SK2057
Product Description
Full Text Search
 

To Download NTD32N06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTD32N06L Power MOSFET 32 Amps, 60 Volts, Logic Level
N-Channel DPAK
Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits.
Features http://onsemi.com
VDSS 60 V RDS(ON) TYP 23.7 mW N-Channel D ID MAX 32 A
* * * * * * * * *
Smaller Package than MTB30N06VL Lower RDS(on), VDS(on), and Total Gate Charge Lower and Tighter VSD Lower Diode Reverse Recovery Time Lower Reverse Recovery Stored Charge Power Supplies Converters Power Motor Controls Bridge Circuits
Typical Applications
G S 4 Value 60 60 "20 "30 32 22 90 93.75 0.625 2.88 1.5 -55 to +175 313 Unit Vdc Vdc Vdc 12 3 DPAK CASE 369C (Surface Mount) Style 2 4 YWW 32N06L 2 1 3 Drain Gate Source 4 Drain 2 YWW 32N06L 123 Gate Drain Source Package DPAK DPAK Straight Lead DPAK Shipping 75 Units/Rail 75 Units/Rail 2500/Tape & Reel Publication Order Number: NTD32N06L/D 1
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 10 MW) Gate-to-Source Voltage - Continuous - Non-Repetitive (tpv10 ms) Drain Current - Continuous @ TA = 25C - Continuous @ TA = 100C - Single Pulse (tpv10 ms) Total Power Dissipation @ TA = 25C Derate above 25C Total Power Dissipation @ TA = 25C (Note 1) Total Power Dissipation @ TA = 25C (Note 2) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (Note 3) (VDD = 50 Vdc, VGS = 5 Vdc, L = 1.0 mH, IL(pk) = 25 A, VDS = 60 Vdc, RG = 25 W) Thermal Resistance - Junction-to-Case - Junction-to-Ambient (Note 1) - Junction-to-Ambient (Note 2) Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds Symbol VDSS VDGR VGS VGS ID ID IDM PD
MARKING DIAGRAMS
4 Drain
Adc Apk W W/C W W C mJ
TJ, Tstg EAS
3 DPAK CASE 369D (Straight Lead) Style 2 32N06L Y WW Device Code = Year = Work Week
C/W RqJC RqJA RqJA TL 1.6 52 100 260 C
ORDERING INFORMATION
Device NTD32N06L NTD32N06L-1 NTD32N06LT4
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. When surface mounted to FR4 board using 0.5 pad size. 2. When surface mounted to FR4 board using minimum recommended pad size. 3. Repetitive rating; pulse width limited by maximum junction temperature.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
April, 2004 - Rev. 3
NTD32N06L
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 4) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) (VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 4) Gate Threshold Voltage (Note 4) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 4) (VGS = 5 Vdc, ID = 16 Adc) Static Drain-to-Source On-Resistance (Note 4) (VGS = 5 Vdc, ID = 20 Adc) (VGS = 5 Vdc, ID = 32 Adc) (VGS = 5 Vdc, ID = 16 Adc, TJ = 150C) Forward Transconductance (Note 4) (VDS = 6 Vdc, ID = 16 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 5) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VDS = 48 Vdc, ID = 32 Adc, VGS = 5 Vdc) (Note 4) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 20 Adc, VGS = 0 Vdc) (Note 4) (IS = 32 Adc, VGS = 0 Vdc) (Note 4) (IS = 20 Adc, VGS = 0 Vdc, TJ = 150C) (IS = 32 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 4) Reverse Recovery Stored Charge 4. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. 5. Switching characteristics are independent of operating junction temperatures. VSD - - - - - - - 0.89 0.95 0.74 56 31 25 0.093 1.0 - - - - - - mC Vdc (VDD = 30 Vdc, ID = 32 Adc, VGS = 5 Vdc, Vdc ) (Note 4) ) RG = 9.1 W) ( td(on) tr td(off) tf QT Q1 Q2 - - - - - - - 12.8 221 37 128 23 4.5 14 30 450 80 260 50 - - nC ns (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss - - - 1214 343 87 1700 480 180 pF VGS(th) 1.0 - RDS(on) - VDS(on) - - - gFS - 0.48 0.78 0.61 27 0.67 - - - mhos 23.7 28 Vdc 1.7 4.8 2.0 - Vdc mV/C mW V(BR)DSS 60 - IDSS - - IGSS - - - - 1.0 10 100 nAdc 70 62 - - Vdc mV/C mAdc Symbol Min Typ Max Unit
Reverse Recovery Time
trr ta tb QRR
ns
http://onsemi.com
2
NTD32N06L
60 VGS = 10 V ID, DRAIN CURRENT (AMPS) 50 40 30 20 10 0 VGS = 6 V VGS = 3.5 V VGS = 8 V VGS = 3 V VGS = 5 V VGS = 4 V ID, DRAIN CURRENT (AMPS) VGS = 4.5 V
60 VDS > = 10 V 50 40 30 20 TJ = 25C 10 TJ = 100C 0 1 2 3 4 0 1.8 2.2 2.6 3 TJ = -55C 3.4 3.8 4.2 4.6 5
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
Figure 2. Transfer Characteristics
0.042 VGS = 5 V 0.038 0.034 0.03 0.026 0.022 0.018 0.014 0.01 0 10 20 30 40 50 60 TJ = -55C TJ = 25C TJ = 100C
0.042 0.038 0.034 0.03 0.026 0.022 0.018 0.014 0.01 0 10 20 TJ = -55C TJ = 100C TJ = 25C VGS = 10 V
30
40
50
60
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance vs. Drain Current
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 4. On-Resistance vs. Drain Current
1.8 1.6 1.4 1.2 1 0.8 0.6 -50 -25 ID = 16 A VGS = 5 V
10000 VGS = 0 V TJ = 150C IDSS, LEAKAGE (nA) 1000 TJ = 125C
100 TJ = 100C
10 0 25 50 75 100 125 150 175 0 10 20 30 40 50 60 TJ, JUNCTION TEMPERATURE (C) VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current vs. Voltage
http://onsemi.com
3
NTD32N06L
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
4000 3600 C, CAPACITANCE (pF) 3200 2800 2400 2000 1600 1200 800 400 0 10
VDS = 0 V
VGS = 0 V
6 5 4 3 2 1 0 0 ID = 32 A TJ = 25C 4 8 12 16 20 24 Q1 QT VGS Q2
TJ = 25C
Ciss Crss Ciss Coss Crss 5 VGS 0 VDS 5 10 15 20 25
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
1000 IS, SOURCE CURRENT (AMPS) VDS = 30 V ID = 32 A VGS = 5 V t, TIME (ns) tr 100 tf 32 28 24 20 16 12 8 4 0 0.6
Figure 8. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
VGS = 0 V TJ = 25C
td(off)
td(on) 10 1 10 RG, GATE RESISTANCE (W) 100
0.64 0.68 0.72 0.76
0.8
0.84 0.88
0.92 0.96
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation vs. Gate Resistance
EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) 1000 ID, DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 100 dc 10 10 ms 1 ms 100 ms 1 Mounted on 3 sq. FR4 board (1 sq. 2 oz. Cu 0.06 thick single sided) with one die operating,10 s max 0.1 0.1 1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) RDS(on) Limit Thermal Limit Package Limit 350
Figure 10. Diode Forward Voltage vs. Current
ID = 32 A 300 250 200 150 100 50 0 25 50 75 100 125 150 175
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy vs. Starting Junction Temperature
http://onsemi.com
4
NTD32N06L
10 EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED) Normalized to RqJC at Steady State
1
0.1
r(t),
0.01 0.00001
0.0001
0.001
0.01 t, TIME (s)
0.1
1
10
Figure 13. Thermal Response
10 EFFECTIVE TRANSIENT THERMAL RESPONSE (NORMALIZED)
r(t),
Normalized to RqJA at Steady State, 1 square Cu Pad, Cu Area 1.127 in2, 3 x 3 inch FR4 board
1
0.1
0.01 0.00001
0.0001
0.001
0.01
0.1 t, TIME (s)
1
10
100
1000
Figure 14. Thermal Response
http://onsemi.com
5
NTD32N06L
PACKAGE DIMENSIONS
DPAK-3 CASE 369C-01 ISSUE O
-T- B V R
4 SEATING PLANE
C E
DIM A B C D E F G H J K L R S U V Z INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005)
M
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
SOLDERING FOOTPRINT
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
http://onsemi.com
6
NTD32N06L
PACKAGE DIMENSIONS
B V R
4
C E
DPAK-3 CASE 369D-01 ISSUE B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.090 BSC 0.034 0.040 0.018 0.023 0.350 0.380 0.180 0.215 0.025 0.040 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 2.29 BSC 0.87 1.01 0.46 0.58 8.89 9.65 4.45 5.45 0.63 1.01 0.89 1.27 3.93 ---
Z A
3
S -T-
SEATING PLANE
1
2
K
F D G
3 PL
J H 0.13 (0.005)
M
DIM A B C D E F G H J K R S V Z
T
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
http://onsemi.com
7
NTD32N06L
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NTD32N06L/D


▲Up To Search▲   

 
Price & Availability of NTD32N06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X