Part Number Hot Search : 
AD237 74S135PC 337M0 EFEPBF TSOP373 MM1186 AD8608AR MC34066
Product Description
Full Text Search
 

To Download NS8GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS8AT THRU NS8MT
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
TO-220AC
0.185 (4.70) 0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14) 0.175 (4.44)
Forward Current - 8.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High forward current capability High surge current capability Low forward voltage drop Glass passivated chip junction High temperature soldering guaranteed: 260C/10 seconds, 0.160" (4.06 mm) lead length
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14.22) 0.530 (13.46) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 2 0.635 (16.13) 0.625 (15.87) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body over passivated chip Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Torque: 5 in. - lbs. max. Mounting Position: Any Weight: 0.064 ounce, 1.81 grams
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.68)
0.022 (0.56) 0.014 (0.36)
PIN 1 0.205 (5.20) 0.195 (4.95) PIN 2 CASE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
NS8 AT
NS8 BT
NS8 DT
NS8 GT
NS8 JT
NS8 KT
NS8 MT
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 8.0A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range TC=25C TC=100C
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 8.0 125.0 1.1 10.0 100.0 55.0 3.0 -55 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A pF C/W C
NOTES: (1) Measured at 1.0 MHz and applied reversed voltage of 4.0 Volts (2) Thermal resistance from junction to case mounted on heatsink
4/98
RATINGS AND CHARACTERISTIC CURVES NS8AT THRU NS8MT
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
60 HZ RESISTIVE or INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT, AMPERES
10 8.0 6.0 4.0 2.0 0 0
175 150 125
1.0 CYCLE TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
100 75 50 25 0 1 10
NUMBER OF CYCLES AT 60 HZ
50
100
150
CASE TEMPERATURE, C
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
10
TJ=100C
1
TJ=75C
1
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1 0 20 40
TJ=25C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
120
JUNCTION CAPACITANCE, pF
100 80 60 40 20 0 0.1
TJ=25C f=1.0 MHZ Vsig=50mp-p
1
10
REVERSE VOLTAGE, VOLTS
100
1,000


▲Up To Search▲   

 
Price & Availability of NS8GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X