Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download NCP580SQ30T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP580 Ultra-Fast, Low Noise 120 mA CMOS LDO Regulator with Enable
The NCP580 series of low dropout regulators are designed for portable battery powered applications which require precise output voltage accuracy, low quiescent current, and high ripple rejection. These devices feature an enable function which lowers current consumption significantly and are offered in the small SC-82AB package. A 2.2 mF ceramic capacitor or higher is the recommended value to be used with these devices on the output pin.
Features http://onsemi.com MARKING DIAGRAM
SC-82AB SQ SUFFIX CASE 419C 1 1
* * * * * * * * * * * * * *
Ultra-Low Dropout Voltage of 150 mV at 100 mA Low Output Noise of 30 mVrms without Noise Reduction Cap Excellent Line Regulation of 0.02%/V Excellent Load Regulation of 12 mV High Output Voltage Accuracy of "1.5% Low Iq Current of 90 mA Very Low Shutdown Current of 0.1 mA Excellent Power Supply Rejection Ratio of 70 dB at f = 1.0 kHz Wide Output Voltage Range of 1.5 V to 3.3 V Fold Back Protection Circuit Fast Dynamic Performance Low Temperature Drift Coefficient on the Output Voltage of "100 ppm/C Input Voltage up to 6.5 V These are Pb-Free Devices
4
xxx M G G
xxx = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or position may vary depending upon manufacturing location.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
M
Typical Applications
* Portable Equipment * Hand-Held Instrumentation * Camcorders and Cameras
Vin
Vout
- + Vref Current Limit CE GND
Figure 1. Simplified Block Diagram
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 2
Publication Order Number: NCP580/D
NCP580
PIN FUNCTION DESCRIPTION
Pin 1 2 3 4 Symbol Vout GND CE Vin Regulated output voltage. Power supply ground. Chip enable pin. Power supply input voltage. Description
MAXIMUM RATINGS
Rating Input Voltage Input Voltage (CE or CE Pin) Output Voltage Output Current Power Dissipation Operating Junction Temperature Range Storage Temperature Range Symbol Vin VCE Vout Iout PD TJ Tstg Value 6.5 -0.3 to Vin +0.3 -0.3 to Vin +0.3 140 150 -40 to +85 -55 to +150 Unit V V V mA mW C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25C, unless otherwise noted.)
Characteristic Input Voltage Output Voltage (Iout = 1.0 mA to 30 mA) Line Regulation (Iout = 30 mA) (Vout + 0.5 V v Vin v 6.0 V) (Vout = 1.5 V, 2.2 V v Vin v 6.0 V) Load Regulation (Iout = 1.0 mA to 120 mA) Dropout Voltage (Iout = 120 mA) Vout = 1.5 V Vout = 1.8 V Vout = 2.5 V 2.8 V v Vout v 3.3 V Quiescent Current (Iout = 0 mA) Output Current Shutdown Current (Vin = VCE) Output Short Circuit Current (Vout = 0) Ripple Rejection (Iout = 30 mA) f = 1.0 kHz (Vout = 1.5 V, Vin - Vout = 1.2 V) (Vout w 2.5 V, Vin - Vout = 1.0 V) Enable Input Threshold Voltage High Low Output Noise Voltage (Bandwidth = 10 Hz to 100 kHz) Output Voltage Temperature Coefficient (Iout = 30 mA, -40C v TA v 85C) Symbol Vin Vout Regline Min 2.2 Vout X 0.985 - Typ - - Max 6.0 Vout X 1.015 0.10 Unit V V
0.02
%/V
Regload VDO
-
12
40
mV V
- - - - Iq Iout ISD Ilim RR - - 120
0.36 0.28 0.24 0.18 90 - 0.1 40
0.70 0.40 0.35 0.28 160 - 1.0 - mA mA mA mA dB
- - Vthenh Vthenl Vn DVout/DT 1.5 0 - -
75 70 - - 30 "100
- - V Vin 0.3 - - mVrms ppm/C
http://onsemi.com
2
NCP580
TYPICAL CHARACTERISTICS
1.6 OUTPUT VOLTAGE Vout (V) OUTPUT VOLTAGE Vout (V) 1.4 1.2 Vin = 3.5 V 1.0 0.8 0.6 0.4 0.2 0 0 50 100 150 200 Vout = 1.5 V 250 300 0 0 50 100 150 200 1.8 V 2.5 V 2.0 V 3.0 2.5 2.0 3.3 V 1.5 3.1 V 1.0 0.5 Vout = 2.8 V 250 300 3.8 V Vin = 4.8 V
OUTPUT CURRENT Iout (mA)
OUTPUT CURRENT Iout (mA)
Figure 2. Output Voltage vs. Output Current
Figure 3. Output Voltage vs. Output Current
1.6 OUTPUT VOLTAGE Vout (V) 1.5 1.4 Iout = 1.0 mA 1.3 1.2 1.1 Vout = 1.5 V 1.0 1.0 2.0 3.0 4.0 5.0 6.0 Iout = 30 mA Iout = 50 mA OUTPUT VOLTAGE Vout (V)
2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.0 2.0 3.0 4.0 5.0 6.0 Iout = 1.0 mA Iout = 30 mA Iout = 50 mA Vout = 2.8 V
INPUT VOLTAGE Vin (V)
INPUT VOLTAGE Vin (V)
Figure 4. Output Voltage vs. Input Voltage
Figure 5. Output Voltage vs. Input Voltage
100 QUIESCENT CURRENT, Iq (mA) QUIESCENT CURRENT, Iq (mA) 90 80 70 60 50 40 30 20 10 0 0 1.0 2.0 3.0 4.0 Vout = 1.5 V 5.0 6.0
100 90 80 70 60 50 40 30 20 10 0 0 1.0 2.0 3.0 4.0 Vout = 2.8 V 5.0 6.0
INPUT VOLTAGE Vin (V)
INPUT VOLTAGE Vin (V)
Figure 6. Quiescent Current vs. Input Voltage
Figure 7. Quiescent Current vs. Input Voltage
http://onsemi.com
3
NCP580
TYPICAL CHARACTERISTICS
1.54 OUTPUT VOLTAGE, Vout (V) OUTPUT VOLTAGE, Vout (V) 1.53 1.52 1.51 1.50 1.49 1.48 1.47 1.46 -50 -25 0 25 50 Vout = 1.5 V 75 100 Vin = 2.5 V Iout = 30 mA 2.86 2.84 2.82 2.80 2.78 2.76 Vout = 2.8 V 2.74 -50 -25 0 25 50 75 100 Vin = 3.8 V Iout = 30 mA
TEMPERATURE (C)
TEMPERATURE (C)
Figure 8. Output Voltage vs. Temperature
Figure 9. Output Voltage vs. Temperature
120 QUIESCENT CURRENT, Iq (mA) QUIESCENT CURRENT, Iq (mA) 110 100 90 80 70 60 -50 Vout = 1.5 V Vin = 2.5 V 0 50 100
120 110 100 90 80 70 60 -50 Vout = 2.8 V Vin = 3.8 V 0 50 100
TEMPERATURE (C)
TEMPERATURE (C)
Figure 10. Quiescent Current vs. Temperature
Figure 11. Quiescent Current vs. Temperature
1.2 DROPOUT VOLTAGE, VDO (V) 1.0 0.8 0.6 85C 0.4 0.2 0.0 0 25C DROPOUT VOLTAGE, VDO (V) Vout = 1.5 V
0.25 85C 0.20 25C
0.15
0.10
-40C
0.05 Vout = 2.8 V 0.00 0 20 40 60 80 100 120
-40C
20
40
60
80
100
120
OUTPUT CURRENT Iout (mA)
OUTPUT CURRENT Iout (mA)
Figure 12. Dropout Voltage vs. Output Current
Figure 13. Dropout Voltage vs. Output Current
http://onsemi.com
4
NCP580
TYPICAL CHARACTERISTICS
90 RIPPLE REJECTION, RR (dB) 80 70 60 50 40 30 20 10 0 0.1 Vin = 2.5 Vdc + 0.5 Vp-p Cout = Ceramic 2.2 mF 1 10 Vout = 1.5 V 100 Iout = 30 mA Iout = 50 mA 90 RIPPLE REJECTION, RR (dB) 80 70 60 50 40 30 20 10 0 0.1 Vin = 3.8 Vdc + 0.5 Vp-p Cout = Ceramic 2.2 mF 1 10 Vout = 2.8 V 100 Iout = 30 mA
Iout = 1.0 mA
Iout = 1.0 mA
Iout = 50 mA
FREQUENCY, f (kHz)
FREQUENCY, f (kHz)
Figure 14. Ripple Rejection vs. Frequency
Figure 15. Ripple Rejection vs. Frequency
http://onsemi.com
5
NCP580
TYPICAL CHARACTERISTICS
Cout = 1.0 mF
2.83 OUTPUT VOLTAGE, Vout (V) 2.82 Input Voltage 2.81 2.80 2.79 Output Voltage 2.78 2.77 0 10 20 30 40 50 TIME, t (ms) 60 70 80 90 1 0 100 4 3 2 6 5
Cout = 2.2 mF
2.83 OUTPUT VOLTAGE, Vout (V) 2.82 Input Voltage 2.81 2.80 2.79 Output Voltage 2.78 2.77 0 10 20 30 40 50 TIME, t (ms) 60 70 80 90 1 0 100 4 3 2 6 5
Cout = 2.2 mF
2.83 OUTPUT VOLTAGE, Vout (V) 2.82 Input Voltage 2.81 2.80 2.79 Output Voltage 2.78 2.77 0 10 20 30 40 50 TIME, t (ms) 60 70 80 90 1 0 100 4 3 2 6 5
Figure 16. Input Transient Response (Vin = 3.8 V to 4.8 V, Iout = 30 mA, tr = tf = 5.0 ms, Vout = 2.8 V)
http://onsemi.com
6
INPUT VOLTAGE, Vin (V)
INPUT VOLTAGE, Vin (V)
INPUT VOLTAGE, Vin (V)
NCP580
TYPICAL CHARACTERISTICS
Cout = 1.0 mF
3.00 OUTPUT VOLTAGE, Vout (V) 2.95 Output Current 2.90 2.85 2.80 2.75 2.70 14 16 18 20 22 24 TIME, t (ms) 26 28 30 32 34 Output Voltage 50 0 150 100 OUTPUT CURRENT, Iout (mA) OUTPUT CURRENT, Iout (mA) OUTPUT CURRENT, Iout (mA)
Cout = 2.2 mF
3.00 OUTPUT VOLTAGE, Vout (V) 2.95 Output Current 2.90 2.85 2.80 2.75 2.70 14 16 18 20 22 24 TIME, t (ms) 26 28 30 32 34 Output Voltage 50 0 150 100
Cout = 4.7 mF
3.00 OUTPUT VOLTAGE, Vout (V) 2.95 Output Current 2.90 2.85 2.80 2.75 2.70 14 16 18 20 22 24 TIME, t (ms) 26 28 30 32 34 Output Voltage 50 0 150 100
Figure 17. Load Transient Response (Vin = 3.8 V, Iout = 50 mA to 100 mA, tr = tf = 5.0 ms, Cin = 1.0 mF, Vout = 2.8 V)
http://onsemi.com
7
NCP580
APPLICATION INFORMATION
Input Decoupling Output Decoupling
A 1.0 mF ceramic capacitor is the recommended value to be connected between Vin and GND. For PCB layout considerations, the traces of Vin and GND should be sufficiently wide in order to minimize noise and prevent unstable operation.
It is best to use a 2.2 mF or higher capacitor value on the Vout pin. For better performance, select a capacitor with low Equivalent Series Resistance (ESR). For PCB layout considerations, place the output capacitor close to the output pin and keep the leads short as possible.
ORDERING INFORMATION
Device NCP580SQ15T1G NCP580SQ18T1G NCP580SQ25T1G NCP580SQ28T1G NCP580SQ30T1G NCP580SQ33T1G Output Type / Features Active High Active High Active High Active High Active High Active High Nominal Output Voltage 1.5 1.8 2.5 2.8 3.0 3.3 Marking AF AK BF BJ CA CD Package SC-82AB (Pb-Free) SC-82AB (Pb-Free) SC-82AB (Pb-Free) SC-82AB (Pb-Free) SC-82AB (Pb-Free) SC-82AB (Pb-Free) Shipping 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
http://onsemi.com
8
NCP580
PACKAGE DIMENSIONS
SC-82AB SQ SUFFIX CASE 419C-02 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. 419C-01 OBSOLETE. NEW STANDARD IS 419C-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. DIM A B C D F G H J K L N S MILLIMETERS MIN MAX 1.8 2.2 1.15 1.35 0.8 1.1 0.2 0.4 0.3 0.5 1.1 1.5 0.0 0.1 0.10 0.26 0.1 --- 0.05 BSC 0.2 REF 1.8 2.4 INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.008 0.016 0.012 0.020 0.043 0.059 0.000 0.004 0.004 0.010 0.004 --- 0.002 BSC 0.008 REF 0.07 0.09
A G D 3 PL
4 3
C N
S
1 2
B
K
F L
H J 0.05 (0.002)
SOLDERING FOOTPRINT*
1.30 0.512 0.65 0.026
0.90 0.035 0.70 0.028
1.90 0.95 0.075 0.037
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
NCP580
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
NCP580/D


▲Up To Search▲   

 
Price & Availability of NCP580SQ30T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X