Part Number Hot Search : 
AM79C BACT0 T46R65 001456 IM100 212EH 2N222 SI7308DN
Product Description
Full Text Search
 

To Download NAS1581-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NAS1581 100 DEG. FLUSH REDUCED HEAD BOLT
FIRST DASH NO.
-3
NAS1581
THREAD UNJF-3A
.1900-32
"A" DIA "B" DIA MAX MIN
.3047 .2570
"D" DIA
100 DEG. FLUSH REDUCED HEAD BOLT
.1895 .1890 .2495 .2490 .3120 .3115 .3745 .3740 .4370 .4365 .4995 .4990 .5615 .5610 .6240 .6235 MATERIAL : ALLOY STEEL PER NAS498 HEAT TREATMENT : 160,000 - 180, PSI UTS - PER MIL-H-6875 FINISH : Cadmium plating per qq-p-416, TYPE 11 CLASS 2 OR TYPE 1 CLASS 2 CODE: DASH NUMBER DESIGNATES GRIP & LENGTH (SEE CHART BELOW) "W" AFTER DASH NO. DESIGNATES TYPE 1 PLATING. "D'" AFTER DASH NO. INDICATES DRILLED SHANK. EXAMPLE: NAS1204-8, .250 DIA BOLT .500 GRIP TYPE 11 PLATING. NAS1205-10 .3125 DIA BOLT .625 GRIP TYPE 2 PLATING. NAS1205-10W .3125 DIA BOLT .625 GRIP TYPE 1 PLATING. NAS1205-10D .3125 DIA BOLT .625 GRIP DRILLED SHANK TYPE 11 PLATING.
PLATED UNPLATED .1895 .1885 .2495 .2485 .3120 .3110 .3745 .3735 .4370 .4360 .4995 .4985 .5615 .5605 .6240 .6230
-4
.2500-28
.3988
.3504
B A D
-5
.3125-24
.4787
.4289
-6
.3750-24
.5662
.5149
-7B
.4375-20
.6741
.6047
-8
.5000-20
.7611
.6901
-9
.5625-18
.8449
.7655
-10
.6250-18
.9329
.8518
USE TABLES FOR DIAMETERS AND GRIP / OVERALL LENGTHS WHEN ORDERING GRIP DASH NO.
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 34 36 38 40 42 44 46 48
LENGTH .015 THREAD UNJF-3A NAS1581 NAS1581 -3 -4
0.125 0.187 0.250 0.312 0..375 0.438 0.500 0.562 0.625 0.688 0.750 0.812 0.875 0.938 1.000 1.062 1.125 1.188 1.250 1.312 1.375 1.438 1.500 1.562 1.625 1.688 1.750 1.812 1.875 1.938 2.000 2.125 2.250 2.375 2.500 2.625 2.750 2.875 3.000 0.487 0.549 0.613 0.675 0.738 0.801 0.863 0.925 0.988 1.051 1.113 1.175 1.238 1.301 1.363 1.425 1.488 1.551 1.613 1.675 1.738 1.601 1.863 1.925 1.988 2.051 2.113 2.175 2.238 2.301 2.363 2.488 2.613 2.738 2.863 2.988 3.113 3.238 3.363 0.528 0.590 0.653 0.715 0.778 0.841 0.903 0.965 1.028 1.091 1.153 1.215 1.278 1.341 1.403 1.465 1.528 1.391 1.653 1.715 1.778 1.841 1.903 1.965 2.028 2.091 2.153 2.215 2.278 2.341 2.401 2.528 2.653 2.778 2.903 3.028 3.153 3.278 3.403
NAS1581 -5
0.751 0.813 0.876 0.929 1.001 1.061 1.126 1.189 1.251 1.313 1.376 1.439 1.501 1.563 1.626 1.689 1.751 1.813 1.876 1.939 2.001 2.063 2.126 2.189 2.251 2.313 2.376 2.439 2.501 2.626 2.751 2.876 3.001 3.126 3.251 3.376 3.501
NAS1581 -6
0.844 0.906 0.969 1.032 1.094 1.156 1.219 1.282 1.344 1.406 1.496 1.532 1.594 1.656 1.719 1.782 1.844 1.906 1.969 2.032 2.094 2.156 2.219 2.282 2.344 2.406 2.469 2.532 2.594 2.719 2.844 2.969 3.094 3.219 3.344 3.469 3.594
NAS1581 NAS1581 -7 -8
0.925 0.987 1.050 1.113 1.175 1.237 1.300 1.363 1.425 1.487 1.550 1.613 1.675 1.737 1.800 1.863 1.925 1.987 2.050 2.113 2.175 2.237 2.300 2.363 2.425 2.487 2.550 2.613 2.675 2.800 2.925 3.050 3.175 3.300 3.425 3.550 3.675 1.018 1.080 1.143 1.206 1.268 1.330 1.393 1.456 1.518 1.580 1.643 1.706 1.768 1.830 1.893 1.956 2.018 2.080 2.143 2.206 2.268 2.330 2.393 2.456 2.518 2.580 2.643 2.706 2.768 2.893 3.018 3.143 3.268 3.393 3.518 3.643 3.768
NAS1581 -9
NAS1581 -10
1.256 1.319 1.381 1.443 1.506 1.569 1.631 1.693 1.756 1.819 1.881 1.943 2.006 2.069 2.131 2.193 2.256 2.319 2.381 2.443 2.506 2.569 2.631 2.693 2.756 2.819 2.881 3.006 3.131 3.256 3.381 3.506 3.631 3.756 3.001
1.356 1.419 1.491 1.543 1.606 1.669 1.731 1.793 1.856 1.919 1.981 2.043 2.106 2.159 2.211 2.293 2.356 2.419 2.481 2.543 2.606 2.669 2.731 2.793 2.856 2.919 2.981 3.106 3.231 3.356 3.481 3.606 3.731 3.856 3.981
Product information and part numbers shown on these pages are not guaranteed correct by AVIAQUIP PTY. LTD and are subject to cha nge without notice.
9


▲Up To Search▲   

 
Price & Availability of NAS1581-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X