Part Number Hot Search : 
24C04A PC603 MJE800 ICX204AL R1EX2425 331MT HMC952 CY7C132
Product Description
Full Text Search
 

To Download MUR1015FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1005FCT thru MUR1040FCT
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 400 Volts Forward Current 10.0 Amperes
Features
Low power loss, high efficiency Low forward voltage, high current capability High surge capacity Super fast recovery times, high voltage
ITO-220AB
Mechanical Data
Case: ITO-220AB full molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked Standard packaging: Any Weight: 0.08 ounces, 2.24 grams
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 5.0A per element Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance Operating junction and storage temperature range
Notes:
Symbol VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJC TJ, TSTG
MUR 1005F C T 50 35 50
MUR 1010F C T 100 70 100
MUR 1015F C T 150 105 150
MUR 1020F C T 200 140 200 10.0
MUR 1030F C T 300 210 300
MUR 1040F C T 400 280 400
Unit Volts Volts Volts Amps Amps
150.0 0.95 10.0 500 35 62 3.0 -55 to +150 50 1.3
Volts uA nS pF
o
@TC=25oC @TC=100oC
C/W
o
C
1. Pulse test: Pulse width 300 usec, Duty cycle 2%
270
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
271


▲Up To Search▲   

 
Price & Availability of MUR1015FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X