Part Number Hot Search : 
80220 AD62806 P4KE20 XC3142A SAMTEC 15040296 2SJ485 13515J
Product Description
Full Text Search
 

To Download MUR1015CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1005CT thru MUR1040CT
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 400 Volts Forward Current 10.0 Amperes
Features
Low power loss, high efficiency Low forward voltage, high current capability High surge capacity Super fast recovery times, high voltage
TO-220AB
Mechanical Data
Case: TO-220AB full molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked Standard packaging: Any Weight: 0.08 ounces, 2.24 grams
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
MUR 1005C T 50 35 50 MUR 1010C T 100 70 100 MUR 1015C T 150 105 150 10.0 150.0 0.95 10.0 500 35 62 3.0 -55 to +150
o
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 5.0A per element Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance Operating junction and storage temperature range @TC=25oC @TC=100oC
Symbol VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJC TJ, TSTG
MUR 1020C T 200 140 200
MUR 1030C T 300 210 300
MUR 1040C T 400 280 400
Unit Volts Volts Volts Amps Amps
1.3
Volts uA
50
nS pF C/W
o
C
Notes:
1. Pulse test: Pulse width 300 usec, Duty cycle 2%
268
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
269


▲Up To Search▲   

 
Price & Availability of MUR1015CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X