Part Number Hot Search : 
BGF109L P12N5 V844ME07 2SC1127 P12N5 QESM04 1E106 L6566A
Product Description
Full Text Search
 

To Download MSM51V4400E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDD51V4400E-01 This version : Aug. 2000
Semiconductor
MSM51V4400E
1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM51V4400E is a 1,048,576-word x 4-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM51V4400E achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM51V4400E is available in a 26/20-pin plastic SOJ, 26/20-pin plastic TSOP.
FEATURES
* * * * * * * * * 1,048,576-word x 4-bit configuration Single 3.3V power supply, 0.3V tolerance Input Output Refresh : LVTTL compatible, low input capacitance : LVTTL compatible, 3-state : 1024 cycles/16 ms
Fast page mode, read modify write capability CAS before RAS refresh, hidden refresh, RAS-only refresh capability Multi-bit test mode capability Package options: 26/20-pin 300mil plastic SOJ 26/20-pin 300mil plastic TSOP (SOJ26/20-P-300-1.27) (TSOPII26/20-P-300-1.27-K) (Product : MSM51V4400E-xxSJ) (Product : MSM51V4400E-xxTS-K) xx indicates speed rank.
PRODUCT FAMILY
Family MSM51V4400E-70 MSM51V4400E-10 Access Time (Max.) tRAC 70ns 100ns tAA 35ns 50ns tCAC 20ns 25ns tOEA 20ns 25ns Power Dissipation Cycle Time (Min.) Operating (Max.) Standby (Max.) 130ns 180ns 234mW 198mW 1.8mW
1/14
FEDD51V4400E-01
MSM51V4400E
PIN CONFIGRATION (TOP VIEW)
DQ1 DQ2 WE RAS A9
1 2 3 4 5
26 25 24 23 22
VSS DQ4 DQ3 CAS OE
DQ1 DQ2 WE RAS A9
1 2 3 4 5
26 25 24 23 22
VSS DQ4 DQ3 CAS OE
A0 9 A1 10 A2 11 A3 12 VCC 13
18 17 16 15 14
A8 A7 A6 A5 A4
A0 9 A1 10 A2 11 A3 12 VCC 13
18 17 16 15 14
A8 A7 A6 A5 A4
26/20-Pin Plastic SOJ
26/20-Pin Plastic TSOP (K Type)
Pin Name A0-A9 RAS CAS DQ1-DQ4 OE WE VCC VSS
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (3.3 V) Ground (0 V)
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/14
FEDD51V4400E-01
MSM51V4400E
BLOCK DIAGRAM
Timing Generator Timing Generator
RAS CAS
10
Column Address Buffers
10
Column decoders
Write Clock Generator 4
WE OE
Output Buffers 4 4 4 Input Buffers 4
A0-A9
Internal Address Counter
Refresh Control Clock
Sense Amplifiers
4
I/O Selector
4
DQ1-DQ4
10
Row Address Buffers
10
Row Decoders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
3/14
FEDD51V4400E-01
MSM51V4400E
ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VT IOS PD* Topr Tstg Rating - 0.5 to 4.6 50 1 - 10 to 70 - 55 to 150 Unit V mA W C C
*: Ta = 25C
Recommended Operating Conditions
(Ta = - 10 C to 70 C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol Min. 3.0 0 2.0 - 0.3
*2
Typ. 3.3 0
Max. 3.6 0 Vcc + 0.3 0.8
*1
Unit V V V V
VCC VSS VIH VIL
Notes:
*1. The input voltage is VCC + 1.0V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 1.0V when the pulse width is less than 20ns (the pulse width respect to the point at which VSS is applied).
Capacitance
(Vcc = 3.3V 0.3V, Ta = 25C, f=1MHz)
Parameter Input Capacitance (A0 - A9) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ4) Symbol Typ. Max. 5 7 7 Unit pF pF pF
CIN1 CIN2 CI/O
4/14
FEDD51V4400E-01
MSM51V4400E
DC Characteristics
(Vcc = 3.3V 0.3V, Ta = - 10C to 70C)
MSM51V4400 E-70 Min. Output High Voltage Output Low Voltage VOH VOL ILI IOH = -2.0mA IOL = 2.0mA 0V VI VCC+0.3V; Input Leakage Current All other pins not under test = 0V DQ disable 0V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC -0.2V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) ICC6 RAS = cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tPC = Min. 50 40 mA 1, 3 65 55 mA 1, 2 2 2 mA 1 65 55 mA 1, 2 -10 10 -10 10 A 2.4 0 Max. VCC 0.4 MSM51V4400 E-10 Min. 2.4 0 Max. VCC 0.4 V V
Parameter
Symbol
Condition
Unit
Note
Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby)
ILO
-10
10
-10
10
A
ICC1

65

55
mA
1, 2
2 0.5
2 0.5 mA 1
Notes: 1. 2. 3.
ICC Max. is specified as ICC for output open condition. The address can be changed once or less while RAS = VIL. The address can be changed once or less while CAS = VIH.
5/14
FEDD51V4400E-01
MSM51V4400E
AC Characteristic (1/2)
(Vcc = 3.3V 0.3V, Ta = - 10C to 70C) Note1,2,3,11,12
Parameter Symbol tRC tRWC tPC tPRWC tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC MSM51V4400 E-70 Min. Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time 130 185 45 100 0 0 0 3 50 70 70 20 20 10 20 70 5 40 20 15 0 10 0 Max. 70 20 35 40 20 20 20 50 16 10,000 100,000 10,000 50 35 MSM51V4400 E-10 Min. 180 240 60 120 0 0 0 3 70 100 100 25 25 10 25 100 5 50 25 20 0 15 0 Max. 100 25 50 55 25 25 25 50 16 10,000 100,000 10,000 75 50 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 5 6 4, 5, 6 4, 5 4, 6 4 4 4 7 7 3 unit Note
6/14
FEDD51V4400E-01
MSM51V4400E
AC Characteristic (2/2)
(Vcc = 3.3V 0.3V, Ta = - 10C to 70C) Note1,2,3,11,12
Parameter Symbol tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tWRP tWRH tWTS tWRH MSM51V4400 E-70 Min. Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to RAS Precharge time (CAS before RAS) WE Hold Time (CAS before RAS) WE Set-up Time (Test mode) WE Hold Time (Test mode) 15 35 0 0 0 0 10 10 20 20 20 0 15 20 45 60 100 70 5 5 10 10 10 10 10 Max. MSM51V4400 E-10 Min. 20 50 0 0 0 0 15 15 25 25 25 0 20 25 55 85 130 80 5 5 10 10 10 10 10 Max. ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 9 9 9 9 10 10 8 8 9 unit Note
7/14
FEDD51V4400E-01
MSM51V4400E
Notes:
1.
A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. The AC characteristics assume tT = 5ns. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. This parameter is measured with a load circuit equivalent to 1 TTL load and 100pF. The output timing reference levels are VOH = 2.0V (IOH = -2mA) and VOL = 0.8V (IOL = 2mA) Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition and are not referenced to output voltage levels. tRCH or tRRH must be satisfied for a read cycle. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.), tRWD tRWD(Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate.
2. 3.
4.
5.
6.
7.
8. 9.
10. These parameters are referenced to the CAS, leading edges in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet in a 2-bit parallel test function. CA0 is not used. In read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 12. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.
8/14
FEDD51V4400E-01 MSM51V4400E
Timing Chart
* Read Cycle
RAS
VIH VIL tCRP tRCD tRAD
tRC tRAS tRP tCSH tRSH tCAS tRAL tASR tRAH tASC tCAH tCRP
CAS
VIH VIL
Address
VIH VIL VIH VIL VIH VIL
Row
Column
tRCS tAA tROH tOEA tCAC tRAC
tRRH tRCH
WE
OE
tOFF tOEZ
DQ
VOH VOL
tCLZ
Open Valid Data-out
"H" or "L" * Write Cycle (Early Write)
RAS
VIH VIL tCRP tRCD tRAD
tRC tRAS tRP tCSH tRSH tCAS tRAL tASR tRAH tASC tCAH
Column
tCRP
CAS
VIH VIL
Address
VIH VIL
Row
tCWL tWCS tWP tWCH
WE
VIH VIL VIH VIL VIH VIL
tRWL
OE
tDS
tD
Open
DQ
Valid Data-in
"H" or "L"
9/14
FEDD51V4400E-01 MSM51V4400E * Read Modify Write Cycle
tRWC RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAH tASC
Column
tRAS tRP tCSH tRCD tRSH tCAS tCWL tRWL tCRP
tCAH
Row
tRCS tRWD
tCWD tWP tAWD
WE
VIH VIL VIH VIL tRAC tCLZ tCAC tOEZ
Valid Data-out
tAA tOEA tOED
tOEH
OE
tD tDS
Valid Data-in
DQ
VI/OH VI/OL
"H" or "L"
10/14
FEDD51V4400E-01 MSM51V4400E * Fast Page Mode Cycle
tRASP RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC tCAC DQ VOH VOL tCLZ tCPA tOFF tOEZ
Valid Data-out
tRP tPC tRHCP tCP tCAS tRSH tCAS tRAL tASC
Column
tRCD tCAS tRAD tCSH tRAH tASC
tCP
tCRP
tCAH
tASC
tCAH
tCAH
Row
Column
Column
tRCS WE tAA
tRCH tAA tOEA
tRCS
tRCH tAA
tRCS
tRCH
tOEA tCPA tOFF tOEZ
Valid Data-out
tOEA
tRRH
OE
tCAC tCLZ
tCAC tCLZ tOEZ
Valid Data-out
tOFF
"H" or "L" * Fast Page Mode Write Cycle (Early Write)
tRASP RAS VIH VIL VIH VIL tASR Address VIH VIL
Row
tRP tPC tRHPC tCP tCAS tRSH tCAS tRAL tCAH
Column
tCRP
tRCD tCAS tRAD tRAH tASC tCSH tCAH
tCP
tCRP
CAS
tASC
tCAH
tASC
Column
Column
tCWL tWCS tWCH tWP tD
Valid Data-in
tCWL tWCS tWCH tWP tD
Valid Data-in
tCWL tRWL tWCS tWP tWCH
WE
VIH VIL tDS
tDS
tDS
Valid Data-in
tD
DQ
VIH VIL
Note: OE = "H" or "L"
"H" or "L"
11/14
FEDD51V4400E-01 MSM51V4400E * Fast Page Mode Read Modify Write Cycle
tRASP RAS VIH VIL VIH VIL tRAH tASR Address VIH VIL
Row
tCSH tRCD tRAD tASC
Column
tPRWC tCAS tCP tCAS tCAH tCAH tCWL tASC tCWL
Column Column
tRSH tCP tCAS tCAH tASC tCRP
tRP
CAS
tRAL
tRCS WE VIH VIL tRAC tAA
tRWD tCWD tAWD tWP tDH tDS tOEA
tRCS
tCPWD
tCWD tAWD tCPA tAA tOEA tOED tOEZ Out tCLZ In tCLZ tWP tDS tD tAA
tRCS tCPWD tCWD tAWD tROH tCPA tOEA tOED tOEZ Out In
tCWL tRWL
tWP tD tDS
OE
VIH VIL tCAC VI/OH VI/OL tCLZ
tOED tOEZ Out In tCAC
tCAC
DQ
Note: In = Valid Data-in, Out = Valid Data-out
"H" or "L"
*
RAS-only Refresh Cycle
tRC RAS VIH VIL tCRP CAS VIH VIL VIH VIL VOH VOL tAS tRA tRPC tRAS tRP
Address
Row
tOFF
Open
DQ
Note: WE, OE = "H" or "L"
"H" or "L"
12/14
FEDD51V4400E-01 MSM51V4400E * CAS before RAS Refresh Cycle
tRP RAS VIH VIL tRPC tCP tCSR tCHR tWR tWR tRAS
tRC
tRP tRPC
CAS
VIH VIL VIH VIL VOH VOL tOFF
tWR
WE
DQ
Open
Note: WE, OE, Address = "H" or "L"
"H" or "L"
*
Hidden Refresh Read Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAL tAA tROH OE VIH VIL VOH VOL
Open
tRAS tCRP tRCD tRAD tRAH
Row
tRC tRAS tRSH tRP tCHR tRP
CAS
tASC
Column
tCAH
tRCS WE
tCAC
tRRH
tOFF
tOEA tRAC tCLZ
Valid Data-out "H" or "L"
tOEZ
DQ
13/14
FEDD51V4400E-01 MSM51V4400E * Hidden Refresh Write Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL VIH VIL VIH VIL tDS tD tRAD tRAH
Row
tRC tRAS tRSH tRP tCHR tRP
tRAS tCRP tRCD
CAS
tASC
tRAL tCAH
Column
tWCS WE
tWCH tWP
tWR
tWR
OE
DQ
Valid Data-in "H" or "L"
*
Test Mode Initiate Cycle
tRC tRP RAS VIH VIL VIH VIL tWTS WE VIH VIL VIH VIL tOFF Open
Note: OE, Address = "H" or "L" "H" or "L"
tRAS
tRPC tCP tCSR tCHR
CAS
tWTH
DQ
14/14


▲Up To Search▲   

 
Price & Availability of MSM51V4400E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X