Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download MFL2812S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* * * * * * * * * * * * * *
w
w
at .D w
-55 to +125C operation 16 to 40 VDC input Fully Isolated Magnetic feedback Fixed frequency, 600 kHz typical Topology - Single Ended Forward 50 V for up to 50 ms transient protection Inhibit (input & output side) Sync function (in and out) Output trim on single output models Indefinite short circuit protection Remote sense on single output models Up to 87% efficiency / 43 W/in3 Parallelable up to 148 watts
Sh a
et e
4U
DC/DC CONVERTERS om 28 VOLT INPUT .c
MFL SERIES 65 WATT
MODELS
VDC OUTPUT SINGLE 5 12 15 28 DUAL 5 12 15
Size (max): 3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm) Case U Weight: 100 grams maximum Screening: Standard, ES, or 883 (Class H).
DESCRIPTION
The MFL SeriesTM 28-volt DC/DC converters are rated up to 65 watts of output power over a -55C to +125C temperature range with a 28 Vdc nominal input. On dual output models up to 70% of the rated output power can be drawn from either the positive or negative output. Current sharing allows the units to be paralleled for total power of up to 148watts. The welded, hermetically sealed package is only 3.005 x 1.505 x 0.400 inches, giving the series an overall power density of up to 43 watts per cubic inch.
INHIBIT
DESIGN FEATURES
The MFL Series converters are switching regulators that use a quasi-square wave, single ended forward converter design with a constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a transformer in the forward path and a wide bandwidth magnetic coupling in the feedback control loop. The MFL uses a unique dual loop feedback technique that controls output current with an inner feedback loop and an output voltage with a cascaded voltage mode feedback loop. The additional secondary current mode feedback loop improves transient response in a manner similar to primary current mode control and allows for ease of paralleling, but without the cost and complexity. The cascaded constant frequency, pulse-width modulated converters use a quasi-square wave single-ended forward design. Tight load regulation is achieved through a wide-bandwidth magnetic feedback circuit. The output on single MFL models can be trimmed (see Figure 1 for voltage changes with different resistor values).
w
(R)
w
w
t a .D
S a
The MFL Series converters have two TTL compatible inhibit terminals (INH1 and INH2) that can be used to disable power conversion, resulting in a very low quiescent input current and no generation of switching noise. An open collector TTL compatible low (<0.8 volts) is required to inhibit the converter between INH1 (pin 4) and Input Common (pin 2). An open collector TTL compatible low (<0.5 volts) is required to inhibit the converter between INH2 (pin 12) and Output Common (pin 8). The application of intermediate voltages to these pins (1.5 to 10.5 volts) should be avoided.
e h
U t4 e
.c
m o
CURRENT AND PARALLEL OPERATION
Multiple MFL converters may be used in parallel to drive a common load (see Figure 2). In this mode of operation the load current is shared by two or three MFL converters. In current sharing mode, one MFL converter is designated as a master. The SLAVE pin (pin 11) of the master is left unconnected and the MSTR/INH2 pin (pin 12) of the master is connected to the SLAVE pin (pin 11) of the slave units. The units designated as slaves have the MSTR/INH2 pin (pin 12) connected to the SNS RTN pin (pin 9). Figure 2 shows the typical setup for two or three units in parallel. Note that synchronizing the units together (though shown in the figure) is not required for current sharing operation. A second slave unit may be placed in parallel with a master and slave; this requires the TRI pin (pin 3) of the master unit to be connected to the SNS RTN pin (pin 9). When paralleled, 76% of the total combined power ratings of the MFL converters are available at the load. Overload and short circuit performance are not adversely affected during parallel operation.
w
w
w
.D
a
aS t
ee h
4U t
om .c
1
MFL SERIES 65 WATT
ABSOLUTE MAXIMUM RATINGS
Input Voltage * 16 to 40 VDC Power Dissipation (Pd) * 14 watts (16 watts MFL2805S, MFL2805D) Output Power * 50 to 65 watts depending on model Lead Soldering Temperature (10 sec per lead) * 300C Storage Temperature Range (Case) * -65C to +150C
DC/DC CONVERTERS
SYNC AND INHIBIT (INH1, INH2)
Sync In (525 to 675 kHz) * Duty cycle 40% min, 60% max * Logic low 0.8 V max * Logic high 4.5 V min, 9 V max * Referenced to input common * If not used, connect to input common Sync Out * Referenced to input common Inhibit (INH1, INH2) TTL Open Collector * Logic low (output disabled) INH1 referenced to input common Logic low 0.8 V max Inhibit pin current 10 mA max INH2 referenced to output common Logic low 0.5 V max Inhibit pin current 5 mA max * Logic high (output enabled) Open collector
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient * 100 ppm/C typical Input to Output Capacitance * 150 pF, typical Isolation * 100 megohm minimum at 500 V Audio Rejection * 50 dB typical Conversion Frequency * Free run mode 600 kHz typical 550 kHz. min, 650 kHz max * External sync range 525 to 675 kHz Inhibit Pin Voltage (unit enabled) * INH1 = 9 to12 V, INH2 = 6 to 9 V
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range * 16 to 40 VDC continuous * 50 V for 120 msec transient Case Operating Temperature (Tc) * -55C to +125C full power * -55C to +135C absolute Derate Output Power/Current * Linearly from 100% at 125C to 0% at 135C
PINS NOT USED
TR1, Master, and Slave If not used, leave unconnected
Electrical Characteristics: -55C to +125 C1 Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE VOLTAGE 10 k - 2 MHz LINE REGULATION LOAD REGULATION INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT CONDITION Tc = 25C VIN = 16 TO 40 VDC VIN = 16 TO 40 VDC Tc = 25C Tc = -55C to +125C VIN = 16 to 40 VDC NO LOAD TO FULL CONTINUOUS TRANSIENT2 50 ms NO LOAD FULL LOAD INHIBITED - INH1 INHIBITED - INH2 INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT3 10 kHz - 10 MHz Tc = 25C POWER DISSIPATION SHORT CIRCUIT Tc = 25C RECOVERY STEP LOAD RESP. 50% - 100% - 50% TRANSIENT RECOVERY4 16 - 40 - 16 VDC TRANSIENT5 RECOVERY4 DELAY OVERSHOOT MFL2805S MIN 4.95 0 0 -- -- -- -- 16 -- -- -- -- -- -- 77 TYP MAX 5.00 5.05 -- -- 15 30 0 0 28 -- 70 -- 9 35 15 80 10 50 35 50 20 20 40 50 120 2.5 14 70 50 -- MFL2812S MIN TYP MAX 11.88 12.00 12.12 0 0 -- -- -- -- 16 -- -- -- -- -- -- 83 -- -- 30 45 0 0 28 -- 50 -- 9 35 15 86 5 60 75 100 20 20 40 50 80 2.8 14 70 50 -- MFL2815S MIN TYP MAX 14.85 15.00 15.15 0 0 -- -- -- -- 16 -- -- -- -- -- -- 84 -- -- 30 45 0 0 28 -- 50 -- 9 35 15 87 4.33 65 85 110 20 20 40 50 80 3.0 14 70 50 -- MFL2828S1 MIN TYP MAX1 27.72 28.00 28.28 0 0 -- -- -- -- 16 -- -- -- -- -- -- 83 -- -- 100 -- 20 20 28 -- 60 -- 9 35 20 86 2.32 65 200 -- 60 75 40 50 100 2.8 14 70 50 -- mA pp % UNITS VDC A W mV p-p mV mV VDC V mA A mA
-- -- -- -- -- -- -- --
12.5 1.5 250 1.5 250 200 3.5 0
16 4 350 3.0 300 300 6 25
-- -- -- -- -- -- -- --
10 1.5 450 1.5 250 200 3.5 0
14 4 600 3.0 400 300 6 50
-- -- -- -- -- -- -- --
10 1.5 500 1.5 250 200 3.5 0
14 4 600 3.0 400 300 6 50
-- -- -- -- -- -- -- --
7 1.0
14 4
A ms mV pk ms mV pk s ms mV pk
800 1400 1.5 3.0 250 200 3.5 0 800 400 6 100
STEP LINE RESP.
START-UP
Notes 1. MFL2828S specifiications are at 25Tc, contact your Interpoint representative for more information. 2. Unit will shut down above approximately 45V but will be undamaged and will restart when voltage drops into normal range. 3. Indefinite short circuit protection not guaranteed above 125C case.
4. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 5. Transition time 10 s.
(R)
2
DC/DC CONVERTERS
DUAL OUTPUT MODELS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT1 VIN = 16 TO 40 VDC OUTPUT POWER OUTPUT RIPPLE VOLTAGE +/- VOUT LINE REGULATION VIN = 16 TO 40 VDC LOAD REGULATION NO LOAD TO FULL CROSS REGULATION Tc = 25C INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT Tc = 25C 10 kHz - 2 MHz +VOUT -VOUT +VOUT -VOUT SEE NOTE 2 SEE NOTE 3 CONTINUOUS TRANSIENT4 50 ms. NO LOAD FULL LOAD INHIBITED - INH1 INHIBITED - INH2 10 kHz - 10 MHz BALANCED LOAD POWER DISSIPATION SHORT CIRCUIT RECOVERY 50 %-100%- 50% LOAD TRANSIENT RECOVERY6 16 - 40 - 16 VIN TRANSIENT7 RECOVERY6 DELAY OVERSHOOT -- -- -- -- -- -- -- 16 0 -- -- -- -- -- 77 -- -- -- -- -- -- -- -- 50 0 25 0 25 5 3 28 -- 50 -- 9 35 15 80 12.5 1.5 250 1.5 250 200 3.5 0 6 40 50 120 14 70 50 -- 16 4.0 350 3.0 300 300 6 25 100 50 100 50 100 8 -- -- -- -- -- -- -- 16 0 -- -- -- -- -- 83 -- -- -- -- -- -- -- -- 2 28 -- 50 -- 9 35 15 86 10 1.5 450 1.5 250 200 3.5 0 50 0 25 10 50 2 4 40 50 100 2.80 14 70 50 -- 14 4.0 600 3.0 400 300 6 50 120 50 100 100 120 4 -- 16 0 -- -- -- -- -- 84 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 2 28 -- 50 -- 9 35 15 87 10 1.5 500 1.5 250 200 3.5 0 50 0 25 10 50 2 4 40 50 100 3.00 14 70 50 -- 14 4.0 600 3.0 400 300 6 50 150 50 100 100 150 4 CONDITIONS +VOUT Tc = 25C -VOUT EACH OUTPUT TOTAL OUTPUT VIN = 16 TO 40 VDC MFL2805D MIN TYP MAX 4.95 5.00 5.05 4.92 5.00 5.08 0 0 0 -- -- -- 7 10 50 MFL2812D MIN TYP MAX 11.88 12.00 12.12 11.82 12.00 12.18 0 0 0 -- -- -- 3.5 5 60 MFL2815D MIN TYP MAX 14.85 15.00 15.15 14.77 15.00 15.23 0 0 0 -- -- -- 3.03 4.34 65
MFL SERIES 65 WATT
UNITS VDC A W
Electrical Characteristics: -55C to +125C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
mV p-p mV
mV % VDC V mA A mA mA p-p % W ms mV pk ms mV pk s ms mV p
INPUT RIPPLE CURRENT EFFICIENCY 25C Tc LOAD FAULT5 Tc = 25C STEP LOAD RESPONSE VOUT STEP LINE RESPONSE VOUT START-UP
Notes 1. Up to 70% of the total output power is available from either output providing the opposite output is simultaneously carrying 30% of the total power. 2. Effect on the negative output under the following conditions: +Pout 30% to 70%; -Pout 70% to 30% 3. Effect on the negative output under the following conditions: +Pout 50%; -Pout 10% to 50%
4. Unit will shut down above approximately 45V but will be undamaged and will restart when voltage drops into normal range. 5. Indefinite short circuit protection not guaranteed above 125C case. 6. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 7. Transition time 10 s.
(R)
3
MFL SERIES 65 WATT
28V + -
DC/DC CONVERTERS
SINGLE OUTPUT MODELS CONNECTION DIAGRAMS - SENSE AND PARALLEL
1 2 3 Inhibit Sync In 4 5 6 MSTR/INH2 12 Slave 11 Pos. Sense 10 9 8 7 + RL Positive Input Input Common TR1 INH1 Sync Out Sync In
Sense Return Output Common Positive Output
-
REMOTE SENSE CONNECTION 1 2 3 Inhibit Sync In 4 5 6 MSTR/INH2 12 11 Slave 10 Pos. Sense 9 Sense Return 8 Output Common 7 Positive Output
28V
+ -
Positive Input Input Common TR1 INH1 Sync Out Sync In
RA - + RL
OUTPUT VOLTAGE ADJUST CONNECTION VOUT INCREASE (VOLT) 0.1 0.2 0.3 0.4 0.5 RA (OHMS) 12-V 15-V 25 20 50 75 100 125 40 60 80 100
5-V 70 140 210 280 350
FIGURE 1: SENSE CONNECTIONS AND TRIM TABLE
28V
+ -
1 2 3 4 5 6
Positive Input Input Common TR1 INH1 Sync Out Sync In
MSTR/INH2 12 Slave 11 Pos. Sense Sense Return 10 9 8 7 + RL -
Inhibit Sync In
MASTER
Output Common Positive Output
CONNECT ONLY WHEN 2 SLAVES ARE USED 1 2 3 4 5 6 Positive Input Input Common TR1 INH1 Sync Out Sync In MSTR/INH2 12 Slave 11 Pos. Sense 10 Sense Return 9 Output Common 8 Positive Output 7
SLAVE 1
1 2 3 4 5 6
Positive Input Input Common TR1 INH1 Sync Out Sync In
MSTR/INH2 12 Slave 11 Pos. Sense 10 Sense Return 9 Output Common 8 Positive Output 7
SLAVE 2
FIGURE 2: PARALLEL CONNECTIONS
(R)
4
DC/DC CONVERTERS
PIN OUT Pin 1 2 3 4 5 6 7 8 9 10 11 12 Single Output Positive Input Input Common Triple (TRI) Inhibit 1 (INH1) Sync Out Sync In Positive Output Output Common Sense Return Positive Sense Slave Master/ Inhibit 2 MFL2828S Positive Input Input Common Triple (TRI) Inhibit 1 (INH1) Sync Out Sync In Positive Output No connection Output Common No connection Slave Master/ Inhibit 2 Dual Output Positive Input Input Common Triple (TRI) Inhibit 1 (INH1) Sync Out Sync In Positive Output Output Common Negative Output No connection Slave Master / Inhibit 2 Angled corner indicates pin one.
MFL SERIES 65 WATT
1 2 3 4 5 6
12 11
TOP VIEW MFL (Pin side, marked side)
10 9 8 7
See Section B8, case U1, for dimensions. Pin 6 should be connected to input common if external sync (Sync In) is not used. Sense pins must be connected to their respective outputs if not used.
FIGURE 3: PIN OUT
SMD NUMBERS MODEL NUMBERING KEY
MFL Base Model Input Voltage Output Voltage Number of Outputs (S = single, D = dual) Screening (Standard screening has no designator in this position.) 28 05 S / ES
STANDARD MICROCIRCUIT DRAWING (SMD) 5962-9316301HXC 5962-9316201HXC 5962-9316101HXC IN PROCESS 5962-9319101HXC 5962-9319201HXC 5962-9319301HXC
MFL SERIES SIMILAR PART MFL2805S/883 MFL2812S/883 MFL2815S/883 MFL2828S/883 MFL2805D/883 MFL2812D/883 MFL2815D/883
For exact specifications for an SMD product, refer to the SMD drawing. See Section A3, SMDs, for more information.
Typical Performance Curves: 25C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
90 85 16V 90 85 16V 90 85 16V
Efficiency (%)
Efficiency (%)
Efficiency (%)
80 75
28V
80 75 70 65
28V
80 75 70 65 40V
28V
40V 70 65 60 10 20 30 40 50
40V
Output (Watts)
60 10
20
30
40
50
60
60 10
20
30
40
50
60 65
Output Power (Watts)
Output Power (Watts)
MFL2805S & MFL2805D Efficiency
MFL2812S & MFL2812D Efficiency
MFL2815S & MFL2815D Efficiency
FIGURE 4
FIGURE 5
FIGURE 6
(R)
5
MFL SERIES 65 WATT
90 16 VIN 85 80 75 70 65 60 0 10 20 30 40 50 60 70 40 VIN 28 VIN
DC/DC CONVERTERS
0. 20.
Typical Performance Curves: 25C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Attenuation (dB)
Efficiency (%)
100mV/div. 20V/div.
Vout
40. 60. 80.
Vin
100. 0.1
1
10
100
Output Power (Watts)
Frequency (kHz)
MFL2828S Efficiency
MFL Series Audio Rejection
50 s/div 16 to 40 V
MFL2805S Step Line Response
FIGURE 7
FIGURE 8
FIGURE 9
100% to 50%
20V/div.
Vin
20V/div. 100mV/div.
1ms/div No Load
Vin +Vout
100mV/div.
1V/div.
50% to 100%
Vout
-Vout
1ms/div
MFL2805S Step Load Response
MFL2805S Turn On Response
50 s/div 16 to 40 V
MFL2815D Step Line Response
FIGURE 10
FIGURE 11
8
FIGURE 12
20V/div.
50% to 100%
-Pout = 32.5W
-Vout Voltage Change (%)
6 4 2 0 -2 -4 -6 -8 30 40 50 60 70 MFL2805D MFL2812D MFL2815D
VIN
+Vout
200mV/div.
100% to 50%
5V/div.
-Vout
1ms/div
MFL2815D Step Load Response
1ms/div No Load
MFL2815D Turn On Response
Output Load (%) +Pout 80 to 20 %, -Pout 20 to 80%
Cross Regulation
FIGURE 13
16 MFL2815S & 15D
FIGURE 14
FIGURE 15
Input Voltage (Volts)
15 14 13
MFL2805S & 5D 12 MFL2812S & 12D 11 10 20 30 40 50 60 65
Output Power (Watts)
Low Line Dropout
FIGURE 16
(R)
6
DC/DC CONVERTERS
Angled corner indicates pin one
MFL SERIES 65 WATT
1.505 max (38.23)
CASE U TOP VIEW (PIN SIDE) See Figure 18 for dimensions
3.005 (76.33) max.
Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal
FIGURE 17: CASE U MAXIMUM DIMENSIONS
Angled corner indicates pin one. 1.505 (38.23) max. 1.380 (35.05) 1.250 (31.75) 1.050 (26.67) 0.850 (21.59) 0.650 (16.51) 0.450 (11.43) 0.250 (6.35) 0.120 (3.05) 0.000
Seam Seal
0.23 (5.8) Lead Length 0.128 dia (3.25). 0.040 dia (1.02) 1 2 3 12 11 10
TOP VIEW CASE U
4 5 6 9 8 7
2.750 (69.85)
2.880 (73.15) 3.005 (76.33) max.
0.000
0.120 (3.05) 0.250 (6.35)
0.410 (10.41) max.
FIGURE 18: CASE U CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places, 0.01 (0.2) for two decimal places unless otherwise specified Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
(R)
0.050 (1.27) 0.000
0.220 (5.59
7
MFL SERIES 65 WATT
TEST PRE-CAP INSPECTION Method 2017, 2032
DC/DC CONVERTERS ENVIRONMENTAL SCREENING
STANDARD /ES /883 (Class H)* yes yes yes
TEMPERATURE CYCLE (10 times) Method 1010, Cond. C, -65C to 150C Method 1010, Cond. B, -55C to 125C CONSTANT ACCELERATION Method 2001, 3000 g Method 2001, 500 g BURN-IN Method 1015, 160 hours at 125C 96 hours at 125C case (typical) FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 through 6: -55C, +25C, +125C Subgroups 1 and 4: +25C case HERMETICITY TESTING Fine Leak, Method 1014, Cond. A Gross Leak, Method 1014, Cond. C Gross Leak, Dip (1 x 10-3) FINAL VISUAL INSPECTION Method 2009
no no
no yes
yes no
no no
no yes
yes no
no no
no yes
yes no
no yes
no yes
yes no
no no yes
yes yes no
yes yes no
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. *883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature range of -55C to +125C.
Contact Information: Interpoint Headquarters USA Phone: 1-800-822-8782 +425-882-3100 Email: power@intp.com
www.interpoint.com Interpoint UK Phone: +44-1252-872266 Email: poweruk@intp.com Interpoint France Phone: +33-134285455 Email: powerfr@intp.com
8
20022-001-DTS Rev B All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MFL Series is a trademark of Interpoint. Copyright (c) 1994 - 2003 Interpoint. All rights reserved.
(R)


▲Up To Search▲   

 
Price & Availability of MFL2812S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X