Part Number Hot Search : 
12319 BDS943 GPJ10K 0401023 AMS4041A AN6655S MM1252B MC12074D
Product Description
Full Text Search
 

To Download MC2404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNOLOGIES INC.
Thin Film
Passives
RF Components
Electro-Optics
Subsystem
C-BAND SOLID STATE POWER AMPLIFIERS
F E AT U R E S
* * * * * * C -Band Frequency Output Power: 5 W, 10 W, 20 W High Gain > 53 dB High Linearity Low Noise Figure Unconditionally Stable
PA C K A G I N G
* * * * * * Hermetically Sealed Input/Output SMA Connectors Coaxial or Waveguide Interface OMT or Bracket Mount Low Profile Weather proof Outdoor Enclosure
A P P L I C AT I O N S
* Private Data Network * Voice Communications * Transaction Data Interchange
Nanowave Technologies Inc. 425 Horner Avenue, Etobicoke, Ontario M8W 4W3 Canada Tel: 416.252.5602 Fax: 416.252.7077 www.nanowavetech.com
OUTLINE DIAGRAM
TC
CHARACTERISTICS
MODEL
Frequency Small Signal Gain Gain Variation Full Band Per 2MHz Per 40 MHz Gain vs Temp. Gain - 7.3 GHz P1dB Max Input Power rd 3 Order Intercept Point
MODEL MC2393, MC2404, MC2405
MC2404
5.850 - 6.425 GHz 56 dB typ. at 25 C <3.0 dBp -p/575 MHz at P1dB <0.1 dBp -p/2 MHz <0.4 dBp -p/40 MHz <2 dB change over -40C to 75 C at any si ngle freq. (temp. measured at baseplate) < 5 dB >10 W (+40.0 dBm) at +75 C baseplate + 10 dBm > +48 dBm measured for two +34 dBm carriers at +25 C +12 to +13 VDC < 7.0 A at +25 C Solder terminal feedthru capacitor with ground terminal or lug. Meets all specs with up to 100 mV p -p at 50 - 1200 kHz ac input ripple 15 dBm min 15 dBm min SMA-Female (N -Type O ptional) SMA-Female (N -Type Optional) -40 dBc 1.0 dB 2.0 - 2.3 V 10 dB max * -70 dBc 5.8 -6.4 GHz at P1dB -3dB * -70 dBc at 10.95 -12.75 GHz * -70 dBc at 3.7 -4.2 GHz -50 dBc Unconditionally stable into any load/source condition < 3 /dB at P1dB -40C to +65 C baseplate -54C to +85 C 5 to 95% (housing is laser sealed) No permanent damage after 2 ft drop onto a ?" plywood surface on concrete > 50 000 hrs
MC2405
5.850 - 6.425 GHz 59 dB typ. at 25 C <2.0 dBp -p/575 MHz at P1dB <0.1 dBp -p/2 MHz <0.4 dBp -p/40 MHz <2 dB change over -40C to 75 C at any single freq. (temp. measured at baseplate) < 5 dB >20 W (+43.0 dBm) at +75 C baseplate + 10 dBm > +51 dBm measured for two +37 dBm carriers at +25 C +12 to +13 VDC 12 A at +25 C Solder terminal feedthru capacitor with ground terminal or lug. Meets all specs with up to 100 mV p -p at 50 - 1200 kHz ac input ri pple 15 dBm min 15 dBm min SMA-Female (N -Type Optional) SMA-Female (N -Type Optional) -40 dBc 1.0 dB 2.0 - 2.3 V 10 dB max * -70 dBc 5.8 -6.4 GHz at P1dB -3dB * -70 dBc at 10.95 -12.75 GHz * -70 dBc at 3.7 -4.2 GHz -50 dBc Unconditionally stable into any load/source condition < 3 /dB at P1dB -40 C to +65 C baseplate -54 C to +85 C 5 to 95% (housing is laser sealed) No permanent damage after 2 ft drop onto a ?" plywood surface on concrete > 50 000 hrs
MC2393
5.850 - 6.425 GHz 53 dB typ. at 25 C <3.0 dBp -p/575 MHz at P1dB <0.1 dBp -p/2 MHz <0.4 dBp -p/40 MHz <2 dB change over -40C to 75 C at any single freq. (temp. measured at baseplate) < 5 dB >5 W (+37.0 dBm) at +75 C baseplate + 10 dBm > +45 dBm me asured for two +31 dBm carriers at +25 C +12 to +13 VDC < 5.0 A at +25 C Solder terminal feedthru capacitor with ground ter minal or lug. Meets all specs with up to 100 mV p -p at 50 - 1200 kHz ac input ripple 15 dBm min 18 dBm min SMA-Female (N -Type Optional) SMA-Female (N -Type Optional) -40 dBc 1.0 dB 2.0 - 2.3 V 10 dB max * -70 dBc 5.8 -6.4 GHz at P1dB -3dB * -70 dBc at 10.95 -12.75 GHz * -70 dBc at 3.7 -4.2 GHz -50 dBc Unconditionally stable into any load/source condition < 2 /dB at P1dB -40C to +65 C baseplate -54C to +85 C 5 to 95% (housing is laser sealed) No permanent damage after 2 ft drop onto a ?" plywood surface on concrete > 50 000 hrs
Voltage Current (typ.) Connector DC Inp.Ripple
Input Return Loss Output Return Loss Inp. Connector Output Connector RF Detector DC Indicator Noise Figure Spurious
Harmonics Stability AM/PM Conversion Temperature Operating Storage Humidity Shock/vibration
MTBF
Specifications are subject to change without notification. Consult Nanowave Technologies, Inc. for specific applications/requirements.
TECHNOLOGIES INC.
Thin Film
Passives
RF Components
Electro-Optics
Subsystem


▲Up To Search▲   

 
Price & Availability of MC2404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X