Part Number Hot Search : 
LM7915 BD46311G 37105 L1015 1N414 2SA1738R LYU300 23C2048
Product Description
Full Text Search
 

To Download MBR16XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR16XX, MBRF16xx & MBRB16xx Series
Reverse Voltage 35 to 60 Volts Schottky Barrier Rectifiers Forward Current 16.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AC
ITO-220AC
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
366
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted ) Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=125oC Peak repetitive forward current (rated VR, sq. wave, 20KHz) at TC=125oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2.0us, 1KHz Voltage rate of change (rated VR) Maximum instantaneous forward voltage (Note 4) at IF=16A, TC=25oC at IF=16A, TC=125oC Maximum instantaneous reverse current at rated DC blocking voltage (Note 4) TC=25oC TC=125oC IR 40 RJC VISOL TJ TSTG 50
o
Symbol VRRM VRWM V DC IF(AV) IFRM IFSM IRRM dv/dt
MBR1635 35 35 35
MBR1645 45 45 45 16 32 150 1.0
MBR1650 50 50 50
MBR1660 60 60 60
Unit Volts Volts Volts Amps Amps Amps
0.5 1,000
Amps V/us
10,000
VF
0.63 0.57 0.2
0.75 0.65 1.0
Volt
mA
Typical thermal resistance from junction to case RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range Notes:
MBR 1.5 / MBRF 3.0 / MBRB 1.5 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +150 -55 to +150
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
367
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
368


▲Up To Search▲   

 
Price & Availability of MBR16XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X