Part Number Hot Search : 
MAX97 BRF1045 BL3102 DS26900N AN5764N 1600C TSH8007 GPSGM
Product Description
Full Text Search
 

To Download MBR10XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR10XX, MBRF10xx & MBRB10xx Series
Reverse Voltage 35 to 60 Volts Schottky Barrier Rectifiers Forward Current 10.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AC
ITO-220AC
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
344
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted )
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current (See Fig. 1) Peak repetitive forward current (sq. wave, 20KHz) at TC=135oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2.0us, 1KHz Voltage rate of change (rated VR) Maximum instantaneous forward voltage (Note 4) at IF=10A, TC=25oC at IF=10A, TC=125oC at IF=20A, TC=25oC at IF=20A, TC=125oC Maximum instantaneous reverse current at rated DC blocking voltage (Note 4) TC=25 C TC=125oC
o
Symbol VRRM VRWM V DC IF(AV) IFRM IFSM IRRM dv/dt
MBR1035 35 35 35
MBR1045 45 45 45 10 20 150 1.0
MBR1050 50 50 50
MBR1060 60 60 60
Unit Volts Volts Volts Amps Amps Amps
0.5 10,000
Amps V/us
VF 0.57 0.84 0.72 0.10 IR 15 RJC VISOL TJ TSTG
0.80 0.70 0.95 0.85 mA Volts
Maximum thermal resistance from junction to case RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
MBR 2.0 / MBRF 4.0 / MBRB 2.0 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +150 -55 to +150
o
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
345
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
346


▲Up To Search▲   

 
Price & Availability of MBR10XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X