Part Number Hot Search : 
SD161 SMT06C DT5A143E 1N6296A AH1807 DT5C124E SFF2004 B4812
Product Description
Full Text Search
 

To Download LPO2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 208-1
SMT Power Inductors - LPO2506 Series
With an above-board height of just 1,19 mm, this is our thinnest power inductor series, perfect for PC Card or other low profile applications. The LPO2506 comes in two styles. One is a standard on-board design that is 1,65 mm high. The second uses Coilcraft's InBoard(R) Technology. By dropping the inductor core through a hole in the circuit board, the above-board height is reduced to 1,19 mm. (Custom designs can reduce this even further to a maximum of 0,9 mm, depending on board thickness.) Coilraft Designer's Kit C332 contains samples of all inboard values shown; Kit C333 contains all on-board values. To order, contact Coilcraft, or purchase them online at http://order.coilcraft.com.
In-board style part number1 LPO2506I-472L_ LPO2506I-682L_ LPO2506I-822L_ LPO2506I-103L_ LPO2506I-153L_ LPO2506I-223L_ LPO2506I-333L_ LPO2506I-473L_ LPO2506I-683L_ LPO2506I-104L_ LPO2506I-154L_ LPO2506I-224L_ LPO2506I-334L_ LPO2506I-474L_ LPO2506I-684L_ LPO2506I-105L_
On-board style part number1 LPO2506O-472L_ LPO2506O-682L_ LPO2506O-822L_ LPO2506O-103L_ LPO2506O-153L_ LPO2506O-223L_ LPO2506O-333L_ LPO2506O-473L_ LPO2506O-683L_ LPO2506O-104L_ LPO2506O-154L_ LPO2506O-224L_ LPO2506O-334L_ LPO2506O-474L_ LPO2506O-684L_ LPO2506O-105L_
L 20%2 (H) 4.7 6.8 8.2 10 15 22 33 47 68 100 150 220 330 470 680 1000
DCR max (Ohms) 0.145 0.165 0.200 0.240 0.300 0.420 0.550 0.765 1.10 1.60 2.50 3.65 4.65 6.75 9.15 14.20
SRF typ (MHz) 90 75 65 60 45 35 30 22 20 15 12 10 8.0 6.5 5.5 4.5
Isat3 (A) 1.6 1.3 1.0 1.0 0.90 0.70 0.60 0.50 0.40 0.30 0.25 0.22 0.18 0.14 0.12 0.10
Irms4 (A) 1.9 1.7 1.5 1.5 1.3 1.0 0.90 0.70 0.60 0.50 0.40 0.32 0.28 0.24 0.20 0.16
1. When ordering, please specify packaging code:
LPO2506I-105LD Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead.
2. 3. 4. 5. 6.
Tested at 100 kHz, 0.1 Vrms, 0 Adc. DC current at which the inductance drops 10% (typ) from its value without current. Average current for a 40C rise above 25C ambient. Operating temperature range -40C to +85C. Electrical specifications at 25C.
Specifications subject to change without notice. Please check our website for latest information.
Document 208-1
Revised 05/23/05
(c) Coilcraft, Inc. 2006
Document 208-2
SMT Power Inductors - LPO2506 Series
Typical L vs Frequency Typical L vs Current
On-board Style
103
0.360 max 9,14
Dash number
Land Pattern
0.048 1,21 0.284 7,24
0.310 max 7,87
0.190 4,83
0.205 5,21 0.254 max 6,45 0.065 max 1,65
0.230 5,84
0.285 max 7,24
0.030 0,76
0.380 max 9,65
In-board Style
0.360 max 9,14 0.254 max 6,45
0.061max 1,55
Land Pattern
0.048 1,21 0.284 7,24
0.310 max 7,87
0.190 4,83
0.205 5,21
0.230 5,84 0.047 max 1,19
0.284 7,21 hole through board
Mounting plane: through board 0.285 max 7,24 0.030 0,76
0.380 max 9,65
Terminations: Silver-palladium-platinum-glass frit Weight: 0.24 - 0.26 g Tape and reel: 1000/13 reel 16 mm tape width For packaging data see Tape and Reel Specifications section.
Specifications subject to change without notice. Please check our website for latest information.
Document 208-2
Revised 05/19/06
(c) Coilcraft, Inc. 2006


▲Up To Search▲   

 
Price & Availability of LPO2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X