Part Number Hot Search : 
CAT59C11 5KE10 E561UAP POWER FT5754 EL2150 E002665 245AD
Product Description
Full Text Search
 

To Download LL103B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL 103A ... LL 103C Silizium-Schottky-Dioden fur die Oberflachenmontage 0.2 A 20...40 V SOD 80 DO-213AA 0.05 g see page 18 siehe Seite 18
Surface Mount Si-Schottky Barrier Diodes Nominal current Nennstrom
0.3
0.1
1.45
Repetitive peak reverse voltage Periodische Spitzensperrspannung Glass case MiniMELF Glasgehause MiniMELF Weight approx.- Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
3.5
Type
0.1
Dimensions / Mae in mm
Maximum ratings and Characteristics Type Typ LL 103C LL 103B LL 103A Repetitive peak reverse voltage Period. Spitzensperrspannung VRRM [V] 20 30 40
0.3
0.1
Grenz- und Kennwerte Forward voltage Durchlaspannung VF [V] / IF = 20 mA VF [V] / IF = 200 mA < 0.37 < 0.37 < 0.37 < 0.6 < 0.6 < 0.6
Power dissipation - Verlustleistung Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Leakage current - Sperrstrom Junction capacitance Sperrschichtkapazitat Reverse recovery time Sperrverzug Tj = 25/C VR = 0 V
TA = 25 /C TA = 25/C VR = VRRM f = 1 MHz
Ptot IFSM IR Ctot trr Tj TS RthA
400 mW1) 15 A < 5 :A typ. 50 pF typ. 10 ns +125/C - 55...+175/C < 300 K/W 1)
IF = 200 mA through/uber IR = 200 A to/auf IR = 20 mA
Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
Valid provided that terminals are kept at ambient temperature Gultig wenn Anschlusse auf Umgebungstemperatur gehalten werden 01.10.2002
)
167


▲Up To Search▲   

 
Price & Availability of LL103B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X