Part Number Hot Search : 
100GA DTB3C 10U100 I2000RW MIC25 35ACP 28000 XFHCL
Product Description
Full Text Search
 

To Download KIR-1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT Reflective Photo Interrupter Perception Color
(KIR-1001A,1002A,1003A)
Description
- It is applied mini opto sensor to Printers or Copiers. : Size : 4.0mm*3.0mm - It is high-performance standard type. : Combines a high-output Visable LED with a high sensitivity phototransistor. - High reliability, Low power dissipation and Long life span. - It is designed for use in general electric equipments such as OA, Household appliances, Industrial sensor, etc.
Features
- compact(4.0mm) - Easy to mount on P.C.B. - High performance - High speed response - Widely applicable
Outline Dimensions
Application
- Color Detector Sensor - Printers - Copiers
Characteristics
Parameter Forward voltage Reverse Current Capacitance Peak wavelength Collector Dark Current Leakage Current Transmission Collector-Emitter Saturation Voltage Rise Time Symbol VF IR CT eP ICEO ICEOD VCE(Sat) tr 1001A 2.0 Max. 10 25 639 Max. 100 Max. 10 Max. 0.4 50 1002A 2.1 572 1003A 3.7 474 V Unit V
[Ta = 25E] Condition IF = 20I VR = 5V f = 1O VCE = 10V 0 Lux VCE = 5V, IF=20I (Shading) IF=20,IC=0.1 Vcc=5V, IC= 0.1 I RL = 1U
Input
Output
Response Time
Issued Date : Jun. 2004


▲Up To Search▲   

 
Price & Availability of KIR-1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X