Part Number Hot Search : 
BY396 HME1468 11D88 30NS04 HT2812B WRA2405 Z5240 TS2012FC
Product Description
Full Text Search
 

To Download KBL005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL005 THRU KBL10
SINGLE-PHASE SILICON BRIDGE Reverse Voltage - 50 to 1000 Volts Forward Current - 4.0 Amperes
Features
Ideal for printed circuit board Surge overload rating - 150 amperes peak Mounting Position: Any Lead: Silver-plated copper Plastic material has Underwriters Laboratory Flammability Classification 94V-0
D IM E N S IO N S D IM A B C D E F G H J 0 .2 0 0 T y p . in c h e s M in . 0 .6 0 5 0 .7 5 0 0 .7 3 0 0 .2 3 5 M ax. 0 .8 2 5 0 .7 7 0 0 .2 6 5 M in . 1 5 .3 6 7 19 1 8 .5 4 2 5 .9 7 mm M ax. 1 6 .3 8 3 1 9 .5 5 8 6 .7 3 N o te
0 .0 7 0 T y p . 0 .1 9 0 0 .0 4 8 0 .2 1 0 0 .0 5 2
1 .7 7 8 T y p . 4 .8 3 1 .2 2 5 .3 3 1 .3 2
0 .1 5 6 x 4 5 o 5 .0 8 T y p .
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Units
Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum DC blocking voltage Maximum average forward output current at TA=50 (Note 1) Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load Maximum forward Voltage drop per bridge element at 3.0A peak Maximum DC reverse current at rate DC blocking voltage Maximum DC reverse current at rated DC blocking voltage and TA=150 Operating and storage temperature range
Note: (1) Mounting conditions, 0.5 lead length maximum
VRRM VRMS VDC I(AV) IFSM VF IR IR T J, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 4.0 150.0 1.0 10.0 1.0 -55 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volt A mA
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of KBL005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X