Part Number Hot Search : 
ATF54143 RLZ22 AAT3512 4371F PDTC143E HT66F005 IRFB20N5 24C54
Product Description
Full Text Search
 

To Download ITC1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R.1.120799
ITC1100
1000 WATT, 50V, Pulsed Avionics 1030 MHz
GENERAL DESCRIPTION
The ITC1100 is a common base bipolar transistor. It is designed for pulsed interrogator systems in the frequency band of 1030 MHz. The device has gold thin-film metallization for proven high MTTF. The transistor includes input returns for improved output rise time . Low thermal resistance package reduces junction temperature which extends the life time of the product.
CASE OUTLINE 55SW, Style 1 Common Base
ABSOLUTE MAXIMUM RATINGS
Power Dissipation Device Dissipation1 @25C (Pd) Thermal Resistance1 (JC) Voltage and Current Collector-Base Voltage Emitter-Base Voltage Collector Current1 Temperatures Storage Temperature Operating Junction Temperature1 3400 W .08C/W 65V 3.5V 80A -40 to +150C +200C
ELECTRICAL CHARACTERISTICS @ 25C SYMBOL BVebo2 BVces BVceo2 hFE2 CHARACTERISTICS
Emitter-Base Breakdown(open) Collector-Emitter Breakdown(shorted) Collector-Emitter Breakdown (open) DC Current Gain
TEST CONDITIONS
Ie=50mA Ic=30mA Ic=30mA Ic=5A, Vce=5V
MIN 3.5 65 30 20
TYP
MAX
UNITS V V V
100
FUNCTIONAL CHARACTERISTICS @ 25C GPB c tr VSWR Zin Zout
1 2
Common Base Power Gain Collector Efficiency Rise Time Output Load Mismatch Series Input Impedance (Circuit source impedance @ test cond.) Series Output Impedance (Circuit load impedance @ test cond.)
Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1% Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1% Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1% Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1% Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1% Vcc = 50V, F = 1030MHz, Pout=1000W Peak Min, PW=1S, DF=1%
10 45
10.5 50 50 80 4:1 0.89 - j2.3 0.54 - j2.64
dB % nS
At rated output power and pulse conditions Not measurable due to EB Returns
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT VERSION PLEASE CHECK OUR WEB SITE AT WWW.GHZ.COM OR CONTACT OUR FACTORY DIRECT. GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120


▲Up To Search▲   

 
Price & Availability of ITC1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X