Part Number Hot Search : 
L1200 D7894 PMFR5002 SMAZ5919 CO55CC 12100 4089B FV32A
Product Description
Full Text Search
 

To Download IRF5NJ6215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94284A
HEXFET(R) POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ6215 150V, P-CHANNEL
Product Summary
Part Number
IRF5NJ6215 BVDSS
-150V
RDS(on) 0.29
ID -11A
Fifth Generation HEXFET(R) power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon unit area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. These devices are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high-energy pulse circuits.
SMD-0.5
Features:
n n n n n n n n
Low RDS(on) Avalanche Energy Ratings Dynamic dv/dt Rating Simple Drive Requirements Ease of Paralleling Hermetically Sealed Surface Mount Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = -10V, TC = 25C ID @ VGS = -10V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Package Mounting Surface Temperature Weight -11 -7.2 -44 75 0.6 20 130 -11 7.5 10 -55 to 150 300 (for 5 s) 1.0 (Typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
For footnotes refer to the last page
www.irf.com
1
9/11/01
IRF5NJ6215
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter Min Typ Max Units
-- -0.17 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 -- -- 0.29 -4.0 -- -25 -250 -100 100 66 13 40 25 65 75 53 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = -250A Reference to 25C, ID = -1.0mA VGS = -10V, ID = -7.2A VDS = VGS, ID = -250A VDS = -25V, IDS = -7.2A VDS = -150V ,VGS=0V VDS = -120V, VGS = 0V, TJ =125C VGS = -20V VGS = 20V VGS =-10V, ID = -7.2A VDS = -120V VDD = -75V, ID = -7.2A, VGS =-10V, RG = 6.8
BVDSS Drain-to-Source Breakdown Voltage -150 BV DSS/T J Temperature Coefficient of Breakdown -- Voltage RDS(on) Static Drain-to-Source On-State -- Resistance VGS(th) Gate Threshold Voltage -2.0 gfs Forward Transconductance 2.3 IDSS Zero Gate Voltage Drain Current -- -- IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance -- -- -- -- -- -- -- -- -- --
nA nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = -25V f = 1.0MHz
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
990 230 120
-- -- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -11 -44 -1.6 240 1.7
Test Conditions
A
V ns C Tj = 25C, IS = -7.2A, VGS = 0V Tj = 25C, IF = -7.2A, di/dt -100A/s VDD -25V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC Junction-to-Case
Min Typ Max Units
-- -- 1.67
C/W
Test Conditions
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
IRF5NJ6215
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
100
10
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
1
1
-4.5V
-4.5V
20s PULSE WIDTH T = 25 C
J 1 10 100
0.1 0.1
0.1 0.1
20s PULSE WIDTH T = 150 C
J 1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
-I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
10
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = -11A
2.0
1.5
1.0
1
0.5
0.1 4 6 8
15
V DS = -50V 20s PULSE WIDTH 10 12 14
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF5NJ6215
2000
1600
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -7.2A
16
VDS = -120V VDS = -75V VDS = -30V
C, Capacitance (pF)
Ciss
1200
12
800
C oss C rss
8
400
4
0 1 10 100
0 0 20
FOR TEST CIRCUIT SEE FIGURE 13
40 60 80
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ISD , Reverse Drain Current (A)
TJ = 150 C
10
-I D, Drain-to-Source Current (A)
10
TJ = 25 C
1
1ms 1 10ms Tc = 25C Tj = 150C Single Pulse 0.1 1 10 100 1000 -VDS , Drain-toSource Voltage (V)
0.1 0.4
V GS = 0 V
0.8 1.2 1.6
-VSD ,Source-to-Drain Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF5NJ6215
12
V DS VGS
RD
-ID , Drain Current (A)
D.U.T.
+
VGS
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS
0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05
0.1
0.02 0.01
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 0.001 0.01 1
PDM t1 t2
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
-
8
RG
V DD
5
IRF5NJ6215
250
VDS
L
EAS , Single Pulse Avalanche Energy (mJ)
RG
D .U .T
IA S
V DD VD D A D R IV E R
200
ID -3.2A -4.6A BOTTOM -7.2A TOP
VGS -20V
tp
0.0 1
150
100
15V
50
Fig 12a. Unclamped Inductive Test Circuit
IAS
0 25 50 75 100 125 150
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
-12V 12V
.2F .3F
-10V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRF5NJ6215
Footnotes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = - 50 V, Starting TJ = 25C, L= 5.0mH Peak IAS = -7.2A, VGS = -10 V, RG= 25
ISD -7.2A, di/dt -390 A/s, Pulse width 300 s; Duty Cycle 2%
VDD -150V, TJ 150C
Case Outline and Dimensions -- SMD-0.5
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 09/01
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRF5NJ6215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X