Part Number Hot Search : 
SMS36P1 AL128 PL6002JP P4SMBJ13 2N6594 KBPC350 10016 HCT373
Product Description
Full Text Search
 

To Download HVR230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HVR230 - HVR250
PRV : 3000 - 5000 Volts Io : 0.5 ~ 1.0 Amp
FEATURES :
* * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
HIGH VOLTAGE RECTIFIER DIODES
D2
0.161 (4.1) 0.154 (3.9)
1.00 (25.4) MIN.
0.284 (7.2) 0.268 (6.8)
* Pb / RoHS Free
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Ta = 50C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM
HVR230
3000 2100 3000 1.0 50
HVR250
5000 3500 5000 0.5
UNIT
V V V A A
Maximum Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Junction Temperature Range Storage Temperature Range Tj = 25C Tj = 100C VF IR IR(H) TJ TSTG 3.0 5.0 100 - 40 to + 150 - 40 to + 150 5.0 V A A C C
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( HVR230 - HVR250 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
0.8
PEAK FORWARD SURGE CURRENT, AMPERES
125 150 175
HVR230
40
0.6
HVR250
30
0.4
20
0.2
10
0
0
25
50
75
100
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
10
HVR230
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
10
TJ = 100 C
HVR250
REVERSE CURRENT, MICROAMPERES
1
1.0
0.1 Pulse Width = 300 s 1% Duty Cycle TJ = 25 C 0.01 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10
0.1 TJ = 25 C
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of HVR230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X