Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download HSH1500PIEO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
Lighting
Imaging
Telecom
Mercury Short Arc Lamps
HSH1500PIEO Lamps for Photolithography
Description
PerkinElmer Optoelectronics is a leading manufacturer of mercury short arc lamps ranging in output power from 1000 to 8000 watts. These lamps are used in the production of printed circuit boards, liquid crystal displays and semiconductors. The HSH Series lamps are used worldwide in microlithography systems manufactured by ASML, Canon, GCA, Nikon, Karl Suss, Ultratech Stepper, and SVG. With extremely high stability, uniform output distribution and extended lamp lifetimes, the HSH Series has become the lamp choice of many of the world's leading semiconductor manufacturers. PerkinElmer has been a leading manufacturer of high intensity arc lamps for more than 30 years and is a premier lamp supplier for solid state lasers, medical equipment, NASA space systems and microlithography. PerkinElmer has steadily advanced lamp performance from 1000 watts to 8000 watts. With the introduction of new materials and proprietary manufacturing processes, we have extended lamp lifetimes form several hundred hours to more than two thousand hours. The HSH Series provides longer lifetimes, outstanding uniformity, and excellent spectral quality which results in increased throughput, reduced downtime and an overall reduction in the cost of ownership.
Applications
* Microlithography
.
www.perkinelmer.com/opto
HSH1500PIEO
Operational Specifications
Description Power Current Voltage Current Ripple Temperature (at base) Lifetime Nominal 1500 watts 65.2 amps (DC 23 volts (DC) 3% 220C 2250 hours Range 57.5-75 amps (DC) 20-26 volts (DC)
Physical Specifications
Description Arc Gap Anode Base Cathode Base Specification 4.0 mm (max) M6-P1.0 M10-P1.5
Spectral Output
100
Dimensions
Relative Intensity (%)
120
90 80 70 60 50 40 30 20 10 0 250 300 350 400 450 500 550 600 650 700 750
CATHODE (-) END UP
Wavelength (nm)
Typical Performance Graph
100
241 MAX
90
Relative Intensity (%)
80 70 60 50 40 30 20 10 0 0 500 1000 1500 2000
O52 MAX
ANODE (+) END DOWN
All dimensions are in millimeters.
Hours of Operation
Notes 1. Lamp must be operated with cathode end up and anode end down. Inclination of lamp axis to vertical must not exceed 10.
Part Number References Used In Replaces ASML 5500/100C, 100D SUV 1500 SIL HBO 1500 W/PIL
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of designing a lamp specifically suited to your needs. For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto. All values are nominal; specifications subject to change without notice.
USA: PerkinElmer Optoelectronics 44370 Christy St. Fremont, CA 94538 Phone: (510) 979-6500 Fax: (510) 687-1140 Europe: PerkinElmer Optoelectronics GmbH Wenzel-Jaksch-Str. 31 65199 Wiesbaden Germany Phone: +49 611 492 0 Fax: +49 611 492 177 Asia: PerkinElmer Optoelectronics 47 Ayer Rajah Crescent #06-12 Singapore 139947 Phone: +65 775 2022 Fax: +65 775 1008
.
(c) 2000 PerkinElmer inc. All rights reserved.
DS-184 Rev C 1101
www.perkinelmer.com/opto


▲Up To Search▲   

 
Price & Availability of HSH1500PIEO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X