Part Number Hot Search : 
PE44446 BCR153U BC304 20432 STA475 IRF9620 OM6233SS ADP3302
Product Description
Full Text Search
 

To Download HSA1538S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6501 Issued Date : 1992.08.25 Revised Date : 2002.02.18 Page No. : 1/4
HSA1538S
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HSA1538S is designed for use in high-definition CRT display video output, wide-band amplifier applications..
Absolute Maximum Ratings
TO-92
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 900 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ...................................................................................... -120 V VCEO Collector to Emitter Voltage ................................................................................... -120 V VEBO Emitter to Base Voltage ............................................................................................. -3 V IC Collector Current ...................................................................................................... -200 mA Icp Peak Collector Current ........................................................................................... -400 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 fT Cob Min. -120 -120 -3 60 40 Typ. 160 400 2.8 Max. -0.1 -0.1 -1 -1 320 Unit V V V uA uA V V Test Conditions IC=-10uA, IE=0 IC=-1mA, IB=0 IE=-100uA, IC=0 VCB=-80V, IE=0 VEB=-2V, IC=0 IC=-30mA, IB=-3mA IC=-30mA, IB=-3mA VCE=-10V, IC=-10mA VCE=-10V, IC=-100mA VCE=-10V, IC=-50mA VCB=-30V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
Classification Of hFE1
Rank Range D 60-120 E 100-200 F 160-320
HSA1538S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
1000
Spec. No. : HE6501 Issued Date : 1992.08.25 Revised Date : 2002.02.18 Page No. : 2/4
Saturation Voltage & Collector Current
hFE
25 C 100 75 C
o
o
Saturation Voltage (mV)
125 C
o
100
125 C 75 C 25 C VCE(sat) @ IC=10IB
o o
o
hFE @ VCE=10V 10 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 1000
Cutoff Frequency & Collector Current
Saturation Voltage (mV)
Cutoff Frequency (MHz).. .
VCE=10V 100
75 C 1000 25 C
o
o
10
125 C VBE(sat) @ VCE=10IB
o
100 1 10 100 1000
1 1 10 100 1000
Collector Current-IC (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
10 10
Saft Operation Area
PT=1m s PT=100ms PT=1s
Collector Current (mA)
1
Capacitance (pF)
0.1
Cob
0.01
1 1 10 100
0.001 1 10 100
Reverse-Biased Voltage (V)
Forward Biased Voltage (V)
HSA1538S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6501 Issued Date : 1992.08.25 Revised Date : 2002.02.18 Page No. : 3/4
Power Derating
1000 900
Power Dissipation-PD (mW)
800 700 600 500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta ( C)
HSA1538S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6501 Issued Date : 1992.08.25 Revised Date : 2002.02.18 Page No. : 4/4
2
Marking:
H SA 1538S Rank Control Code
3
C
Style: Pin 1.Emitter 2.Collector 3.Base
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HSA1538S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSA1538S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X