Part Number Hot Search : 
UM9552 DTA115EM 15266 55C4V PIC16L ADA4817 ESDA6V1 CXXXN
Product Description
Full Text Search
 

To Download HR151-1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* -40C to +85C operation * 10 to 16 VDC input or 18 to 36 VDC input * Fully Isolated * Optocoupler feedback * Fixed frequency, 125 kHz typical single and dual outputs 250 kHz typical triple outputs * Transient protection 50 V for up to 50 ms 28 Vin models * Inhibit function * Indefinite short circuit protection * Up to 86% efficiency * Output trim on single output models
DC/DC CONVERTERS 12 & 28 VOLT INPUT
HR150 SERIES 20 WATT
MODELS
VDC OUTPUT SINGLE DUAL TRIPLE 5 12 +5 & 12 12 15 +5 & 15 15
Size (max.): HR151 and HR152 models, case H6 2.125 x 1.125 x 0.495 inches (53.98 x 28.58 x 12.57 mm) HR153 models, case F4 1.950 x 1.350 x 0.505 inches (49.53 x 34.29 x 12.83 mm) See section B8, cases F4 and H6 for dimensions. Weight: HR151 and HR152: 50 grams typical. HR153: 53 grams typical. Screening: Standard only. See Section C2 for screening description.
DESCRIPTION
The HR150 SeriesTM DC/DC converters have been designed to give industrial applications the same high reliability, small size, and high performance that Interpoint has provided to military and aerospace programs since 1969.
models and 250 kHz typical for triple output models. They achieve high isolation (500 V, 100 megohm) through use of a transformer in the forward power circuit and an opto-coupler in the feedback control loop. HR 150 Series input ranges are 10 to 16 VDC or 18 to 36 VDC for single or triple output models and 18 to 36 VDC for dual output models. Outputs are available as 5, 12, 15, 12, 15, +5/12, and +5/15 VDC. The converters typically provide greater than 80% efficiency over the entire input range and from 25% to full load. Line regulation is typically within 0.1 % and load regulation within 0.2%. HR150 converters are designed to operate between -40C and +85C case and are short circuit protected up to a case temperature of 85C. The combination of high conversion efficiency and heat dissipating metal enclosures minimizes heat sinking requirements. If additional dissipation is desired, heat conducting material (PCB, copper sheet, heat sink, etc.) may be brought into contact with the unit's baseplate. An inhibit function is provided for HR150 converters when the inhibit input pin is connected to the input common. The open circuit voltage of the inhibit input pin is 8 to 10 VDC (Vin = 12) or 11 to 13 VDC (Vin = 28). The inhibit input pin must sink approximately 1 mA during the inhibit state. During inhibit, the converter's output voltage drops to less than 1 volt and the input current is typically 8 mA.
HIGH RELIABILITY
Each HR150 converter is built to perform reliably in the harshest environments. Assembled using thick-film hybrid technology, HR150 converters have more uniform thermal coefficients and 50% fewer connections than converters built by surface mount techniques. The HR150 converter parts use the same manufacturing procedures and quality controls that we apply to converters designed for commercial airliners, the space shuttle, advanced fighter aircraft, and other high reliability applications. The steel cases are hermetically sealed in a dry nitrogen environment and are guaranteed a maximum leak rate of less than 10-3 atm-cc/sec. All devices are 100% electrically tested.
SMALL SIZE - LOW PROFILE
The HR150 Series manufacturing techniques provide extremely small size and low profile components. Each converter uses less than 2.7 square inches of board area. The overall power density is from 11 to 17 watts per cubic inch.
HIGH PERFORMANCE
The HR150 Series converters are high efficiency, low noise, pulse width modulated, forward mode switching regulators with a constant switching frequency of 125 kHz typical for single and dual output
B4-43
HR150 SERIES 20 WATT
ABSOLUTE MAXIMUM RATINGS
DC/DC CONVERTERS
INHIBIT
Inhibit TTL Open Collector * Logic low (output disabled) Inhibit pin current 1 mA typical Inhibited input current 8 mA typical * Referenced to input common * Logic high (output enabled) Open collector
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient * 150 ppm/C, typical Input to Output Capacitance * 60 pF, typical Isolation * 100 megohm minimum at 500 V Conversion Frequency * 250 kHz Inhibit Pin Voltage (unit enabled) * 8 to 10 V HR15X-12XX models * 11 to 13 V HR15X-28XX models Line Regulation * 0.1% typical, 0.2% maximum Load Regulation * 0.2% typical, 0.4% maximum
Input Voltage * 10 to 16 VDC HR15X-12XX * 18 to 36 VDC HR15X-28XX Output Power * 15 watts (HR151-2812 & HR151-2815, 20 watts) Lead Soldering Temperature (10 sec) * 300C Storage Temperature Range (Case) * -55C to +125C
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range * 10 to 16 VDC continuous HR15X-12XX models * 18 to 36 VDC continuous HR15X-28XX models * 50 V/50 ms transient HR15XX-28XX models Case Operating Temperature (Tc) * -40C to +85C full power * -40C to +105C absolute Derating Output Power/Current * Linearly from 100% at 85C to 0% at 105C for HR151 and HR152 models * Linearly from 100% at 85C to 0% at 115C for HR153 models
Electrical Characteristics: 25C Tc, 28 VDC Vin (12 Vin for 12V models), 100% load, unless otherwise specified.
SINGLE OUTPUT MODELS, 12 V IN PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE INPUT VOLTAGE INPUT CURRENT INPUT RIPPLE CURRENT EFFICIENCY 0 TO 2 MHz -- 75 40 81 80 -- -- 76 40 82 80 -- -- 77 40 83 80 -- mA p-p % 0 to 1 MHz CONTINUOUS NO LOAD CONDITIONS HR151-1205 MIN 4.95 -- -- -- 10 -- TYP 5.0 -- -- 35 12 -- MAX 5.05 3.0 15 70 16 24 HR151-1212 MIN 11.88 -- -- -- 10 -- TYP 12 -- -- 35 12 -- MAX 12.12 1.25 15 70 16 32 MIN 14.85 -- -- -- 10 -- HR151-1215 TYP 15 -- -- 35 12 -- MAX 15.15 1.0 15 70 16 32 UNITS VDC A W mV p-p VDC mA
SINGLE OUTPUT MODELS, 28 V IN PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE INPUT VOLTAGE INPUT CURRENT INPUT RIPPLE CURRENT EFFICIENCY 0 TO 2 MHz -- 75 0 to 1 MHz CONTINUOUS TRANSIENT 50 ms NO LOAD CONDITIONS
HR151-2805 MIN 4.95 -- -- -- 18 -- -- TYP 5.0 -- -- 30 28 -- -- MAX 5.05 3.0 15 60 36 50 20
HR151-2812 MIN 11.88 -- -- -- 18 -- -- TYP 12 -- -- 40 28 -- -- MAX 12.12 1.667 20 80 36 50 30 MIN
HR151-2815 TYP 15 -- -- 40 28 -- -- MAX 15.15 1.333 20 80 36 50 30 UNITS VDC A W mV p-p VDC V mA
14.85 -- -- -- 18 -- --
25 81
50 --
-- 76
25 82
50 --
-- 77
25 83
50 --
mA p-p %
B4-44
DC/DC CONVERTERS
DUAL OUTPUTS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE INPUT VOLTAGE INPUT CURRENT INPUT REFL. RIPPLE EFFICIENCY CONDITION MIN HR152-2812 TYP MAX HR152-2815 MIN TYP MAX
HR150 SERIES 20 WATT
Electrical Characteristics: 25C Tc, 28 VDC Vin (12 VDC for 12V models), 100% load, unless otherwise specified.
UNITS VDC
11.88 12.00 12.12 0 -- 0 TO 1 MHz CONTINUOUS TRANSIENT 50 ms NO LOAD 0 TO 2 MHz -- 18 -- -- -- 75 -- -- 30 28 -- -- 25 79 625 15 50 36 50 35 50 --
14.85 15.00 15.15 0 -- -- 18 -- -- -- 75 -- -- 30 28 -- -- 25 79 500 15 50 36 50 35 50 --
mA W mV p-p VDC V mA mA p-p %
TRIPLE OUTPUTS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE INPUT VOLTAGE INPUT CURRENT INPUT REFL. RIPPLE EFFICIENCY CONDITION FULL LOAD MAIN DUAL MIN
HR153-1212 TYP MAX
HR153-1215 MIN TYP MAX MIN
HR153-2812 TYP MAX MIN
HR153-2815 TYP MAX UNITS VDC
4.95 5.00 5.05 11.88 12.00 12.12 100 -- -- -- -- -- -- 10 -- -- -- 76 -- -- -- -- -- 40 20 12 -- -- 50 79 2000 208 10 2.5 15 80 40 16 25 60 100 --
4.95 5.00 5.05 4.95 5.00 5.05 4.95 5.00 5.05 14.85 15.00 15.15 11.88 12.00 12.12 14.85 15.00 15.15 100 -- -- -- -- -- -- 10 -- -- -- 76 -- -- -- -- -- 40 20 12 -- -- 50 79 2000 167 10 2.5 15 80 40 16 25 60 100 -- 100 -- -- -- -- -- -- 18 -- -- -- 75 -- -- -- -- -- 40 20 28 -- -- 40 79 2000 208 10 2.5 15 80 40 36 50 50 80 -- 100 -- -- -- -- -- -- 18 -- -- -- 75 -- -- -- -- -- 40 20 28 -- -- 40 79 2000 167 10 2.5 15 80 40 36 50 50 80 --
MAIN1 DUAL MAIN DUAL TOTAL MAIN 0 TO 1 MHz DUAL CONTINUOUS TRANSIENT 50 ms NO LOAD 0 TO 2 MHz
mA W mV p-p VDC V mA mA p-p %
Note 1. Minimum load required for full output capability on auxiliary outputs. Minimum current can be reduced when dual outputs are used at reduced loads.
B4-45
HR150 SERIES 20 WATT
Pin 1 2 3 4 5 6 7 8 9 10
DC/DC CONVERTERS
PIN OUT Single Output Positive Input Inhibit Trim Output Common Positive Output No connection No connection Case Ground No connection Input Common Dual Output Positive Input Inhibit Positive Output Output Common Negative Output No connection No connection Case Ground No connection Input Common Triple Output Positive Input Main (+5) Output Output Common Neg. Aux. Output Pos. Aux. Output No connection Case Ground Inhibit No connection Input Common Squared corner and dot on top of package indicate pin one.
Dot on top of package indicates pin one
1
2
3
4
5
1
2
3
4
5
BOTTOM VIEW HR151 and HR152
10 9 8 7 6 10 9
BOTTOM VIEW HR153
8 7 6
See Section B8, case H6, for dimensions. See Section B8, case F4, for dimensions.
FIGURE 1: HR151 AND HR152 PIN OUT
FIGURE 2: HR153 PIN OUT
OUTPUT ADJUSTMENT RESISTOR VALUES FOR HR151-2805 Resistance Pin 3 to 4 Output Voltage Increase (%)
0 +1% +2% +3% +4% +5%
390K 145K 63K 22K 0
MODEL NUMBERING KEY
HR15 Base Model Number of Outputs (1 = single, 2 = dual, 3 = triple) Input Voltage 3 28 12
Output Adjustment all HR151 models (single output): The output can be adjusted upward by using the output adjust (pin3). The resistance between output adjust (pin 3) and output common (pin 4) will determine the magnitude of the increase in the output. The table above is only applicable to HR151-2805.
Output Voltage (Auxiliary output on triple output models)
B4-46
22811-009-DTS Rev A DQ# 2010 All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. HR150 Series is a trademark of Interpoint. Copyright (c) 1990 - 1999 Interpoint. All rights reserved.
CASES
Dot on top of case indicates pin one
CASE H
CASE H BOTTOM VIEW See Figures 29 - 34 for pin configurations.
1.125 max (28.58)
2.125 max (53.98)
Materials Header Cold Rolled Steel/Nickel/Gold cases H1 and H2 Cold Rolled Steel/Nickel/Tin cases H3, H4, and H5 Cover Kovar/Nickel cases H1 and H2 Cold Rolled Steel/Nickel/Tin cases H3, H4, and H5 Pins #52 alloy ceramic seal case H1 case H2 (except MHV Series Single and Dual) compression glass seal MHV Series Single and Dual case H3, H4, H5 Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified
CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
FIGURE 28: CASE H MAXIMUM DIMENSIONS
BOTTOM VIEW CASE H1 FMC EMI Filter: Screening - Standard, ES, or 883 SFMC EMI Filter: Screening - Space Standard, H, or K
Seam Seal
0.040 dia (1.02) 1.110 (28.19) 0.955 (24.26) 1 0.555 (14.1) 5 0.155 (3.94) 0.000 0.400 max. (10.16) 0.000 0.25 0.03 (6.4 0.8) 0.000 0.245 (6.22) 1.845 (46.86) 2.090 (53.01) 4 2 3
Squared corner and dot on top of case indicate pin one.
FIGURE 29: CASE H1
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
B8-17
CASES
BOTTOM VIEW CASE H5 FMA-461and FMB-461 EMI Filter: Screening - Standard of ES
Solder Seal
1.120 (28.45) 0.960 (24.38) 0.040 dia (1.02) 0.560 (14.22) 1 2
CASE H
Squared corner and dot on top of case indicate pin one.
3
Solder Tip-off
5 0.160 (4.06) 0.000 0.25 +0.05/-0.00 (6.4 +1.3/-0.0) 1.855 (47.12) 2 3 4 5 9 8 7 6 0.655 (16.64) 1.055 (26.80) 1.455 (36.96) 0.495 max (12.57) 2.110 (53.59) 2.110 (53.59) 0.000 0.000 0.255 (6.48) 4
FIGURE 33: CASE H5
BOTTOM VIEW CASE H6 MHE Series: Screening - Standard or ES HR151 Series and HR152 Series: no screening options
Solder Seal
1.120 (28.45) 0.960 (24.38) 0.040 dia (1.02) 1
Dot on top of case indicates pin one
Solder Tip-off
10 0.160 (4.06) 0.000 0.000 0.255 (6.48) 0.495 max (12.57) 0.25 +0.05/-0.00 (6.4 +1.3/-0.0) 1.855 (47.12) 0.000
FIGURE 34: CASE H6
B8-21
CASE F
CASES
Dot on top of case indicates pin one Materials Header Case F1 Cold Rolled Steel/Nickel/Gold Cases F2 - F4 Cold Rolled Steel/Nickel/Tin Cover Case F1 Kovar/Nickel Cases F2 - F4 Cold Rolled Steel/Nickel/Tin Pins #52 alloy (all cases) MHV Series Triple - compression glass seal MTR Series Triple, case F1 - ceramic seal MTR Series Triple, case F2 - compression glass seal HUM40 - compression glass seal or ceramic seal Case F3 - compression glass seal Case F4 - compression glass seal or ceramic seal Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified
CASE F BOTTOM VIEW See Figures 20 - 23 for pin configuration
1.350 max (34.29)
1.950 max (49.53) CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
FIGURE 19: CASE F MAXIMUM DIMENSIONS
BOTTOM VIEW CASE F1 MTR Series Triple and MHV Series Triple: Screening - Standard, ES, or 883
Bathtub Platform Dot on top of case indicates pin one
1.170 (29.72) 0.040 dia. (1.02) MHV Series MTR Series
Seam Seal
1
2
3
4
5
10 0.170 (4.32) 0.000 0.25 (6.4) 0.405 max (10.29) 0.000 0.000 0.170 (4.32)
9
8
7
6
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
0.405 max (10.29)
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
B8-12
0.25 (6.4)
FIGURE 20: CASE F1
1.770 (44.96)
0.000
CASE F
CASES
BOTTOM VIEW CASE F4 MTO and MHL Series: Screening - Standard or ES HR153 Series: no screening options
Solder Seal
1.170 (29.72) 0.040 dia. (1.02)
Squared corner and dot on top of case indicate pin one.
1
2
3
4
5
Solder Tip-off
0.170 (4.32) 0.000 0.505 max (12.83) 0.250/0.300 (6.35/7.62) 0.000 0.000
10
9
8
7
6
0.170 (4.32)
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
FIGURE 23: CASE F4
B8-14
1.770 (44.96)
QA SCREENING HR PRODUCTS
HR PRODUCTS
TEST (HR products) PRE-CAP INSPECTION Method 2017 FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 and 4: +25C case HERMETICITY TESTING Gross Leak, Dip (1 x 10-3) FINAL VISUAL INSPECTION Method 2009 STANDARD yes yes yes yes
Test methods are referenced to MIL-STD-883 as determined by MILPRF-38534.
Applies to the following products: HR700 Series HR300 Series HR150 Series HR120 Series HR40 Series
C2-13


▲Up To Search▲   

 
Price & Availability of HR151-1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X