Part Number Hot Search : 
FAN5612 SB315 MC1452 MAX4756A MPX55000 875KAC14 2SB647A 2SC4213
Product Description
Full Text Search
 

To Download HMS51232J4V-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HANBit
HMS51232J4V
HAN BIT
SRAM MODULE 2Mbyte (512Kx32Bit), 68-Pin JLCC Packaging,3.3V Part No.
HMS51232J4V
GENERAL DESCRIPTION
The HMS51232J4V is a static random access memory (SRAM) module containing 524,288 words organized in a x32-bit configuration. The module consists of four 512K x 8 SRAMs mounted on a 68-pin, single-sided, FR4printed circuit board. Four chip enable inputs, (/CE1, /CE2, /CE3 and /CE4) are used to enable the module's 4 bytes independently. Output enable (/OE) and write enable (/WE) can set the memory input and output. Data is written into the SRAM memory when write enable (/WE) and chip enable (/CE) inputs are both LOW. Reading is accomplished when /WE remains HIGH and /CE and output enable (/OE) are LOW. For reliability, this SRAM module is designed as multiple power and ground pin. All module components may be powered from a single +3.3V DC power supply and all inputs and outputs are fully LVTTL-compatible..
FEATURES
Access time : 15, 17, 20 and 25ns High-density 2MByte design High-reliability, low-power design Single +3V 0.3V power supply Three state output and LVTTL-compatible FR4-PCB design Low profile 68-Pin JLCC
kxX]
hX_
PIN ASSIGNMENT
Vjl[ VjlZ VjlY VjlX V~l hX] hX\ hX[ kxX\
\ \_ \^ \] \\ \[ \Z \Y \X \W [ [_ [^ [] [\
hX^
OPTIONS
Timing
15ns access 17ns access 20ns access 25ns access
MARKING
-15 -17 -20 -25
kxX^ kxX_ kxX } kxYW kxYX kxYY kxYZ } kxY[ kxY\ kxY] kxY^ } kxY_ kxY kxZW
XW _ XX XY XZ X[ X\ X] X^ X_ X YW YX YY YZ Y[ Y\
^
]
\
[
Z
Y
X
uj uj Vvl
uj }
]_ ]^ ]] ]\ ][ ]Z ]Y ]X ]W
[[ Y] Y^ Y_ Y ZW ZX ZY ZZ Z[ Z\ Z] Z^ Z_ Z [W [X [Y [Z
kxX[ kxXZ kxXY } kxXX kxXW kx kx_ } kx^ kx] kx\ kx[ } kxZ kxY kxX
Packages
68-pin JLCC J
1
kxZX h] h\ h[ hZ hY hX hW } hXZ hXY hXX hXW h h_ h^ kxW
68-Pin JLCC TOP VIEW
HANBit Electronics Co.,Ltd.
HANBit PIN DESCRIPTION
DQ0 - DQ31 A0 - A18 Data Inputs/Outputs Address Inputs Write Enable Chip Selects Output Enable Power Supply Ground
HMS51232J4V
/WE /CE1-4 /OE
Vcc Vss
BLOCK DIAGRAM
/CS1 /WE /OE A0-18 /CS2 /CS3 /CS4
512Kx8
512Kx8
512Kx8
512Kx8
8
8
8
8
DQ0-7
DQ8-15
DQ16-23
DQ24-31
TRUTH TABLE
MODE STANDBY NOT SELECTED READ WRITE /OE X H L X /CE H L L L /WE X H H L DQ HIGH-Z HIGH-Z Dout Din POWER STANDBY ACTIVE ACTIVE ACTIVE
2
HANBit Electronics Co.,Ltd.
HANBit ABSOLUTE MAXIMUM RATINGS
PARAMETER Voltage on Any Pin Relative to Vss Voltage on Vcc Supply Relative to Vss Power Dissipation Storage Temperature SYMBOL VIN,OUT VCC PD TSTG
HMS51232J4V
RATING -0.5V to +4.6V -0.5V to +4.6V 4W -65oC to +150oC
Operating Temperature TA 0oC to +70oC Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER Supply Voltage Ground Input High Voltage Input Low Voltage * SYMBOL VCC VSS VIH VIL MIN 3.0V 0 2.0 -0.5*
( TA=0 to 70 o C ) TYP. 3.3V 0 MAX 3.6V 0 Vcc+0.3V** 0.8V
VIL(Min.) = -2.0V (Pulse Width 10ns) for I 20 mA
** VIH(Min.) = Vcc+2.0V (Pulse Width 10ns) for I 20 mA
DC AND OPERATING CHARACTERISTICS (1)
(0oC TA 70 oC ; Vcc = 3.3V 0.3V, Unless otherwise specified) PARAMETER Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage * Vcc=3.3V, Temp=25 oC TEST CONDITIONS VIN = Vss to Vcc /CE=VIH or /OE =VIH or /WE=VIL VOUT=Vss to VCC IOH = -4.0mA IOL = 8.0mA SYMBO L ILI IL0 VOH VOL MIN -2 -2 2.4 0.4 MAX 2 2 UNITS A A V V
DC AND OPERATING CHARACTERISTICS (2)
MAX DESCRIPTION Power Supply Current:Operating Power Supply Current:Standby TEST CONDITIONS Min. Cycle, 100% Duty /CE=VIL, VIN=VIH or VIL, IOUT=0mA Min. Cycle, /CE=VIH f=0MHZ, /CEVCC-0.2V, VIN VCC-0.2V or VIN0.2V SYMBOL lCC lSB lSB1 -10 205 50 10 -12 200 50 10 -15 195 50 10 UNIT mA mA mA
3
HANBit Electronics Co.,Ltd.
HANBit CAPACITANCE
DESCRIPTION Input /Output Capacitance Input Capacitance TEST CONDITIONS VI/O=0V VIN=0V SYMBOL CI/O CIN
HMS51232J4V
MAX 8 7
UNIT pF pF
* NOTE : Capacitance is sampled and not 100% tested
AC CHARACTERISTICS (0oC TA 70 oC ; Vcc = 3.3V 0.3V, unless otherwise specified)
TEST CONDITIONS PARAMETER Input Pulse Level Input Rise and Fall Time Input and Output Timing Reference Levels Output Load VALUE 0 to 3V 3ns 1.5V See below
Output Load (A) VL=1.5V 50 DOUT Z0=50 30pF DOUT 353
Output Load (B) for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ +3.3V 319 5pF*
READ CYCLE
-10 PARAMETER Read Cycle Time Address Access Time Chip Select to Output Output Enable to Output Chip Enable to Low-Z Output Output Enable to Low-Z Output Chip Disable to High-Z Output Output Disable to High-Z Output
SYMBOL MIN MAX MIN MAX MIN MAX
-12
-15
UNIT
tRC tAA tCO tOE tLZ tOLZ tHZ tOHZ
10 3 0 0 0
10 10 5 5 5
12 3 0 0 0
12 12 6 6 6
15 3 0 0 0
15 15 7 7 7
ns ns ns ns ns ns ns ns
4
HANBit Electronics Co.,Ltd.
HANBit
Output Hold from Address Change Chip Select to Power Up Time Chip Select to Power Down Time tOH tPU tPD 3 0 15 3 0 12
HMS51232J4V
3 0 15 ns ns ns
WRITE CYCLE
-10
SYMBOL MIN MAX MIN MAX MIN MAX
PARAMETER Write Cycle Time Chip Select to End of Write Address Set-up Time Address Valid to End of Write Write Pulse Width (/OE High) Write Pulse Width (/OE Low) Write Recovery Time Write to Output High-Z Data to Write Time Overlap Data Hold from Write Time End of Write to Output Low-Z
-12
-15
UNIT
tWC tCW tAS tAW tWP tWP1 tWR tWHZ tDW tDH tOW
10 7 0 7 7 10 0 0 5 0 3
5 -
12 8 0 8 8 12 0 0 6 0 3
6 -
10 10 0 10 10 15 0 0 7 0 3
7 -
ns ns ns ns ns ns ns ns ns ns ns
TIMING DIAGRAMS
See Part No. HMS51232M4/Z4
FUNCTIONAL DESCRIPTION
/CE H L L L /WE X* H H L /OE X H L X MODE Not Select Output Disable Read Write I/O PIN High-Z High-Z DOUT DIN SUPPLY CURRENT I SB, I SB1 ICC ICC ICC
Note: X means Don't Care
5
HANBit Electronics Co.,Ltd.
HANBit
HMS51232J4V
PACKAGE DIMMENSIONS
24.710.25mm
4.300.20mm
0.460.20mm
23.440.25mm
1.2780.20mm
6
HANBit Electronics Co.,Ltd.
HANBit
HMS51232J4V
ORDERING INFORMATION
1
2
3
4
5
6
7
8
HMS
HANBit Memory Modules SRAM
512 32 J 4V-15
15ns Access Time Component, 3.3V JLCC x32bit 512K
1. - Product Line Identifier HANBit ------------------------------------------------------ H 2. - Memory Modules 3. - SRAM 4. - Depth : 512K 5. - Width : x 32bit 6. - Package Code JLCC ------------------------------------------------------- J 7. - Number of Memory Components-----4, 3.3V-------V 8. - Access time 15 ----------------------------------------------------------- 15ns 17 ----------------------------------------------------------- 17ns 20 ----------------------------------------------------------- 20ns 25 ----------------------------------------------------------- 25ns
7
HANBit Electronics Co.,Ltd.


▲Up To Search▲   

 
Price & Availability of HMS51232J4V-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X