Part Number Hot Search : 
WP711 PQ2TZ15 KSY71 A105K 74AC1 74ACT MMBD6100 80021
Product Description
Full Text Search
 

To Download HMC341LC3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
5
AMPLIFIERS - SMT
Typical Applications
The HMC341LC3B is ideal for: * Point-to-Point Radios * Point-to-Multi-Point Radios & VSAT * Test Equipment & Sensors * Military End-Use
Features
2.5 dB Noise Figure 13 dB Gain +3.0 V @ 35 mA Supply 50 Ohm Matched Input/Output RoHS Compliant 3x3 mm SMT Package
Functional Diagram
General Description
The HMC341LC3B is a GaAs PHEMT MMIC Low Noise Amplifier housed in a leadless RoHS compliant SMT package. Operating from 21 to 29 GHz, the amplifier provides 13 dB of gain and a noise figure of 2.5 dB from a single +3.0 V supply. The RF I/Os are DC blocked and matched to 50 Ohms requiring no external components. The HMC341LC3B eliminates the need for wire bonding, allowing the use of surface mount manufacturing techniques.
Electrical Specifications, TA = +25 C, Vdd = +3V, Idd = 35 mA
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd) (Vdd = +3V) 10.5 Min. Typ. 21 - 24 13.5 0.016 3.25 10 14 8 11 19 35 0.025 5 10 Max. Min. Typ. 24 - 26 13 0.016 3 11 10 8.5 11.5 19 35 0.025 3.5 9 Max. Min. Typ. 26 - 29 12 0.016 2.5 9 9 8.5 11.5 19 35 0.025 3 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
5 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
Broadband Gain & Return Loss
15 10 5 RESPONSE (dB) 0 -5 -10 -15
S21 S11 S22
Gain vs. Temperature
16 15 14 13 GAIN (dB) 12 11 10 9 8
+25C +85C -40C
5
AMPLIFIERS - SMT
5 - 79
-20 -25 20 21 22 23 24 25 26 27 28 29 30 31 32 FREQUENCY (GHz)
7 6 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
+25C +85C -40C
Output Return Loss vs. Temperature
0
RETURN LOSS (dB)
-10
RETURN LOSS (dB)
-5
-5
+25C +85C -40C
-10
-15
-15
-20 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
-20 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
Noise Figure vs. Temperature
10 9 8 NOISE FIGURE (dB) 7 6 5 4 3 2 1 0 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
Output IP3 vs. Temperature
22 20
OIP3 (dBm)
+25C +85C -40C
18 16 14 12 10 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
+25C +85C -40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
5
AMPLIFIERS - SMT
P1dB vs. Temperature
14 12 10 P1dB (dBm) 8 6 4 2 0 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
+25C +85C -40C
Psat vs. Temperature
14 12 10 Psat (dBm) 8 6 4 2 0 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
+25C +85C -40C
Power Compression @ 25 GHz
16 Pout (dBm), GAIN (dB), PAE (%) 14 12 10 8 6 4 2 0 -2 -4 -6 -8 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6
Pout Gain PAE
Reverse Isolation vs. Temperature
0 -5 -10 ISOLATION (dB) -15 -20 -25 -30 -35 -40 20 21 22 23 24 25 26 27 28 29 30 FREQUENCY (GHz)
+25C +85C -40C
INPUT POWER (dBm)
Gain, Power & Noise Figure vs. Supply Voltage @ 25 GHz
16 GAIN (dB), P1dB (dBm), Psat (dBm), NOISE FIGURE (dB) 14 12 10 8 6 4 2 0 2.75
Gain P1dB Psat Noise Figure
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Vdd Supply Voltage (Vdc)
5 - 80
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
Typical Supply Current vs. Vdd
Vdd (Vdc) +2.7 +3.0 +4.0 +5.0 Idd (mA) 34 35 38 41
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFin)(Vdd = +3.0 Vdc) Channel Temperature Continuous Pdiss (T= 85 C) (derate 5.43 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +5.5 Vdc +5 dBm 175 C 0.489 W 184 C/W -65 to +150 C -40 to +85 C
5
AMPLIFIERS - SMT
5 - 81
Note: Amplifier will operate over full voltage ranges shown above.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: ALUMINA. 2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER NICKEL. 3. DIMENSIONS ARE IN INCHES (MILLIMETERS). 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 5. PACKAGE WARP SHALL NOT EXCEED 0.05MM DATUM - C - 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
5
AMPLIFIERS - SMT
Pin Descriptions
Pin Number Function Description Interface Schematic
1
Vdd
Power Supply Voltage for the amplifier. External bypass capacitors of 100 pF, 1000pF, and 2.2 F are required.
2, 3, 7-9
N/C
No connection required. These pins may be connected to RF/DC ground without affecting performance. Package bottom has an exposed metal paddle that must also be connected to RF/DC ground. This pin is AC coupled and matched to 50 Ohms from 21 - 29 GHz. This pin is AC coupled and matched to 50 Ohms from 21 - 29 GHz.
4, 6, 10, 12
GND
5
RFIN
11
RFOUT
Application Circuit
Component C1 C2 C3 Value 100 pF 1,000 pF 2.2 F
5 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
Evaluation PCB
5
AMPLIFIERS - SMT
List of Materials for Evaluation PCB 112646 [1]
Item J1, J2 J3, J4 C1 C2 C3 U1 PCB [2] Description SRI K-connector DC Pin 100 pF capacitor, 0402 pkg. 1,000 pF Capacitor, 0603 pkg. 2.2F Capacitor, Tantalum HMC341LC3B Amplifier 112647 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350.
The circuit board used in this application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of VIA holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 83


▲Up To Search▲   

 
Price & Availability of HMC341LC3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X