Part Number Hot Search : 
74F02 MBR645 STV641 512K3 A5801027 020180 UM3561A TH58NVG
Product Description
Full Text Search
 

To Download HMC-C008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
Features
P1dB Output Power: 15 Watts from 1.8 to 2.2 GHz Gain: 40 dB min Noise Figure: 6 dB Thermally Compensated and Protected Reverse Polarity Protected TTL DC Power Enable Unconditionally Stable Heat Sink/Fan Accessories Available
Typical Applications
Test applications for: * Cellular/PCS/3G Infrastructure * Automated Test Equipment (ATE) * Laboratory Use
Functional Diagram
General Description
The HMC-C008 is a 15 Watt Power Amplifier Module suitable for Cellular/3G repeaters, laboratory use and ATE applications. The unit includes DC power sequencing, enable and conditioning, as well as an output circulator for load mismatch protection. Thermal protection/fault circuitry automatically turns off DC power at base temperatures exceeding +75 C and restores power at < +55 C.
Electrical Specifications, TA = +25 C, VIN = +12V
Parameter Frequency Range Gain Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) (Two-tone Input Power = -28 dBm each tone) Channel Output Power for -50 dBc ACPR (CDMA 2000, 1960 MHz) Channel Output Power for -50 dBc ACPR (W-CDMA, 2110 MHz) Second Harmonic at Output P1dB Third Harmonic at Output P1dB Spurious at Output P1dB Supply Current 15 43 52 36 33 -55 -55 -65 6.5 7.0 40 Min. Typ. 1.8 - 2.2 42 6 12 12 8 Max. Units GHz dB dB dB dB W dBm dBm dBm dBm dBc dBc dBc A
9 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
Gain vs. Temperature
45 44 43 42 GAIN (dB) 41 40 39 38 37 36 35 1.7 1.8 1.9 2 2.1 2.2 2.3
+25C +50C 0C
Input & Output Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35 -40 1.7
Input Output
9
AMPLIFIERS - CONNECTORIZED MODULES
9 - 21
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
FREQUENCY (GHz)
P1dB vs. Temperature
46 44 42 P1dB (dBm)
Psat vs. Temperature
46 44 42 Psat (dBm) 40 38 36 34 32 30 1.7
+25C +50C 0C
40 38 36 34 32 30 1.7
+25C +50C 0C
1.8
1.9
2
2.1
2.2
2.3
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
FREQUENCY (GHz)
ACPR @ 2110 MHz, W-CDMA
-20 -25 -30 -35 ACPR (dBc) -40 -45 -50 -55 -60 -65 -70 22 24 26 28 30 32 34 36 38 40 CHANNEL OUTPUT POWER (dBm)
WCDMA Frequency : 2.11 GHz Integration BW: 3.84 MHz 64 DPCH
ACPR @ 1960 MHz, CDMA-2000
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 -75 -80 -85 22
CDMA2000 Rev. 8 Frequency : 1.96 GHz Integration BW: 1.228 MHz Forward Link, SRI, 9 CHANNELS
ACPR (dBc)
24
26
28
30
32
34
36
38
40
CHANNEL OUTPUT POWER (dBm)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
Output IP3 vs. Temperature
60 58
Reverse Isolation vs. Temperature
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60 -70 1.7
56 OIP3 (dB) 54 52 50 48 46 1.7
+25C +50C 0C
+25C +50C 0C
1.8
1.9
2
2.1
2.2
2.3
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
FREQUENCY (GHz)
Noise Figure vs. Temperature
10 9 8 NOISE FIGURE (dB) 7 6 5 4 3 2 1 0 1.7 1.8 1.9 2 2.1 2.2 2.3
+25C +50C 0C
Absolute Maximum Ratings
Supply Voltage (VIN) RF Input Power (RFIN) Storage Temperature Operating Temperature RF Output Isolator Max Dissipation Thermal Fault Indicator Max Pdiss (derate 1.8 mW/C above 50 C) Enable Vmax +13 Vdc +10 dBm -40 to +70 C 0 to +50 C 20 W 180 mW 6V
FREQUENCY (GHz)
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Thermal Fault Indicator Characteristics
Parameter IOUT (VOUT > 2V) RON (I OUT = 50 mA) ROFF (VOUT = 30 V) 1 Min. Typ. 350 7.5 Max. Units mA Ohms MOhm
Enable Input Characteristics
Parameter VIH VIL IIL @ VIN = 0V IIH @ 5V -0.5 < 50 Min. 3.5 1.6 Typ. Max. Units V V mA A
Recommended Biasing Procedure
TURN-ON 1. Connect RF input and output 2. Apply Supply Voltage VIN (+12 Vdc) 3. Set Enable low 4. Apply RF input signal TURN-OFF 1. Remove RF input signal 2. Remove Supply Voltage VIN
9 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
Pin Descriptions
Pin Number Function Description Interface Schematic
9
RF input connector, SMA female. This pin is AC coupled and matched to 50 Ohms from 1.8 - 2.2 GHz.
1
RFIN & RF Ground
2
VIN
Power supply voltage for the amplifier.
3
GND
Power supply ground.
4
RFOUT & RF Ground
RF output connector, SMA female. This pin is isolator protected and matched to 50 Ohms from 1.8 - 2.2 GHz.
5
GND
Ground for thermal fault indicator and enable circuit.
6
Thermal Fault Indicator
Open drain output. High impedance for base plate temperatures less than 55 C. Low impedance for base plate temperatures exceeding 75 C.
TTL compatible supply voltage (VIN) shutdown. If enable feature is not required, short this pin to DC ground. 7 Enable TTL "High" Disable TTL "Low" Enable
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
9 - 23
AMPLIFIERS - CONNECTORIZED MODULES
HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
Outline Drawing
NOTES: 1. MATERIAL: ALUMINUM 6061-T6 2. FINISH a. COVER & END PLATES, CHEMICAL FILM PER MIL-C-5541, CLASS 3 b. BASE, TIN 3. RF CONNECTORS, SMA STYLE 4. DIMENSIONS ARE INCHES (MM) 5. TOLERANCES .X.1 (2.54mm) .XX.02 (0.50mm) 6. BASE MUST BE GROUNDED AND MOUNTED TO HEAT SINK CAPABLE OF DISSIPATING 100W (50 C)
9 - 24
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C008
v03.1205
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC-C008 Heatsink/Fan Outline Drawing
9
AMPLIFIERS - CONNECTORIZED MODULES
9 - 25
NOTES: 1. MATERIAL: ALUMINUM 6061-T6 2. FINISH: COVER & END PLATES, CHEMICAL FILM PER MIL-C-5541, CLASS 3 3. RF CONNECTORS, SMA STYLE 4. DIMENSIONS ARE INCHES (MM) 5. TOLERANCES .X.1 (2.54mm) .XX.02 (0.50mm)
HMC-C008 Ordering Information
Part Number HMC-C008 HMC-C008HV115 HMC-C008HV230 Description 15 Watt Power Amplifier Module, 1.8 - 2.2 GHz 15 Watt Power Amplifier Module with heat sink, 115 Vac fan and power cord. 15 Watt Power Amplifier Module with heat sink, 230 Vac fan and power cord.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC-C008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X