Part Number Hot Search : 
CONDUCT XE5690SM NVZ6TLTA 2N688A SP7180 B150K 5007M 2SK146
Product Description
Full Text Search
 

To Download HLB120S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200204 Issued Date : 2002.02.01 Revised Date : 2005.02.05 Page No. : 1/4
HLB120S
NPN Triple Diffused Planar Type High Voltage Transistors
Description
The HLB120S is a medium power transistor designed for use in switching applications. TO-92
Features
* High Breakdown Voltage * Low Collector Saturation Voltage * Fast Switching Speed
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ........................................................................................................................... -55 ~ +150 C Junction Temperature ................................................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (TA=25C) ............................................................................................................... 625 mW Total Power Dissipation (TC=25C) ...................................................................................................................... 7 W * Maximum Voltages and Currents (TA=25C) VCBO Collector to Base Voltage ......................................................................................................................... 500 V VCEO Collector to Emitter Voltage ...................................................................................................................... 400 V VEBO Emitter to Base Voltage ................................................................................................................................ 6 V IC Collector Current (DC) ............................................................................................................................... 100 mA IC Collector Current (Pulse)............................................................................................................................ 200 mA IB Base Current (DC)........................................................................................................................................ 20 mA IB Base Current (Pulse).................................................................................................................................... 40 mA
Electrical Characteristics (TA=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat) *hFE1 *hFE2 Min. 500 400 6 8 10 Typ. Max 10 10 10 400 750 1 36 Unit V V V uA uA uA mV mV V IC=100uA, IE=0 IC=10mA, IB=0 IE=10uA, IC=0 VCB=450V VCE=400V, IB=0 VEB=6V, IC=0 IC=50mA, IB=10mA IC=100mA, IB=20mA IC=50mA, IB=10mA VCE=10V, IC=10mA VCE=10V, IC=50mA
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Test Conditions
HLB120S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 10000
Spec. No. : HA200204 Issued Date : 2002.02.01 Revised Date : 2005.02.05 Page No. : 2/4
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1000
VCE=10V
hFE
10
100 VCE(sat) @ IC=5IB
1 1 10 100 1000
10 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Saturation Voltage & Collector Current
10000 10
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
1000 VBE(sat) @ IC=5IB
Capacitance (Pf)
Cob
100 1 10 100 1000
1 1 10 100
Collector Current (mA)
Reverse Biased Voltage (V)
Switching time & Collector Current
10.00 1
Safe Operating Area
Tstg
1.00
Collector Current (mA)
Switching Time (us).. .
0.1
Tf Ton 0.10
PT=1ms PT=100ms 0.01 PT=1s
VCC=125V, IC=5IB
0.01 10 100 0.001 1 10 100 1000
Collector Current (mA)
Forward Voltage (V)
HLB120S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Spec. No. : HA200204 Issued Date : 2002.02.01 Revised Date : 2005.02.05 Page No. : 3/4
2
Marking:
Pb Free Mark
Pb-Free: " . " (Note) Normal: None
H LB 120S Control Code
3
Date Code
Note: Green label is used for pb-free packing
C
D
Pin Style: 1.Emitter 2.Collector 3.Base Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I 1 2 3
Min. 4.33 4.33 12.70 0.36 3.36 0.36 -
Max. 4.83 4.83 0.56 *1.27 3.76 0.56 *2.54 *1.27 *5 *2 *2
H I E F
G
*: Typical, Unit: mm
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
TO-92 Taping Dimension
DIM A D D1 D2 F1,F2 H H1 H2 H2A H3 H4 L L1 P P1 P2 T T1 T2 W W1 Min. 4.33 3.80 0.36 4.33 2.40 15.50 8.50 2.50 12.50 5.95 50.30 0.36 17.50 5.00 Max. 4.83 4.20 0.53 4.83 2.90 16.50 9.50 1 1 27 21 11 12.90 6.75 51.30 0.55 1.42 0.68 19.00 7.00
Unit: mm
H2
H2
H2A H2A
D2
A
H3
H4 H L L1 H1 F1F2 T2 T T1 P1 P P2 D1
D
W1 W
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HLB120S HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HA200204 Issued Date : 2002.02.01 Revised Date : 2005.02.05 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HLB120S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB120S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X