Part Number Hot Search : 
2SB1420 1FM44 LT1033CP 128K8 LC96P STD83 PEB20954 MCDK21
Product Description
Full Text Search
 

To Download HLB120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6412 Issued Date : 1998.12.01 Revised Date : 2002.01.31 Page No. : 1/3
HLB120A
NPN Triple Diffused Planar Type High Voltage Transistors
Description
The HLB120A is a medium power transistor designed for use in switching applications.
Features
* High Breakdown Voltage * Low Collector Saturation Voltage * Fast Switching Speed
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C)................................................................................ 625 mW Total Power Dissipation (Tc=25C) ....................................................................................... 7 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ....................................................................................... 600 V VCEO Collector to Emitter Voltage .................................................................................... 400 V VEBO Emitter to Base Voltage .............................................................................................. 6 V IC Collector Current (DC) ............................................................................................... 100 mA IC Collector Current (Pulse) ........................................................................................... 200 mA IB Base Current (DC) ....................................................................................................... 20 mA IB Base Current (Pulse).................................................................................................... 40 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat) *hFE1 *hFE2 Min. 600 400 6 8 10 Typ. Max 10 10 10 400 750 1 36 Unit V V V uA uA uA mV mV V Test Conditions IC=100uA, IE=0 IC=10mA, IB=0 IE=10uA,, IC=0 VCB=550V VCE=400V, IB=0 VEB=6V, IC=0 IC=50mA, IB=10mA IC=100mA, IB=20mA IC=50mA, IB=10mA VCE=10V, IC=10mA VCE=10V, IC=50mA
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HLB120A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 10000
Spec. No. : HE6412 Issued Date : 1998.12.01 Revised Date : 2002.01.31 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1000
VCE=10V
hFE
10
100 VCE(sat) @ IC=5IB
1 1 10 100 1000
10 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Saturation Voltage & Collector Current
10000 10
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
1000 VBE(sat) @ IC=5IB
Capacitance (Pf)
Cob
100 1 10 100 1000
1 1 10 100
Collector Current (mA)
Reverse Biased Voltage (V)
Switching time & Collector Current
10.00 1
Safe Operating Area
Tstg
1.00
Collector Current (mA)
Switching Time (us).. .
0.1
Tf Ton 0.10
PT=1ms PT=100ms 0.01 PT=1s
VCC=125V, IC=5IB
0.01 10 100 0.001 1 10 100 1000
Collector Current (mA)
Forward Voltage (V)
HLB120A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Spec. No. : HE6412 Issued Date : 1998.12.01 Revised Date : 2002.01.31 Page No. : 3/3
2
Marking:
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
Style: Pin 1.Emitter 2.Collector 3.Base
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HLB120A
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X