Part Number Hot Search : 
MKW2541 ADM705AN TFS170F R223J UF804F D10NF10 BP60070 01234
Product Description
Full Text Search
 

To Download HER2001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER2001G thru HER2007G
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
Features
Glass passivated chip Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability Easily cleaned with Freon, Alcohol, Chlorothene and similar solvents Plastic material has UL flammabitily classification 94V-0
Mechanical Data
Case : JEDEC DO-204AC(DO-15) molded plastic Polarity : Color band denotes cathode Weight : 0.014 ounce, 0.395 gram Mounting position : Any
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @ TA=55oC
Symbols VRRM VRMS V DC I(AV) IFSM VF IR trr CJ RJA TJ TSTG
HER 2001G 50 35 50
HER 2002G 100 70 100
HER 2003G 200 140 200
HER 2004G 400 280 400 2.0
HER 2005G 600 420 600
HER 2006G 800 560 800
HER 2007G 1000 700 1000
Units Volts Volts Volts Amps
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum forward voltage at 2.0A DC Maximum DC reverse current at rated DC blocking voltage @TJ=25oC @TJ=100oC
60.0 1.0 1.3 5.0 100 50 30 25 -55 to +150 -55 to +150 75 15 1.7
Amps Volts uA nS pF
o
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction temperature range Storage temperature range
Notes:
C/W
o
C C
o
1. Test condition of Trr: IF=0.5A,IR=1.0A,IRR=0.25A. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Thermal Resistance Junction to Ambient.
169
RATINGS AND CHARACTERISTIC CURVES
170


▲Up To Search▲   

 
Price & Availability of HER2001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X