Part Number Hot Search : 
FSR420 AD7534JP PXR40PB PTZ22B W5280 M7003 2SJ244 BC33725
Product Description
Full Text Search
 

To Download HDSP-5500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.2 mm (0.56 inch) Seven Segment Displays Technical Data
HDSP-550x Series HDSP-552x Series HDSP-560x Series HDSP-562x Series HDSP-570x Series HDSP-572x Series HDSP-H15x Series
Features
* Industry Standard Size * Industry Standard Pinout 15.24 mm (0.6 in.) DIP Leads on 2.54 mm (0.1 in.) Centers * Choice of Colors AlGaAs Red, High Efficiency Red, Yellow, Green * Excellent Appearance Evenly Lighted Segments Mitered Corners on Segments Gray Package Gives Optimum Contrast 50 Viewing Angle * Design Flexibility Common Anode or Common Cathode Single and Dual Digits Right Hand Decimal Point 1. Overflow Character
* Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display * High Light Output * High Peak Current * Excellent for Long Digit String Multiplexing * Intensity and Color Selection Option See Intensity and Color Selected Displays Data Sheet * Sunlight Viewable AlGaAs
Description
The 14.2 mm (0.56 inch) LED seven segment displays are designed for viewing distances up
to 7 metres (23 feet). These devices use an industry standard size package and pinout. Both the numeric and 1 overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.
Devices
AlGaAs Red HDSP-[1] H151 H153 H157 H158 HER HDSP-[1] 5501 5503 5507 5508 5521 5523 Yellow HDSP5701 5703 5707 5708 5721 5723 Green HDSP5601 5603 5607 5608 5621 5623 Description Common Anode Right Hand Decimal Common Cathode Right Hand Decimal Common Anode 1. Overflow Common Cathode 1. Overflow Two Digit Common Anode Right Hand Decimal Two Digit Common Cathode Right Hand Decimal Package Drawing A B C D E F
Note: 1. These displays are recommended for high ambient light operation. Please refer to the HDSP-H10X/K12X AlGaAs and HDSP-555X HER data sheet for low current operation.
2
These displays are ideal for most applications. Pin for pin equivalent displays are also available in a low current design. The low current displays are ideal
for portable applications. For additional information see the Low Current Seven Segment Displays data sheet.
Package Dimensions
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
A CATHODE e CATHODE d ANODE[3] CATHODE c CATHODE DP CATHODE b CATHODE a ANODE[3] CATHODE f CATHODE g
B ANODE e ANODE d CATHODE[4] ANODE c ANODE DP ANODE b ANODE a CATHODE[4] ANODE f ANODE g
C CATHODE c ANODE c, d CATHODE b ANODE a, b, DP CATHOPDE DP CATHODE a ANODE a, b, DP ANODE c, d CATHODE d NO PIN
FUNCTION D ANODE c CATHODE c, d ANODE b CATHODE a, b, DP ANODE DE ANODE a CATHODE a, b, DP CATHODE c, d ANODE d NO PIN
E E CATHODE NO. 1 D CATHODE NO. 1 C CATHODE NO. 1 DP CATHODE NO. 1 E CATHODE NO. 1 D CATHODE NO. 2 G CATHODE NO. 2 C CATHODE NO. 2 DP CATHODE NO. 2 B CATHODE NO. 2 A CATHODE NO. 2 F CATHODE NO. 2 DIGIT NO. 2 ANODE DIGIT NO. 1 ANODE B CATHODE NO. 1 A CATHODE NO. 1 G CATHODE NO. 1 F CATHODE NO. 1
F E ANODE NO. 1 D ANODE NO. 1 C ANODE NO. 1 DP ANODE NO. 1 E ANODE NO. 2 D ANODE NO. 2 G ANODE NO. 2 C ANODE NO. 2 DP ANODE NO. 2 B ANODE NO. 2 A ANODE NO. 2 F ANODE NO. 2 DIGIT NO. 2 CATHODE DIGIT NO. 1 CATHODE B ANODE NO. 1 A ANODE NO. 1 G ANODE NO. 1 F ANODE NO. 1
NOTES: 1. ALL DIMENSIONS IN MILLIMETRES (INCHES). 2. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY.
3. REDUNDANT ANODES. 4. REDUNDANT CATHODES. 5. FOR HDSP-5600/-5700 SERIES PRODUCT ONLY.
3
Internal Circuit Diagram
Absolute Maximum Ratings
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Lead Solder Temperature for 3 Seconds (1.60 mm [0.063 in.] below seating plane)
Notes: 1. See Figure 2 to establish pulsed conditions. 2. Derate above 46C at 0.54 mA/C. 3. See Figure 7 to establish pulsed conditions. 4. Derate above 53C at 0.45 mA/C. 5. See Figure 8 to establish pulsed conditions. 6. 7. 8. 9.
AlGaAs Red HDSP-H150 Series 96 160 [1]
HER HDSP-5500 Series 105 90[3]
Yellow HDSP-5700 Series 80 60[5]
Green HDSP-5600 Series 105 90[7]
Units mW mA
40[2] -20 to +100[9]
30[4]
20[6] -40 to +100
3018]
mA C C V C
-55 to +100 3.0 260
Derate above 81C at 0.52 mA/C. See Figure 9 to establish pulsed conditions. Derate above 39C at 0.37 mA/C. For operation below -20C, contact your local Agilent components sales office or an authorized distributor.
4
Electrical/Optical Characteristics at TA = 25C AlGaAs Red
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2,5] (Digit Average) Forward Voltage/Segment or DP
Symbol IV
Min. 9.1
Typ. 16.0 1.8
Max.
Units mcd
Test Conditions IF = 20 mA IF = 20 mA
VF 2.0 3.0 PEAK d
V IF = 100 mA nm nm V mV/C C/W/ Seg IR = 100 A
H15X Peak Wavelength Dominant Wavelength[3] DP[4] 645 637 3.0 15 -2 400
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP
VR VF/C R J-Pin
Thermal Resistance LED Junctionto-Pin
High Efficiency Red
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2,6] (Digit Average) Forward Voltage/Segment or DP
Symbol IV
Min. 900
Typ. 2800
Max.
Units cd
Test Conditions IF = 10 mA IF = 60 mA Peak: 1 of 6 df
3700 VF PEAK d 2.1 635 626 3.0 30 -2 345 2.5 V nm nm V mV/C C/W/ Seg
IF = 20 mA
55XX Peak Wavelength Dominant Wavelength[3] DP[4]
Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP
VR VF/C R J-Pin
IR = 100 A
Thermal Resistance LED Junctionto-Pin
5
Yellow
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP
Symbol IV
Min. 600
Typ. 1800
Max.
Units cd
Test Conditions IF = 10 mA IF = 60 mA Peak: 1 of 6 df
2750 VF PEAK d VR VF/C R J-Pin 581.5 3.0 2.1 583 586 40 -2 345 592.5 2.5 V nm nm V mV/C C/W/ Seg
IF = 20 mA
57XX Peak Wavelength Dominant Wavelength[3,7] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin
IR = 100 A
6
High Performance Green
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP
Symbol IV
Min. 900
Typ. 2500
Max.
Units cd
Test Conditions IF = 10 mA IF = 60 mA Peak: 1 of 6 df
3100 VF PEAK d VR VF /C R J-Pin 3.0 2.1 566 571 50 -2 345 577 2.5 V nm nm V mV/C C/W/ Seg
IF = 10 mA
56XX Peak Wavelength Dominant Wavelength[3,7] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin
IR = 100 A
Notes: 1. Device case temperature is 25C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. For low current operation, the AlGaAs HDSP-H10X series displays are recommended. They are tested at 1 mA dc/segment and are pin for pin compatible with the HDSP-H15X series. 6. For low current operation, the HER HDSP-555X series displays are recommended. They are tested at 2 mA dc/segment and are pin for pin compatible with the HDSP-550X series. 7. The Yellow (HDSP-5700) and Green (HDSP-5600) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
AlGaAs Red
Figure 1. Maximum Tolerable Peak Current vs. Pulse Duration - Red.
Figure 2. Maximum Tolerable Peak Current vs. Pulse Duration - AlGaAs Red.
7
IDC MAX. - MAXIMUM DC CURRENT PER SEGMENT - mA
45 AlGaAs RED 40 35 30 25 20 15 10 5 0 20 30 40 50 60 70
RJ-A = 770C/W
IF - FORWARD CURRENT PER SEGMENT - mA
50
160 140 120 AlGaAs RED 100 80 60 40 20 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 VF - FORWARD VOLTAGE - V
80
90 100 110 120
TA - AMBIENT TEMPERATURE - C
Figure 3. Maximum Allowable DC Current vs. Ambient Temperature.
Figure 4. Forward Current vs. Forward Voltage.
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 20 mA)
1.75 1.50 1.25 1.00 AlGaAs RED 0.75 0.50 0.25 0 0 5 10 15 20 25 30 35 40 IF - FORWARD CURRENT PER SEGMENT - mA
PEAK - NORMALIZED RELATIVE EFFICIENCY
2.00
1.4
1.2
1.0
AlGaAs RED 0.8
0.6 0.5
5.0
50.0
150.0
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 5. Relative Luminous Intensity vs. DC Forward Current.
Figure 6. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
HER, Yellow, Green
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration - HER.
Figure 8. Maximum Tolerable Peak Current vs. Pulse Duration - Yellow.
50
IDC MAX - MAXIMUM DC CURRENT PER SEGMENT - mA
45 40 35 30
R J-A = 770C/W
HER, ORANGE 25 20 YELLOW 15 10 5 0 20 30 40 50 60 70 80 90 100 110 120 GREEN
T A - AMBIENT TEMPERATURE - C
Figure 9. Maximum Tolerable Peak Current vs. Pulse Duration - Green.
Figure 10. Maximum Allowable DC Current vs. Ambient Temperature.
I F - FORWARD CURRENT PER SEGMENT - mA
V - RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA PER SEGMENT)
90 80
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 10 mA
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0
1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0 10 20 30 40 50 60 70 80 90 100 GREEN SERIES YELLOW SERIES HER SERIES
HER, YELLOW, GREEN
70 60 HER SERIES 50 GREEN SERIES 40 30 20 10 0 1.0 2.0 3.0 4.0 5.0 YELLOW SERIES
0
5
10
15
20
25
30
35
40
V F - FORWARD VOLTAGE - V
IF - FORWARD CURRENT PER SEGMENT - mA
I PEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 11. Forward Current vs. Forward Voltage.
Figure 12. Relative Luminous Intensity vs. DC Forward Current.
Figure 13. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005. (methylene chloride, trichloro- ethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs please refer to Application Note 1027 .
Contrast Enhancement
For information on contrast enhancement please see Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2000 Agilent Technologies Obsoletes 5963-7388E (11/99) 5968-9410E (1/00)


▲Up To Search▲   

 
Price & Availability of HDSP-5500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X