Part Number Hot Search : 
08783 MIC2586 MURA210G S3C9648 1C102 0HSR3 MPC4D VG024
Product Description
Full Text Search
 

To Download HDSP-335X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Current Seven Segment Displays Technical Data
HDSP-335X Series HDSP-555x Series HDSP-751x Series HDSP-A10x Series HDSP-A80x Series HDSP-A90x Series HDSP-E10x Series HDSP-F10x Series HDSP-G10x Series HDSP-H10x Series HDSP-K12x, K70x Series HDSP-N10x Series
Features
Low Power Consumption Industry Standard Size Industry Standard Pinout Choice of Character Size 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in) * Choice of Colors AlGaAs Red, High Efficiency Red (HER), Yellow, Green * Excellent Appearance Evenly Lighted Segments 50 Viewing Angle * Design Flexibility Common Anode or Common Cathode Single and Dual Digit Left and Right Hand Decimal Points 1. Overflow Character * Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display * Excellent for Long Digit String Multiplexing * * * *
Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available. Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applications. The high light ambient displays are ideal for sunlight ambients or long string lengths. For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.
2
Devices
AlGaAs HDSPA101 A103 A107 A108 F101 F103 F107 F108 G101 G103 E100 E101 E103 E106 H101 H103 H107 H108 K121 K123 N100 N101 N103 N105 N106 HER HDSP7511 7513 7517 7518 Yellow HDSPA801 A803 A807 A808 Green HDSPA901 A903 A907 A908 Description 7.6 mm Common Anode Right Hand Decimal 7.6 mm Common Cathode Right Hand Decimal 7.6 mm Common Anode 1. Overflow 7.6 mm Common Cathode 1. Overflow 10 mm Common Anode Right Hand Decimal 10 mm Common Cathode Right Hand Decimal 10 mm Common Anode 1. Overflow 10 mm Common Cathode 1. Overflow 10 mm Two Digit Common Anode Right Hand Decimal 10 mm Two Digit Common Cathode Right Hand Decimal 10.9 mm Common Anode Left Hand Decimal 10.9 mm Common Anode Right Hand Decimal 10.9 mm Common Cathode Right Hand Decimal 10.9 mm Universal 1. Overflow[1] 14.2 mm Common Anode Right Hand Decimal 14.2 mm Common Cathode Right Hand Decimal 14.2 mm Common Anode 1. Overflow 14.2 mm Common Cathode 1. Overflow 14.2 mm Two Digit Common Anode Right Hand Decimal 14.2 mm Two Digit Common Cathode Right Hand Decimal 20 mm Common Anode Left Hand Decimal 20 mm Common Anode Right Hand Decimal 20 mm Common Cathode Right Hand Decimal 20 mm Common Cathode Left Hand Decimal 20 mm Universal 1. Overflow[1] Package Drawing A B C D E F G H X Y I J K L M N O P R S Q T U V W
3350 3351 3353 3356 5551 5553 5557 5558 K701 K703
Note: 1. Universal pinout brings the anode and cathode of each segment's LED out to separate pins. See internal diagrams L or W.
3
Part Numbering System
5082 - x xx x - x x x xx HDSP - x xx x - x x x xx Mechanical Options[1] 00: No mechanical option
Color Bin Options[1,2] 0: No color bin limitation
Maximum Intensity Bin[1,2] 0: No maximum intensity bin limitation Minimum Intensity Bin[1,2] 0: No minimum intensity bin limitation Device Configuration/Color[1] G: Green
Device Specific Configuration[1] Refer to respective datasheet Package[1] Refer to Respective datasheet
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
4
Package Dimensions
5
Package Dimensions (cont.)
6
Package Dimensions (cont.)
*The Side View of package indicates Country of Origin.
7
Package Dimensions (cont.)
8
Package Dimensions (cont.)
9
Package Dimensions (cont.)
10
Internal Circuit Diagram
11
Internal Circuit Diagram (cont.)
Absolute Maximum Ratings
AlGaAs Red HDSP-A10X/E10X/ H10X/K12X/N10X/ F10X, G10X Series 37 45 15[1] -20 to +100 3.0 15[2] -40 to +100 -55 to +100 HER HDSP-751X/ 335X/555X/ K70X Series 52 Yellow HDSP-A80X Series Green HDSP-A90X Series 64
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Lead Solder Temperature for 3 Seconds (1.60 mm [0.063 in.] below seating plane)
Units mW mA mA C C V
260
C
Notes: 1. Derate above 91C at 0.53 mA/C. 2. Derate HER/Yellow above 80C at 0.38 mA/C and Green above 71C at 0.31 mA/C.
12
Electrical/Optical Characteristics at TA = 25C
AlGaAs Red
Device Series HDSPA10x 3600 330 F10x, G10x 3900 390 E10x Luminous Intensity/Segment[1,2] (Digit Average) IV 3900 400 H10x, K12x 4200 270 N10x 3500 1.6 Forward Voltage/Segment or DP VF 1.7 1.8 All Devices Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP A10x F10x, G10x E10x Thermal Resistance LED H10x, K12x Junction-to-Pin N10x RJ-PIN 400 430 PEAK d VR VF/C 3.0 645 637 15 -2 mV 255 320 340 C/W/Seg 2.2 nm nm V mV/C IR = 100 A V IF = 5 mA IF = 1 mA IF = 5 mA IF = 20 mA Pk 590 IF = 5 mA IF = 1 mA 700 650 cd IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA 650 IF = 5 mA IF = 1 mA
Parameter
Symbol
Min. 315
Typ. 600
Max.
Units
Test Conditions IF = 1 mA
13
High Efficiency Red
Device Series HDSP751x 1050 200 Luminous Intensity/Segment[1,2] (Digit Average) 335x, 555x, K70x IV 1200 270 370 1480 1.6 Forward Voltage/Segment or DP VF 1.7 2.1 All Devices Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP 751x 335x 555x, K70x Thermal Resistance LED Junction-to-Pin RJ-PIN PEAK d VR VF /C 3.0 635 626 30 -2 200 280 345 C/W 2.5 nm nm V mV/C IR = 100 A V 300 mcd IF = 5 mA IF = 2 mA IF = 5 mA IF = 2 mA IF = 5 mA IF = 20 mA Pk IF = 5 mA IF = 2 mA
Parameter
Symbol
Min. 160
Typ. 270
Max.
Units
Test Conditions IF = 2 mA
14
Yellow
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol IV
Min. 250
Typ. 420
Max.
Units mcd
Test Conditions IF = 4 mA IF = 10 mA IF = 4 mA
1300 1.7 Forward Voltage/Segment or DP A80x 2.1 Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin PEAK d VR VF /C RJ-PIN 581.5 3.0 583 585 30 -2 200 592.5 2.5 nm nm V mV/C C/W VF 1.8 V
IF = 5 mA IF = 20 mA Pk
IR = 100 A
Green
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol IV
Min. 250
Typ. 475
Max.
Units mcd
Test Conditions IF = 4 mA IF = 10 mA IF = 4 mA
1500 1.9 Forward Voltage/Segment or DP A90x 2.1 Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin PEAK d VR VF /C RJ-PIN 3.0 566 571 30 -2 200 577 2.5 nm nm V mV/C C/W VF 2.0 V
IF = 10 mA IF = 20 mA Pk
IR = 100 A
Notes: 1. Device case temperature is 25C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. The yellow (HDSP-A800) and Green (HDSP-A900) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
15
AlGaAs Red
Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
16
HER, Yellow, Green
Figure 5. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 6. Forward Current vs. Forward Voltage.
Figure 7. Relative Luminous Intensity vs. DC Forward Current.
Figure 8. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
17
Intensity Bin Limits (mcd) AlGaAs Red
IV Bin Category E F G H I J K L HDSP-A10x Min. 0.315 0.428 0.621 0.945 1.40 2.10 3.14 4.70 Max. 0.520 0.759 1.16 1.71 2.56 3.84 5.75 8.55
HDSP-E10x/F10x/G10x IV Bin Category Min. D 0.391 E 0.532 F 0.755 G 1.13 H 1.70
Max. 0.650 0.923 1.39 2.08 3.14
HDSP-H10x/K12x IV Bin Category Min. C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.690 0.990 1.50 2.20 3.30 5.00 7.50
HDSP-N10x IV Bin Category Min. A 0.270 B 0.325 C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.400 0.500 0.690 0.990 1.50 2.20 3.30 5.00 7.50
18
Intensity Bin Limits (mcd), continued HER
IV Bin Category B C D E F G HDSP-751x Min. 0.160 0.200 0.250 0.315 0.428 0.621 Max. 0.240 0.300 0.385 0.520 0.759 1.16
IV Bin Category B C D E F G H
HDSP-751x Min. 0.240 0.300 0.391 0.532 0.755 1.13 1.70
Max. 0.366 0.477 0.650 0.923 1.39 2.08 3.14
HDSP-555x/K70x IV Bin Category Min. A 0.270 B 0.325 C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.400 0.500 0.690 0.990 1.50 2.20 3.30 5.00 7.50
19
Intensity Bin Limits (mcd), continued Yellow
IV Bin Category D E F G H I J K L M N O P Q HDSP-A80x Min. 0.250 0.315 0.425 0.625 0.940 1.40 2.10 3.14 4.71 7.07 10.60 15.90 23.90 35.80 Max. 0.385 0.520 0.760 1.14 1.70 2.56 3.84 5.76 8.64 13.00 19.40 29.20 43.80 65.60
Green
HDSP-A90x IV Bin Category Min. E 0.315 F 0.425 G 0.625 H 0.940 I 1.40 J 2.10 K 3.14 L 4.71 M 7.07 N 10.60 O 15.90 P 23.90 Q 35.80 Max. 0.520 0.760 1.14 1.70 2.56 3.84 5.76 8.64 13.00 19.40 29.20 43.80 65.60
Color Categories
Color Yellow Bin 1 3 2 4 2 3 4 5 Dominant Wavelength (nm) Min. Max. 581.50 585.00 584.00 587.50 586.50 590.00 589.00 592.50 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Green
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representatives for further clarification/information.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005.
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
chorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs, please refer to Application Note 1027.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788 6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-8412EN September 24, 2003 5989-0080EN


▲Up To Search▲   

 
Price & Availability of HDSP-335X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X