Part Number Hot Search : 
SVD7N60F SDR628G AKA0600S C3072 SMJ24A IRF78 HAC300S TGP210
Product Description
Full Text Search
 

To Download H3055LJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200606 Issued Date : 2006.03.01 Revised Date : 2006.05.04 Page No. : 1/4
H3055LJ
N-Channel Enhancement-Mode MOSFET (20V, 13A)
H3055LJ Pin Assignment
Tab
1
2
3
3-Lead Plastic TO-252 Package Code: J Pin 1: Gate Pin 2 & Tab: Drain Pin 3: Source
Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of advanced trench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V-10V)
D
Internal Schematic Diagram
G S
Features
* RDS(on)=45m@VGS=2.5V, ID=5.2A; RDS(on)=35m@VGS=4.5V, ID=6A * High Density Cell Design for Ultra Low On-Resistance * High Power and Current Handing Capability * Fully Characterized Avalanche Voltage and Current * Ideal for Li ion Battery Pack Applications
Applications
* Battery Protection * Load Switch * Power Management
Absolute Maximum Ratings (T =25 C, unless otherwise noted)
o A
Symbol VDS VGS ID IDM PD Tj, Tstg RJA Drain-Source Voltage Gate-Source Voltage Drain Current (Continuous) Drain Current (Pulsed)
*1
Parameter
Ratings 20 12 13 30
Units V V A A W W C C/W
Total Power Dissipation @TA=25 C Total Power Dissipation @TA=75oC Operating and Storage Temperature Range Thermal Resistance Junction to Ambient
*2
o
2 1.3 -55 to +150 62.5
*1: Maximum DC current limited by the package *2: 1-in2 2oz Cu PCB board
H3055LJ
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C, unless otherwise noted)
Symbol * Static BVDSS RDS(on) VGS(th) IDSS IGSS gFS * Dynamic Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time VDD=10V, ID=1A, VGS=4.5V RGEN=6 VDS=8V, VGS=0V, f=1MHz VDS=10V, ID=6A, VGS=4.5V Drain-Source Breakdown Voltage Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current Forward Transconductance VGS=0V, ID=250uA VGS=2.5V, ID=5.2A VGS=4.5V, ID=6A VDS=VGS, ID=250uA VDS=20V, VGS=0V VGS=12V, VDS=0V VDS=10V, ID=6A 20 0.6 7 Characteristic Test Conditions Min.
Spec. No. : MOS200606 Issued Date : 2006.03.01 Revised Date : 2006.05.04 Page No. : 2/4
Typ.
Max.
Unit
34 25 13
45 35 1.5 1 100 -
V m V uA nA S
4.86 0.92 1.4 562 106 75 8.1 9.95 21.85 5.35
ns pF nC
* Drain-Source Diode Characteristics IS VSD Maximum Diode Forward Current Drain-Source Diode Forward Voltage VGS=0V, IS=1.7A 1.7 1.2 A V
Note: Pulse Test: Pulse Width 300us, Duty Cycle2%
Switching Test Circuit
VDD td(on)
ton tr
Switching Waveforms
td(off)
toff tf 90%
90% RD VIN VGEN RG G S Input, VIN 10% Pulse Width 50% 50% 90% D VOUT Output, VOUT 10% 10%
Inverted
H3055LJ
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
M A F C G
1 2 3
Date Code
Spec. No. : MOS200606 Issued Date : 2006.03.01 Revised Date : 2006.05.04 Page No. : 3/4
Marking:
a1
Pb Free Mark
Pb-Free: " . " (Note) H Normal: None
J
3055L Control Code
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2.Drain 3.Source
N H
a5 L a2
Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A C F G H L M N a1 a2 a5
Min. 6.35 4.80 1.30 5.40 2.20 0.40 2.20 0.90 0.40 0.65
Max. 6.80 5.50 1.70 6.25 3.00 0.90 2.40 1.50 0.65 *2.30 1.05
*: Typical, Unit: mm
a1
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J
A B C D a1 E
Marking:
M F y1 a1
Pb-Free: " . " (Note) H Normal: None
Pb Free Mark
J
3055L Date Code Control Code
GI y1 y1
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2.Drain 3.Source Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
J K a2 y2
H N L a2 y2
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J
a1 O
DIM A B C D E F G H I J K L M N O a1 a2 y1 y2
Min. 6.40 5.04 0.40 0.50 5.90 2.50 9.20 0.60 0.66 2.20 0.70 0.82 0.40 2.10 -
Max. 6.80 6.00 5.64 *4.34 0.80 0.90 6.30 2.90 9.80 1.00 0.96 0.86 2.40 1.10 1.22 0.60 2.50 5o 3o
*: Typical, Unit: mm
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H3055LJ
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : MOS200606 Issued Date : 2006.03.01 Revised Date : 2006.05.04 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3oC/sec
Pb-Free Assembly <3oC/sec
100oC 150oC 60~120 sec
150oC 200oC 60~180 sec
<3oC/sec
<3oC/sec
183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o
217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245oC 5oC 260 C 5 C
o o
Dipping time 10sec 1sec 10sec 1sec
H3055LJ
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H3055LJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X