Part Number Hot Search : 
IDT74 APTRG TM12864F KSC1623O NE06L 7805T DT72821L 018ENA1
Product Description
Full Text Search
 

To Download GHR16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR15, GHR16
Voltage Range 1500-1600 Volts 0.3/0.5 Amp. Photoflash Rectifiers Forward Current 0.3/0.5 Ampere
Features
Fast switching Low leakage High forward surge current capability
Mechanical Data
Case: R-1 molded epoxy with UL94V-0 flammability classification Polarity: Color band denotes cathode end Weight: 0.0073 ounce, 0.2 gram Terminals: High temperature soldering guaranteed: 260oC/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC
Symbols VRRM VRMS
F R 15 1500 1050 1500 300 15.0 1.5 10.0 500 10 -40 to +125
GHR16 1600 1120 1600 500 20.0 100
Units Volts Volts Volts mAmps Amps uA Volts
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average, 0.375" (9.5mm) lead length at TL=55oC
Maximum instantaneous forward voltage drop at 0.5A Maximum DC reverse current at rated DC blocking voltage at TA=25oC Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Operating junction and storage temperature range
w
w
w
.d
sh ta a
ee
u. t4
om c
V DC IF(AV) IFSM IR(AV) VF IR trr CJ TJ, TSTG
5.0 300
uA ns pF
-65 to +175
o
C
351
www..com
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
352


▲Up To Search▲   

 
Price & Availability of GHR16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X