Part Number Hot Search : 
1862623X P2100SC HR809 HMC580 KIA7808A NF3T1L SCBK05 MAX6310
Product Description
Full Text Search
 

To Download GBL201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY
LTD.
GBL2005 Thru GBL210
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component index,file number E231047 Single-in-line package High current capality with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds
High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25
Parameter Symbol Maximum repetitive voltage
Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
ambient temperature unless otherwise specified.
Symbol GBL2005 GBL201 GBL202 GBL204 GBL206 GBL208 GBL210 Unit VRM IR 50 100 200 5 500 2 80 2.5 1.1 150 -55~150 400 600 800 1000 V A
Average rectified forward current 60Hz Sine wave Resistance load with heat sink Tc=50 Peak forward surge current 8.3ms single half sinewave superimposed on rated load Dielectric strength Terminals to case AC 1 minute Current 1mA Maximum instantaneous forward voltage at 4A Operating junction temperature Storage temperature
Io IFSM Vdia VF TJ Tstg
A A KV V


▲Up To Search▲   

 
Price & Availability of GBL201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X