Part Number Hot Search : 
030PAAA MAX6967 0P100 332U0 N5672 BR3015 55C6V P4KE180
Product Description
Full Text Search
 

To Download FRC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRC4
FEATURES
High Contact Rating (30A) High Temperature Design Ideal For Use in Automobile Quick Connect Terminal
RELAY
SPECIFICATIONS COIL RATING
RATED VOLTAGE ( V DC) 6 12 24 COIL RESISTANCE +/- 10 % 20 80 320 RATED CURRENT (mA) 300 150 75 MUST OPERATE MUST DROPOUT MAXIMUM VOLTAGE VOLTAGE VOLTAGE % OF RATED VOLTAGE (At +20 oC) 65 Max. 12.5 Min. 130 Max. POWER CONSUMPTION 1.8W (Approx.)
CHARACTERISTICS
Contact Arrangement Contact Material Contact Resistance Contact Rating (Resistive Load) Switching Voltage Operate Time (Initial) Release Time (Initial) Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Humidity Operation Life Weight 1 FORM A (SPST) Silver Alloy 50m Max. 30A 14VDC 75VDC Max. 7ms Max. 5ms Max. 100M Min. ( 500V DC) 500Vrms between coil and contact 20g Approx. 10-40Hz 1.5mm Double amplitude -40oC to +85oC 40 to 85% RH Mechanical Electrical 30g Approx. [Specifications are subject to change without notices.] : 10 7 : 10 5 (2 sec on/ 2 sec off)
FORWARD INDUSTRIAL COMPANY.
TEL : (852) 27892365 FAX : (852) 27893102
(O/B COMMERCIAL UNION LTD)
RM. 1405, Wu Sang House, 655 Nathan Road, Mongkok, Kowloon, Hong Kong. E-MAIL : sales@ficrelay.com.hk
WEBSITE : http://www.ficrelay.com.hk
FRC4 RELAY
ORDERING INFORMATION
FRC4 A - 1 R DC12V
RATED VOLTAGE NIL : STANDARD R : RESISTOR (12V: 562) N : DIODE 1 : PLAIN DUST COVER CONTACT ARRANGEMENT A : 1 FORM A RELAY MODEL Note : Pb-Free and RoHS compliant relays are available. For ordering, please add suffix "Pb-Free" or "RoHS" to standard relay part numbers. For example : FRC4A-1 DC 12V "Pb-Free" For example : FRC4A-1 DC 12V "RoHS" for Pb-Free Relay for RoHS Complaint Relay
DIMENSIONS (UNIT : mm)
PLUG IN TERMINAL TYPE
TERMINAL ARRANGEMENT (BOTTOM VIEW)
30 86 87
85
30
85
87
86


▲Up To Search▲   

 
Price & Availability of FRC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X