Part Number Hot Search : 
JWL22BH1 1A106 2SK4002 GPTP3127 MC68HC0 CS5566 BU9262FS JANSR2N
Product Description
Full Text Search
 

To Download FBR3501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBR3500 - FBR3510
PRV : 50 - 1000 Volts Io : 35 Amperes
FEATURES :
* * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
FAST RECOVERY BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage drop per Diode at IF = 17.5 Amps. Maximum DC Reverse Current Ta = 25 C at Rated DC Blocking Voltage Ta = 100 C Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance per diode (Note 2) Operating Junction Temperature Range Storage Temperature Range
SYMBOL VRRM VRMS VDC I F(AV) IFSM It VF IR IR(H) Trr RJC TJ TSTG
2
FBR FBR FBR FBR FBR FBR FBR 3500 3501 3502 3504 3506 3508 3510 50 100 200 400 600 800 1000 35 50 70 100 140 200 280 400 35 400 660 1.3 10 200 150 10 - 50 to + 150 - 50 to + 150 250 500 420 600 560 800 700 1000
UNIT Volts Volts Volts Amps. Amps. AS Volts A A ns C/W C C
2
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal Resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) Al.-Finned Plate
UPDATE : APRIL 21, 1998
RATING AND CHARACTERISTIC CURVES ( FBR3500 - FBR3510 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 0 PULSE GENERATOR ( NOTE 2 ) 1 OSCILLOSCOPE ( NOTE 1 ) - 0.25 Trr
+
50 Vdc (approx)
- 1.0 A
SET TIME BASE FOR 50/200 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
35 400
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Tc = 55 C 360
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
28
21
240
14
160
7 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
80
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE REVERSE CURRENT, MICROAMPERES
10 TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1 TJ = 25 C
Pulse Width = 300 s 2% Duty Cycle 0.1 TJ = 25 C
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of FBR3501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X