Part Number Hot Search : 
C3115 2SD1910 OC18E12A 1415920 MB1005 D7201 18030 371903
Product Description
Full Text Search
 

To Download ES25P16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
ES25P16
16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ARCHITECTURAL ADVANTAGES
* Single power supply operation - 2.7V -3.6V for read and program operations * Memory Architecture - Thirty-two sectors with 512 Kb each * Program - Page program ( up to 256 bytes) in 1.5ms (typical) - Program cycles are on a page by page basis * Erase - 0.5s typical sector erase time - 12s typical bulk erase time * Endurance - 100,000 cycles per sector (typical) * Data Retention - 20 years (typical) * Parameter Page - 256 Byte page independent from main memory for parameter storage - Seperate from array, erase time < 20ms * Device ID - JEDEC standard two-byte electronic signature - RES instruction one-byte electronic signature for backward compatibility - Manufacturer and device type ID * Process Technology - Manufactured on 0.18um process technology * Package Option - Industry Standard Pinouts - 8-pin SO (208mil) package - All Pb-Free devices are RoHS Compliant
PERFORMANCE CHARACTERISTICS
* Speed - 75Mhz clock rate (maximum) * Power Saving Standby Mode - Standby mode 50uA (max) - Deep Power Down Mode 1uA (typical)
MEMORY PROTECTION FEATURES
* Memory Protection - W# pin works in conjunction with Status Register Bits to protect specified memory areas - Status Register Block Protection Bits (BP2, BP1, BP0) in status register configure parts of memory as read only
SOFTWARE FEATURES
* SPI Bus Compatible Serial Interface
ES25P16
1
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
GENERAL PRODUCT DESCRIPTION
The ES25P16 device is a 3.0 volt (2.7V to 3.6V) single power flash memory device. ES25P16 consists of thirty-two sectors, each with 512 Kb memory. Data appears on SI input pin when inputting data into the memory and on the SO output pin when outputting data from the memory. The devices are designed to be programmed in-system with the standard system 3.0 volt Vcc supply. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction. The memory supports Sector Erase and Bulk Erase instructions. Each device requires only a 3.0 volt power supply (2.7V to 3.6V) for both read and write functions. Internally generated and regulated voltages are provided for program operations. This device does not require Vpp supply.
BLOCK DIAGRAM
SRAM
PS
XDEC
Array - L Logic
Array - R
RD
DATA PATH
IO
CS#
SCK
SI
GND
HOLD#
SO
VCC
W#
ES25P16
2
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION PIN DESCRIPTIONS
Pin
SCK SI SO CS# W# HOLD# Vcc GND Serial Clock Input Serial Data Input Serial Data Output Chip Select Input Write Protect Input Hold Input Supply Voltage Input Ground Input
Excel Semiconductor inc.
Description
Connection Diagrams 8-pin Plastic Small Outline Package (SO)
CS# SO
1 2 3
5 6 7
VCC HOLD# SCK
W# GND
4
8
SI
ES25P16
3
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
SIGNAL DESCRIPTION
Serial Data Output (SO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of Serial Clock (SCK).
SPI MODES
These devices can be driven by a microcontroller with its SPI peripheral running in either of the two following modes : CPOL = 0, CPHA = 0 CPOL = 1, CPHA = 1 For these two modes, input data is latched in on the rising edge of Serial Clock (SCK), and output data is available from the falling edge of Serial Clock (SCK). The difference between the two modes, as shown in Figure 1, is the clock polarity when the bus master is in Standby and not transferring data: SCK remains at 0 for (CPOL = 0, CPHA = 0) SCK remains at 1 for (CPOL = 1, CPHA = 1)
Serial Data Input (SI)
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the data to be programmed. Values are latched on the rising edge of Serial Clock (SCK).
Serial Clock (SCK)
This input signal provides the timing of the serial interface. Instructions, addresses, and data present at the Serial Data Input (SI) are latched on the rising edge of Serial Clock (SCK). Data on Serial Data Output (SO) changes after the falling edge of Serial Clock (SCK).
OPERATING FEATURES
All data into and out of the device is shifted in 8-bit chunks.
Chip Select (CS#)
When this input signal is high, the device is deselected and Serial Data Output (SO) is at high impedance. Unless an internal Program, Erase or Write Status Register cycle is in progress, the device will be in Standby mode. Driving Chip Select (CS#) Low enables the device, placing it in the active power mode. After power-up, a falling edge on Chip Select (CS#) is required prior to the start of any instruction.
Page Programming
To program one data byte, two instructions are required : Write Enable (WREN), which is one byte, and a Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the internal program cycle. To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be programmed at a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on the same page of memory.
Hold (HOLD#)
The Hold (HOLD#) signal is used to pause any serial communications with the device without deselecting the device. During the Hold instruction, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial Clock (SCK) are Don't Care. To start the Hold condition, the device must be selected, with Chip Select (CS#) driven Low.
Sector Erase, or Bulk Erase
The Page Program (PP) instruction allows bits to be programmed from 1 to 0. Before this can be applied, the bytes of the memory need to be first erased to all 1's (FFh) before any programming. This can be achieved in two ways :1) a sector at a time using the Sector Erase (SE) instruction, or 2) throughout the entire memory, using the Bulk Erase (BE) instruction.
Write Protect (W#)
The main purpose of this input signal is to freeze the size of the area of memory that is protected against program or erase instructions (as specified by the values in the BP2, BP1 and BP0 bits of the Status Register).
ES25P16
4
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
SO
SPI Interface with (CPOL, CPHA) = (0,0) or (1,1) Bus Master
SI SCK SCK SO SI SCK SO SI SCK SO SI
SPI Memory Device CS1 CS2 CS3
CS# W# HOLD#
SPI Memory Device
SPI Memory Device
CS#
W#
HOLD#
CS#
W#
HOLD#
Figure 1. Bus Master and Memory Devices on the SPI Bus
Note : The Write Protect (W#) and Hold (HOLD#) signals should be driven, High or Low as appropriate
CS# CPOL CPHA 0 0 SCK
1
1
SCK
SI
MSB
SO
MSB
Figure 2. SPI Modes Supported
ES25P16
5
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Polling During a Write, Program, or Erase Cycle
A further improvement in the time to Write Status Register (WRSR), Program(PP) or Erase (SE or BE) can be achieved by not waiting for the worst-case delay. The Write in Progress (WIP) bit is provided in the Status Register so that the application program can monitor its value, polling it to establish when the previous Write cycle, Program cycle, or Erase cycle is complete.
WEL bit The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. BP2, BP1, BP0 bits The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Program and Erase instructions. SRWD bit The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write Protect (W#) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W#) signal allow the device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD, BP2, BP1, BP0) become read-only bits.
Active Power and Standby Power Modes
When Chip Select (CS#) is Low, the device is enabled, and in the Active Power mode. When Chip Select (CS#) is High, the device is disabled, but could remain in the Active Power mode until all internal cycles have completed (Program, Erase, Write Status Register). The device then goes into the Standby Power mode. The device consumption drops to ISB. This can be used as an extra Deep Power Down on mechanism, when the device is not in active use, to protect the device from inadvertent Write, Program, or Erase instructions.
Hold Condition Modes
The Hold (HOLD#) signal is used to pause any serial communications with the device without resetting the clocking sequence. Hold (HOLD#) signal gates the clock input to the device. However, taking this signal Low does not terminate any Write Status Register, Program or Erase cycle that is currently in progress. To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold condition starts on the falling edge of the Hold (HOLD#) signal, provided that this coincides with Serial Clock (SCK) being Low (as shown in Figure 3). The Hold condition ends on the rising edge of the Hold (HOLD#) signal, provided that this coincides with Serial Clock (SCK) being Low.
Status Register
The Status Register contains a number of status and control bits, as shown in Figure 7, that can be read or set (as appropriate) by specific instructions WIP bit The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status Register, Program or Erase cycle.
SCK HOLD#
Hold Condition (Standard use) Hold Condition (non-standard use)
Figure 3. Hold Condition Activation
ES25P16
6
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
If the falling edge does not coincide with Serial Clock (SCK) being Low, the Hold condition starts after Serial Clock (SCK) next goes Low. Similarly, If the rising edge does not coincide with Serial Clock (SCK) being Low, the Hold condition ends after Serial Clock (SCK) next goes Low (Figure 3). During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial Clock (SCK) are Don't Care. Normally, the device remains selected, with Chip Select (CS#) driven Low, for the entire duration of the Hold condition. This ensures that the state of the internal logic remains unchanged from the moment of entering the Hold condition. If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of resetting the internal logic of the device. To restart communication with the device, it is necessary to drive Hold (HOLD#) High, and then to drive Chip Select (CS#) Low. This prevents the device from going back to the Hold condition.
Protection Modes
The SPI memory device boasts the following data protection mechanisms 1) All instructions that modify data must be preceded by a Write Enable(WREN) instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events : - Power-up - WRDI instruction completion - WRSR instruction completion - PP instruction completion - SE instruction completion - BE instruction completion 2) The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as read-only. This is the Software Protected Mode (SPM). 3) The Write Protect (W#) signal works in cooperation with the Status Register Write Disable (SRWD) bit to enable write-protection. This is the Hardware Protected Mode (HPM). 4) Program, Erase and Write Status Register instructions are checked to verify that they consist of a number of clock pulses that is a multiple of eight, before they are accepted for execution.
Table 1. Protected Area Sizes
Protected Memory Area (Top Level) Status Register Content BP2 Bit 0 1 / 32 1 / 16 1/8 1/4 1/2 All 0 0 0 0 1 1 1 BP1 Bit 0 0 1 1 0 0 1 BP0 Bit 0 1 0 1 0 1 0 Memory Content Protected Area none 1F0000 ~ 1FFFFF 1E0000 ~ 1FFFFF 1C0000 ~ 1FFFFF 180000 ~ 1FFFFF 100000 ~ 1FFFFF 000000 ~ 1FFFFF + parameter page 000000 ~ 1FFFFF + parameter page Unprotected Area 000000 ~ 1FFFFF 000000 ~ 1EFFFF 000000 ~ 1DFFFF 000000 ~ 1BFFFF 000000 ~ 17FFFF 000000 ~ 0FFFFF none
All
1
1
1
none
ES25P16
7
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
MEMORY ORGANIZATION
The memory is organized as : - ES25P16 : Thirty-two sectors of 512 Kbit each - Each page can be individually programmed (bits are programmed from 1 to 0). - The device is Sector or Bulk erasable (bits are erased from 0 to 1)
Table 2. Sector Address
Sector
SA31 SA30 SA29 SA28 SA27 SA26 SA25 SA24 SA23 SA22 SA21 SA20 SA19 SA18 SA17 SA16 SA15 SA14 SA13 SA12 SA11 SA10 SA9 SA8 SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0 1F0000h 1E0000h 1D0000h 1C0000h 1B0000h 1A0000h 190000h 180000h 170000h 160000h 150000h 140000h 130000h 120000h 110000h 100000h 0F0000h 0E0000h 0D0000h 0C0000h 0B0000h 0A0000h 090000h 080000h 070000h 060000h 050000h 040000h 030000h 020000h 010000h 000000h
Address Range
1FFFFFh 1EFFFFh 1DFFFFh 1CFFFFh 1BFFFFh 1AFFFFh 19FFFFh 18FFFFh 17FFFFh 16FFFFh 15FFFFh 14FFFFh 13FFFFh 12FFFFh 11FFFFh 10FFFFh 0FFFFFh 0EFFFFh 0DFFFFh 0CFFFFh 0BFFFFh 0AFFFFh 09FFFFh 08FFFFh 07FFFFh 06FFFFh 05FFFFh 04FFFFh 03FFFFh 02FFFFh 01FFFFh 00FFFFh
ES25P16
8
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
INSTRUCTIONS
All instructions, addresses, and data are shifted in and out of the device, starting with the most significant bit. Serial Data Input (SI) is sampled on the first rising edge of Serial Clock (SCK) after Chip Select (CS#) is driven Low. Then, the one byte instruction code must be shifted in to the device, most significant bit first, on Serial Data Input (SI), each bit being latched on the rising edges of Serial Clock (SCK). The instruction set is listed in Table 3. Every instruction sequence starts with a one byte instruction code. Depending on the instruction, this might be followed by address bytes, or by data bytes, or by both or none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence has been shifted in. In the case of a Read Data Bytes (READ), Read Status Register (RDSR), Read Data Bytes at higher speed (FAST_READ), Read Identification (RDID) , Read Manufacturer and Device ID (RDMD), Read Parameter Page (RDPARA) and Fast Read Parameter Page (FRDPARA) instructions, the shifted-in instruction sequence is followed by a data-out sequence. Chip Select (CS#) can be driven High after any bit of the data-out sequence is being shifted out to terminate the transaction. In the case of a Page Program (PP), Program Parameter Page (PPP), Sector Erase (SE), Bulk Erase (BE), Parameter Page Erase(PE), Write Status Register (WRSR), Write Enable (WREN), Deep Power Down (DP) or Write Disable (WRDI) instruction, Chip Select (CS#) must be driven High exactly at a byte boundary, otherwise the instruction is rejected, and is not executed. That is, Chip Select (CS#) must driven High when the number of clock pulses after Chip Select (CS#) being driven Low is an exact multiple of eight. All attempts to access the memory array during a Write Status Register cycle, Program cycle or Erase cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle continues unaffected.
ES25P16
9
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION Table 3. Instruction Set
Instruction Description One-Byte Instruction Code Status Register Operations WREN WRDI RDSR WRSR Write Enable Write Disable Read from Status Register Write to Status Register 06H (0000 0110) 04H (0000 0100) 05H (0000 0101) 01H (0000 0001) Read Operations READ FAST_READ RDID RDMD RDPARA FRDPARA Read Data Bytes Read Data Bytes at Higher Speed Read Identification Read Manufacturer and Device ID Read Parameter Page Fast Read Parameter Page 03H (0000 0011) 0BH (0000 1011) 9FH (1001 1111) 90H (1001 0000) 53H (0101 0011) 5BH (0101 1011) Erase Operations SE BE PE Sector Erase Bulk (Chip) Erase Erase Parameter Page D8H (1101 1000) C7H (1100 0111) D5H (1101 0101) Program Operations PP PPP Page Program Program Parameter Page 02H (0000 0010) 52H (0101 0010) 3 3 0 0 1 to 256 1 to 256 3 0 0 0 0 0 0 0 0 3 3 0 0 3 3 0 1 0 3 0 1 1 to Infinity 1 to Infinity 1 to 3 1 to Infinity 1 to Infinity 1 to Infinity 0 0 0 0 0 0 0 0 0 0 1 to Infinity 1 Address Bytes Dummy Byte Data Bytes
Excel Semiconductor inc.
Deep Power Down Savings Mode Operations DP Deep Power Down Release from Deep Power Down RES Release from Deep Power Down and Read Electronic Signature B9H (1011 1001) ABH (1010 1011) ABH (1010 1011) 0 0 0 0 0 3 0 0 1 to Infinity
ES25P16
10
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4) sets the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP or PPP), Erase (SE, BE or PE) and Write Status Register (WRSR) instruction. The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending the instruction code, and then driving Chip Select (CS#) High.
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5) resets the Write Enable Latch (WEL) bit. The Write Disable (WRDI) instruction is entered by driving Chip Select (CS#) Low, sending the instruction code, and then driving Chip Select (CS#) High. The Write Enable (WEL) bit is reset under the following conditions : Power-up WRDI instruction completion WRSR instruction completion PP instruction completion SE instruction completion BE instruction completion
CS#
0 1 2 3 4 5 6 7
SCK Instruction SI
0 0 0 0 0 1 1 0
SO
High Impedance
Figure 4. Write Enable ( WREN ) Instruction Sequence
CS#
0
1 2 3 4 5 6 7
SCK Instruction SI
0 0 0 0 0 1 0 0
High Impedance SO
Figure 5. Write Disable ( WRDI ) Instruction Sequence
ES25P16
11
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register may be read at any time, even while a Program, Erase, or Write Status Register cycle is in progress. When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new instruction to the device. It is also possible to read the Status Register continuously, as shown in Figure 6. The status and control bits of the Status Register are as follows : WIP bit The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status Register, Program or Erase cycle. This bit is a read only bit and is read by executing a RDSR instruction. If this bit is 1, such a cycle is in progress, if it is 0, no such cycle is in progress. WEL bit The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1, the internal Write Enable Latch is set; when set to 0, the internal Write Enable Latch is reset and no Write Status Register, Program or Erase instruction is accepted.
BP2, BP1, BP0 bits The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Program and Erase instructions. These bits are written with the Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP2, BP1, BP0) bits is set to 1, the relevant memory area (as defined in Table 1) becomes protected against Page Program (PP), and Sector Erase (SE) instructions. The Block Protect (BP2, BP1, BP0) bits can be written provided that the Hardware Protected mode has not been set. The Bulk Erase (BE) instruction is executed if, and only if, all Block Protect (BP2, BP1, BP0) bits are 0. SRWD bit The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write Protect (W#) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W#) signal allow the device to be put in the Hardware Protected mode (when the Status Register Write Disable (SRWD) bit is set to 1, and Write Protect (W#) is driven Low). In this mode, the non-volatile bits of the Status Register (SRWD, BP2, BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for execution.
CS#
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SCK Instruction SI
0 0 0 0 0 1 0 1
Status Register Out SO High Impedance
7 6 5 4 3 2 1 0 7
Status Register Out
6 5 4 3 2 1 0
MSB
MSB
Figure 6. Read Status Register (RDSR) Instruction Sequence
ES25P16
12
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
b7
b6
b5
b4
b3
b2
b1
b0
SRWD
0
0
BP2
BP1
BP0
WEL
WIP
Status Register Write Disable
Block Protect Bits Write Enable Latch Bit Write In Progress Bit
Figure 7. Status Register Format
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded and executed, the device sets the Write Enable Latch (WEL). The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code and the data byte on Serial Data Input (SI). The instruction sequence is shown in Figure 8. The Write Status Register (WRSR) instruction has no effect on bits b6, b5, b1 and b0 of the Status Register. Bits b6, b5 are always read as 0. Chip Select (CS#) must be driven High after the eighth bit of the data byte has been latched in. If not, the Write Status Register (WRSR) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Write Status Register cycle (whose duration is tw ) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) is reset. The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect (BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table 1. The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register Write Disable (SRWD) bit in accordance with the Write Protect (W#) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W#) signal allow the device to be put in the Hardware Protected Mode (HPM). The Write Status Register (WRSR) instruction cannot be executed once the Hardware Protected Mode (HPM) is entered.
CS#
0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SCK Instruction SI
0
0 0 0 0 0 0 1
Status Register In
7 6 5 4 3 2 1 0
MSB SO High Impedance
Figure 8. Write Status Register (WRSR) Instruction Sequence
ES25P16
13
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Table 4. Protection Modes
W# Signal 1 1 0 SRWD Bit 1 0 0 Software Protected (SPM) Mode Write Protection of the Status Register Status Register is Writable (if the WREN instruction has set the WEL bit). The values in the SRWD, BP2, BP1 and BP0 bits can be changed. Status Register is Hardware write protected. The values in the SRWD, BP2, BP1 and BP0 bits cannot be changed Protected Area (See Note) Unprotected Area (See Note)
Protected against Page Program and Erase(SE, BE,PE)
Ready to accept Page Program and Sector Erase Instructions
0
1
Hardware Protected (HPM)
Protected against Page Program and Erase (SE,BE,PE)
Ready to accept Page Program and Sector Erase Instructions
Note:
1. As defined by the values in the Block Protected (BP2, BP1, BP0) bits of the Status Register, as shown in Table 1.
The protection features of the device are summarized in Table 4. When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless of the whether Write Protect (W#) is driven High or Low. When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered, depending on the state of Write Protect (W#). 1) If Write Protect (W#) is driven High, it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. 2) If Write Protect (W#) is driven Low, it is not possible to write to the Status Register even if the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. (Attempts to write to the Status Register are rejected, and are not accepted for execution).
As a consequence, all the data bytes in the memory area that are software protected (SPM) by the Block Protect (BP2, BP1, BP0) bits of the Status Register, are also hardware protected against data modification. Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered : 1) by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W#) Low 2) or by driving Write Protect (W#) Low after setting the Status Register Write Disable (SRWD) bit. The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write Protect (W#) High. If Write Protect (W#) is permanently tied High, the Hardware Protected Mode (HPM) can never be activated, and only the Software Protected Mode (SPM), using the Block Protect (BP2, BP1, BP0) bits of the Status Register, can be used.
ES25P16
14
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK Instruction SI
0 0 0 0 0 0 1 1 23
24-Bit Address
22 21 3 2 1 0
MSB SO High Impedance
7 6
Data Out 1
5 4 3 2 1 0
Data Out 2
7
MSB
Figure 9. Read Data Bytes (READ) Instruction Sequence
Read Data Bytes (READ)
The READ instruction reads the memory at the specified SCK frequency (fsck) with a maximum speed of 40MHz. The device is first selected by driving Chip Select (CS#) Low. The instruction code for the Read Data Bytes (READ) instruction is followed by a 3-byte address (A23 - A0), each bit being latched-in during the rising edge of Serial Clock (SCK). Then the memory contents, at the address, are shifted out on Serial Data Output (SO), each bit being shifted out, at a frequency fsck, during the falling edge of Serial Clock (SCK). The instruction sequence is shown in Figure 9. The first byte addressed can be at any location. The address automatically increments to the next higher address after each byte of data is shifted out. The whole memory can, therefore, be read with a single Read Data Bytes (READ) instruction. When the highest address is reached, the address counter rolls over to 00000h, allowing the read sequence to be continued indefinitely. The Read Data Bytes (READ) instruction is terminated by driving Chip Select (CS#) High. Chip Select (CS#) can be driven High at any time during data output. Any Read Data Bytes (READ) instruction, while a Program, Erase, or Write cycle is in progress, is rejected without having any effect on the cycle that is in progress.
Read Data Bytes at Higher Speed (FAST_ READ)
The FAST_READ instruction reads the memory at the specified SCK frequency (fsck) with a maximum speed of 75 MHz. The device is first selected by driving Chip Select (CS#) Low. The instruction code for FAST_READ instruction is followed by a 3-byte address (A23 - A0) and a dummy byte, each bit being latched in during the rising edge of Serial Clock (SCK). Then the memory contents, at that address, are shifted out on Serial Data Output (SO), each bit being shifted out. at a maximum frequency Fsck, during the falling edge of Serial Clock (SCK). The instruction sequence is shown in Figure 10. The first byte addressed can be at any location. The address automatically increments to the next higher address after each byte of data is shifted out. The whole memory can, therefore, be read with a single FAST_READ instruction. When the highest address is reached, the address counter rolls over to 00000h, allowing the read sequence to be continued indefinitely The FAST_READ instruction is terminated by driving Chip Select (CS#) High. Chip Select (CS#) can be driven High at any time during data output. Any FAST_READ instruction, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
ES25P16
15
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
SCK
Instruction 24-Bit Address
1 1 23 22 21 3 2 1 0 7 6
Dummy Byte
5 4 3 2 1 0
SI
0
0
0
0
1
0
MSB
Data Out 1
7 6 5 4 3 2 1 0
Data Out 2 7
SO
High Impedance
MSB
Figure 10. Read Data Bytes at Higher Speed (FAST_READ) Instruction Sequence
Read Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be read, followed by two bytes of the device identification. The manufacturer identification byte is assigned by JEDEC, and has a value of 4Ah for ESI products. The device identification is assigned by the device manufacturer, and indicates the memory type in the first byte (20h), and the memory capacity of the device in the second byte (15h). Any Read Identification (RDID) instruction executed while an Erase, Program, or Write Status Register cycle is in progress is not decoded, and has no effect on the cycle that is in progress. The device is first selected by driving Chip Select (CS#) Low. Then, the 8-bit instruction code for the instruction is shifted in, with each bit being latched in on SI during the rising edge of SCK.
This is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data Output (SO), with each bit being shifted out during the falling edge of Serial Clock (SCK). The instruction sequence is shown in Figure 11. Driving CS# high after the Device Identification has been read at least once terminates the READ_ID instruction. The Read Identification (RDID) instruction can also be terminated by driving CS# High at any time during data output. When Chip Select (CS#) is driven High, the device is put in the Standby Power mode. Once in the Stand-by Power mode, the device waits to be selected, so that it can receive, decode and execute instructions
Manufacturer Identification 4Ah
Device Identification Memory Type Memory Capacity 20h 15h
ES25P16
16
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 28 29 30 31
SCK
Instruction
SI
1
0
0
1
1
1
1
1
Manufacturer Identification
Device Identification
15 14 13 2 1 0
SO
High Impedance MSB
Figure 11. Read Identification (RDID) Instruction Sequence and Data-Out Sequence
Read Manufacturer ID & Device ID (RDMD)
The Read Manufacturer ID & Device ID (RDMD) instruction is an alternative to the Release from Power-down/Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID. The Read Manufacturer ID & Device ID (RDMD) instruction is very similar to the Release from Powerdown/Device ID instruction. The instruction is initiated by driving the CS# pin low and shift the instruction code "90h" followed by three dummy bytes. After which, the Manufacturer ID for ESI (4Ah) and the Device ID (14h) are shifted out on the falling edge SCLK with most significant bit (MSB) first as shown in Figure 12. The Manufacturer and Device IDs can be read continuously, alternating from one to the other. The instruction is completed by driving CS# pin.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK Instruction SI
1
0 0 1 0 0 0 0 23
3 Dummy bytes
22 21 3 2 1 0
MSB SO High Impedance
7 6
Manufacturer ID
5 4 3 2 1 0
Device ID
7
MSB
Figure 12. Read Manufacturer ID & Device ID (RDMD) Instruction Sequence and Data-Out Sequence
ES25P16
17
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION Page Program (PP)
The Page Program (PP) instruction allows bytes to be programmed in the memory (changing from 1 to 0). Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Page Program (PP) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code, three address bytes and at least one data byte on Serial Data Input (SI). Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 13. If more that 256 data bytes are sent to the device, the addressing will wrap to the beginning of the same page, previously latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within the same page.
Excel Semiconductor inc.
If fewer than 256 data bytes are sent to device, they are correctly programmed at the requested addresses without having any effects on the other bytes of the same page. Chip Select (CS#) must be driven High after the eighth bit of the last data byte has been latched in, otherwise the Page Program (PP) instruction is not executed. As soon as Chip Select (CS#) is driven High, the self-timed Page Program cycle (whose duration is tPP) is initiated. While the Page Program cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Page Program (PP) instruction applied to a page that is protected by the Block Protect (BP2, BP1, BP0) bits (see Table 1) is not executed.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK Instruction SI
0
0 0 0 0 0 1 0
24-Bit Address
23 22 21 2 1 0 7 6
Data Byte1
5 4 3 2 1 0
MSB
MSB
CS#
2072 2073 2074 2075 2076 2077 2078 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 2079
SCK
Data Byte 2 SI
7 6 5 4 3 2 1 0 7 6
Data Byte 3
5 4 3 2 1 0 7 6
Data Byte256
5 4 3 2 1 0
MSB
MSB
MSB
Figure 13. Page Program (PP) Instruction Sequence
ES25P16
18
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Sector Erase (SE) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code, and three address bytes on Serial Data Input (SI). Any address inside the Sector (see Table 1) is a valid address for the Sector Erase (SE) instruction. Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 14.
Chip Select (CS#) must be driven High after the eighth bit of the last address byte has been latched in, otherwise the Sector Erase (SE) instruction is not executed. As soon as Chip Select (CS#) is driven High, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Sector Erase (SE) instruction applied to any memory area that is protected by the Block Protect (BP2, BP1, BP0) bits (see Table 1) is not executed.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31
SCK
Instruction SI
1
1 0 1 1 0 0 0
24-Bit Address
23 22 21 3 2 1 0
MSB
Figure 14. Sector Erase (SE) Instruction Sequence
ES25P16
19
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Bulk Erase (BE)
The Bulk Erase (BE) instruction sets to 1(FFh) all bits inside the entire memory. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Bulk Erase (BE) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code, Serial Data Input (SI). No address is required for the Bulk Erase (BE). Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 15.
As soon as Chip Select (CS#) is driven High, the self-timed Bulk Erase cycle (whose duration is tBE) is initiated. While the Bulk Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the selftimed Bulk Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Bulk Erase (BE) instruction is executed only if all the Block Protect (BP2, BP1, BP0) bits (see Table 1) are set to 0. The Bulk Erase (BE) instruction is ignored if one or more sectors are protected.
CS#
0
1
2
3
4
5
6
7
SCK
Instruction SI
1
1 0 0 0 1 1 1
Figure 15. Bulk Erase ( BE ) Instruction Sequence
ES25P16
20
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Deep Power Down (DP)
The Deep Power Down (DP) instruction puts the device in the lowest current mode of 1uA typical. It is recommended that the standard Standby mode be used for the lowest power current draw, as well as the Deep Power Down (DP) as an extra software protection mechanism when this device is not in active use. In this mode, the device ignores all Write, Program and Erase instructions. Chip Select (CS#) must be driven Low for the entire duration of the sequence. The Deep Power Down (DP) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code on Serial Data Input (SI). Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 16. Driving Chip Select (CS#) High after the eighth bit of the instruction code has been latched puts the device in Deep Power Down mode.
The Deep Power Down mode can only be entered by executing the Deep Power Down (DP) instruction to reduce the standby current (from ISB to IDP as specified in Table 6). As soon as Chip Select (CS#) is driven high, it requires a delay of tDP currently in progress before Deep Power Down mode is entered. Once the device has entered the Deep Power Down mode, all instructions are ignored except the Release from Deep Power Down (RES) and Read Electronic Signature. This releases the device from the Deep Power Down mode. The Release from Deep Power Down and Read Electronic Signature (RES) instruction also allows the Electronic Signature of the device to be output on Serial Data Output (SO). The Deep Power Down mode automatically stops at Power-down, and the device always powers up in the Standby mode. Any Deep Power Down (DP) instruction, while an Erase, Program or WRSR cycle is in progress, is rejected without having any effect on the cycle in progress.
CS# tDP
0
1 2 3 4 5 6 7
SCK
Instruction SI
1
0
1
1
1
0
0
1
Standby Mode
Deep Power Down Mode
Figure 16. Deep Power Down ( DP ) Instruction Sequence
ES25P16
21
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Release from Deep Power Down (RES)
The Release from Deep Power Down (RES) instruction provides the only way to exit the Deep Power Down mode. Once the device has entered the Deep Power Down mode, all instructions are ignored except the Release from Deep Power Down (RES) instruction. Executing this instruction takes the device out of Deep Power Down mode. The Release from Deep Power Down (RES) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code on Serial Data Input (SI). Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 17. Driving Chip Select (CS#) High after the 8-bit instruction byte has been received by the device, but before the whole of the 8-bit Electronic Signature has been transmitted for the first time, still insures that the device is put into Standby mode. If the device was previously in the Deep Power Down mode, though, the transition to the Stand-by Power mode is delayed by tRES, and Chip Select (CS#) must remain High for at least tRES(max) , as specified in Table 8. Once in the Stand-by Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.
Release from Deep Power Down and Read Electronic Signature (RES)
Once the device has entered Deep Power Down mode, all instructions are ignored except the RES instruction. The RES instruction can also be used to read the old style 8-bit Electronic Signature of the device on the SO pin. The RES instruction always provides access to the Electronic Signature of the device (except while an Erase, Program or WRSR cycle is in progress), and can be applied even if DP mode has not been entered. Any RES instruction executed while an Erase, Program or WRSR cycle is in progress is not decoded, and has no effect on the cycle in progress. The device features an 8-bit Electronic Signature, whose value for the ES25P16 is 14h. This can be read using RES instruction. The device is first selected by driving Chip Select (CS#) Low. The instruction code is followed by 3 dummy bytes, each bit being latched-in on Serial Data Input (SI) during the rising edge of Serial Clock (SCK). Then, the 8-bit Electronic Signature, stored in the memory, is shifted out on Serial Data Output (SO), each bit being shifted out during the falling edge of Serial Clock (SCK). The instruction sequence is shown in Figure 18.
CS# tRES
0
1 2 3 4 5 6 7
SCK
Instruction SI
1
0
1
0
1
0
1
1
Deep Power Down Mode
Standby Mode
Figure 17. Release from Deep Power Down Instruction Sequence
ES25P16
22
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK
Instruction 3 Dummy bytes
1 1 23 22 21 3 2 1 0
tRES
SI
1
0
1
0
1
0
MSB SO High Impedance
7 6
Device ID
5 4 3 2 1 0
MSB
Deep Power Down Mode
Standby Mode
Figure 18. Release from Deep Power Down and Read Electronic Signature (RES) Instruction Sequence
The Release from Deep Power Down and Read Electronic Signature (RES) is terminated by driving Chip Select (CS#) High after the Electronic Signature has been read at least once. Sending additional clock cycles on Serial Clock (SCK), while Chip Select (CS#) is driven Low, causes the Electronic Signature to be output repeatedly. When Chip Select (CS#) is driven High, the device is put in the Stand-by Power mode. If the device was not previously in the Deep Power Down mode, the transition to the Stand-by Power mode is immediate. If the device was previously in the Deep Power Down mode, though, the transition to the Stand-by mode is delayed by tRES, and Chip Select (CS#) must remain High for at least tRES(max) , as specified in Table 8. Once in the Stand-by Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.
This makes it convenient for more frequent updates. The Read Parameter Page instruction allows one or more bytes of the Parameter page to be read. The instruction is initiated by driving the CS# low and then shifting the instruction code "53h" followed by a 24-bit address (A23-A0) into the SI pin. Only the lower 8 address bits (A7-A0) are used, the 16 upper most address bis (A23-A8) are ignored. The code and address bits are latched on the rising edge of the CLK pin. After the address is received, the data byte of the addressed memory location will be shifted out on the SO pin at the falling edge of CLK with most significant bit (MSB) first. The address is automatically incremented to the next higher address after each byte of data is shifted out allowing for a continuous stream of data. When the end of the Parameter page is reached the address will wrap to the beginning. The Read Parameter Page instruction is shown in Figure 19. The Read Parameter Page (RDPARA) instruction is terminated by driving Chip Select (CS#) High. Chip Select (CS#) can be driven High at any time during data output. Any Read Parameter Page (RDPARA) instruction, while a Program, Erase, or Write cycle is in progress, is rejected without having any effect on the cycle that is in progress.
Read Parameter Page(RDPARA)
The Parameter Page is a 256-byte page of Flash Memory that can be used for storing serial numbers, revision information and configuration data that might typically be stored in an additional memory. Because the Parameter Page is relatively small and separate from the array, the erase time is significantly shorter than that of a sector erase (see tPE in Table.8)
ES25P16
23
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK Instruction SI
0 1 0 1 0 0 1 1 23
24-Bit Address
22 21 3 2 1 0
MSB SO High Impedance
7 6
Data Out 1
5 4 3 2 1 0
Data Out 2
7
MSB
Figure 19. Read Parameter Page (RDPARA) Instruction Sequence
Fast Read Parameter Page(FRDPARA)
The Fast Read Parameter Page instruction is basically the same as the Read Parameter Page instruction except that it allows for a faster clock rate to be used. The Fast Read Parameter Page instruction can opperate at clock frequency D.C. to a maximum of FSCK .
This is accomplished by adding a dummy byte after the 24-bit address, as shown in figure 20. The dummy byte allows the devices internal circuits additional time for setting up the initial address. the dummy byte data value on the SI pin is a don't care.
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
SCK
Instruction 24-Bit Address
1 1 23 22 21 3 2 1 0 7 6
Dummy Byte
5 4 3 2 1 0
SI
0
1
0
1
1
0
MSB High Impedance
Data Out 1
7 6 5 4 3 2 1 0
Data Out 2 7
SO
MSB
Figure 20. Fast Read Parameter Page (FRDPARA) Instruction Sequence
ES25P16
24
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION Program Parameter Page (PPP)
The Program Parameter Page instruction allows up to 256 bytes to be programmed at memory word locations that have been previously erased to all 1s "FFFFh" A Write Enable(WREN) instruction must be executed before the device will accept the Program Parameter Page instruction(Status Register bit WEL must equal 1). The instruction is initiated by driving the CS# pin low then shifting the instruction code "52h" followed by a 24-bit address(A23A0) and at least one bytes, into the SI pin. Only the lower 8 address bits (A7-A0) are used, the 16 upper most address bit (A23-A8) are ignored. The CS# pin must be held low for the entire length of the instruction while data is being sent to the device. The Program Parameter Page instruction sequence is shown in Figure 21. Less than 256 bytes can be programmed without having any effect on other data within the page. If more than 256 bytes are sent to the device the addressing will wrap to the beginning of the page. If previously written data bytes are over-written the data will not be valid.
Excel Semiconductor inc.
In most application it is best to read the full 256-byte contents of the page into a temporary RAM. Data can then be modified as needed and the entire 256 bytes can then be reprogrammed into the Parameter Page at one time. As with the write and erase instruction, the CS# must be driven high after the eighth bit of the last byte has been latched. If this is not doen the Parameter Page Program instruction will not be executed. After CS# is driven high, the self timed Page Program instruction will commence for a time duration of tPP, as specified in Table 8. While The Page Program cycle is in progress, the Read Status Register instruction may still be accessed for checking the status of the WIP bit. The WIP bit is a 1 during the program cycle and becomes a 0 when the cycle is finished and the device is ready to accept other instruction again. After the program cycle has started the Write Enable Latch(WEL) bit in the Status Register is cleared to 0. The Program Parameter Page instruction will not be excecuted if the addressed page is protected by the Block Protect(BP2, BP1, BP0) bits
CS#
0
1 2 3 4 5 6 7 8 9 10 28 29 30 31 32 33 34 35 36 37 38 39
SCK Instruction SI
0
1 0 1 0 0 1 0
24-Bit Address
23 22 21 2 1 0 7 6
Data Byte1
5 4 3 2 1 0
MSB
MSB
CS#
2072 2073 2074 2075 2076 2077 2078 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 2079
SCK
Data Byte 2 SI
7 6 5 4 3 2 1 0 7 6
Data Byte 3
5 4 3 2 1 0 7 6
Data Byte256
5 4 3 2 1 0
MSB
MSB
MSB
Figure 21. Program Parameter Page (PPP) Instruction Sequence
ES25P16
25
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
0
1
2
3
4
5
6
7
SCK
Instruction SI
1
1 0 1 0 1 0 1
Figure 22. Erase Parameter Page( PE ) Instruction Sequence
Erase Parameter Page(PE)
The Erase Parameter Page Instruction sets all 256 bytes of memory in the Parameter Page to the erased state of all 1s (FFh). A Write Enable instruction must be executed before the device will accept the Erase Parameter Page instruction(Status Register bit WEL must equal 1). The instruction is initiated by driving the CS# pin low and shifting the instruction code "D5h". The Erase Parameter Page instruction sequence is shown in Figure 22. The CS# pin must be driven high after the eighth has been latched. If this is not done the Erase Parameter Page instruction will not be executed. After CS# is driven high, the self-timed Erase Parameter Page instuction will commence for a time duration of tPE. While the Erase Parameter Page Cycle is in progress, the Read Status Register instruction may still be accessed to check the status of the WIP bit. The WIP bit is a 1 during the Erase Parameter Page cycel and becomes a 0 when finished and the device is ready to accept other instructions again. After the Erase Parameter Page cycle has started the Write Enable Latch(WEL) bit in the Status Register is cleared to 0. The Erase Parameter Page instruction will not be executed if any page is protected by the Block Protect(BP2, BP1, BP0) bits.
1) Vcc (min) at power-up, and then for a further delay of tPU (as described in Table 5) 2) Vss at power-down A simple pull-up resistor on Chip Select (CS#) can usually be used to insure safe and proper power-up and power-down. The device ignores all instructions until a time delay of tPU (as described in Table 5) has elapsed after the moment that Vcc rises above the minimum Vcc threshold. However, correct operation of the device is not guaranteed if by this time Vcc is still below Vcc (min). No Write Status Register, Program or Erase instructions should be sent until tPU after Vcc reaches the minimum Vcc threshold (See Figure 23). At power-up, the device is in Standby mode (not Deep Power Down mode) and the WEL bit is reset. Normal precautions must be taken for supply rail decoupling to stabilize the Vcc feed. Each device in a system should have the Vcc rail decoupled by a suitable capacitor close to the package pins (this capacitor is generally of the order of 0.1uF). At power-down, when Vcc drops from the operating voltage to below the minimum Vcc threshold, all operations are disabled and the device does not respond to any instructions. (The designer needs to be aware that if a power-down occurs while a Write, Program or Erase cycle is in progress, data corruption can result.)
Power-up and Power-down
The device must not be selected at power-up or power-down (that is, CS# must follow the voltage applied on Vcc) until Vcc reaches the correct value as follows:
ES25P16
26
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Vcc
Vccmax
Vccmin tPU Full Device Access
Time
Figure 23. Power-Up Timing
Table 5. Power-Up Timing
Symbol Vcc (min) Parameter Vcc (minimum) Vcc (min) to device operation Min. 2.7 10 Max. Unit V ms
tPU
Initial Delivery State
The device is delivered with all bits set to 1 (each byte contains FFh). The Status Register contains 00h (all Status Register bits are 0).
Absolute Maximum Ratings
Ambient Storage Temperature .... -65oC to +150oC Voltage with Respect to Ground All inputs and I/Os ........................... - 0.3V to 4.5V
Maximum Rating
Stressing the device above the rating listed in the Absolute Maximum Ratings section below may cause permanent damage to the device. Theses are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Operating Ranges
Ambient Operating Temperature (TA) Commercial .......................................... 0oC to +70oC Industrial .............................................. -40oC to +85oC Positive Power Supply
Voltage Range ........................................... 2.7V to 3.6V
Note:Operating ranges define those limits between which the functionality of the device is guaranteed
ES25P16
27
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
DC CHARACTERISTICS
This section summarizes the DC and AC Characteristics of the device. Designers should check that the operating conditions in their circuit match the measurement conditions specified in the Test Specifications in Table 7, when relying on the quoted parameters.
Table.6 DC Characteristics
Symbol
Vcc ILI ISB IDP ILO ICCI
Description
Supply Voltage Input Leakage Current Standby Current Deep Power Down Current Output Leakage Current
Test Conditions
Min.
2.7
Typ.
3
Max.
3.6 1 50
Unit
V uA uA uA uA
VIN = GND to Vcc CS# = Vcc CS# = Vcc VIN = GND to Vcc SCK = 0.1 Vcc / 0.9 Vcc SO = Open SCK = 0.1Vcc / 0.9 Vcc SO= Open 40MHz 75 MHz 1
10 1 6
Active Read Current
mA 12 24 24 24 24 - 0.3 0.7 Vcc 0.3 Vcc Vcc + 0.5 0.4 Vcc - 0.2 mA mA mA mA V V V V
ICC2 ICC3 ICC4 ICC5 VIL VIH VOL VOH
Active Page Program Current Active WRSR Current Active Sector Erase Current Active Bulk Erase Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
CS# = Vcc CS# = Vcc CS# = Vcc CS# = Vcc
IOL = 1.6 mA, Vcc = Vcc min IOH = -0.1mA,
Notes:
1. Typical values are at TA = 25oC and Vcc = 3V
ES25P16
28
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
TEST CONDITIONS
Input levels 0.8Vcc
Input and Output Timing Reference levels 0.7Vcc 0.5Vcc 0.3Vcc
0.2Vcc
Figure 24. AC Measurements I/O Waveform
Table 7. Test Specifications
Symbol CL Parameter Load Capacitance Input Rise and Fall Times Input Pulse Voltage Input Timing Reference Voltage Output Timing Reference Voltage Min 30 5 0.2Vcc to 0.8Vcc 0.3Vcc to 0.7Vcc 0.5Vcc Max Unit pF ns V V V
ES25P16
29
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
AC CHARACTERISTICS
Table 8. AC Characteristics
Symbol FSCK FSCK Description SCK Clock Frequency READ instruction SCK Clock Frequency for Fast Read and all other instructions except Read instruction Clock Rise Time (Slew Rate) Clock Fall Time (Slew Rate) SCK High Time SCK Low Time CS# High Time CS# Setup Time CS# Hold Time HOLD# Setup Time (relative to SCK) HOLD# Hold Time (relative to SCK) HOLD# Setup Time (relative to SCK) HOLD# Hold Time (relative to SCK) Output Valid Output Hold Time Data in Hold Time Data in Setup Time Input Rise Time Input Fall Time HOLD# to Output Low Z HOLD# to Output High Z Output Disable Time Write Protect Setup Time Write Protect Hold Time Release DP Mode CS# High to Deep Power Down Mode Write Status Register Time Page Programming Time Sector Erase Time Bulk Erase Time Parameter Page Erase Time 1.5 (Note 1) 0.5 (Note 1) 12 (Note 1)
20 (Note 1)
Min D.C D.C
Typ
Max 40 75
Unit MHz MHz
tCRT tCFT tWH tWL tCS tCSS (Note 3) tCSH (Note 3) tHD (Note 3) tCD (Note 3) tHC tCH tV tHO tHD:DAT tSU:DAT tR tF tLZ (Note 3) tHZ (Note 3) tDIS (Note 3) tWPS (Note 3) tWPH (Note 3) tRES tDP tW tPP tSE tBE tPE
0.1 0.1 6 6 100 5 5 5 5 5 5 6 0 3 3 5 5 6 6 8 15 15 3 3 5 3 (Note 2) 3 (Note 2) 24 (Note 2) 100 (Note 2)
V/ns V/ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns us us ms ms sec sec ms
Notes:
1. Typical program and erase times assume the following conditions : 25'C, Vcc = 3.0V ; 10,000 cycles ; checkerboard data pattern 2. Under worst-case conditions of 90'C ; Vcc = 2.7V ; 100,000 cycles. 3. Not 100% tested.
ES25P16
30
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
tCS
CS#
tCSH tCSS tCSH tCSS
SCK
tCRT tSU:DAT tHD:DAT tCFT
SI
MSB IN
LSB IN
SO
Figure 25. SPI Mode 0 (0,0) Input Timing
CS#
tWH
SCK
tV tHD tHD tV tWL
tDIS
SO
LSB OUT
Figure 26. SPI Mode 0 (0,0) Output Timing
ES25P16
31
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
CS#
tCH tHD tHC
SCK
tHZ
tCD tLZ
SO
SI
HOLD#
Figure 27. HOLD# Timing
W#
tWPS tWPH
CS#
SCK
SI
High Impedance SO
Figure 28. Write Protect Setup and Hold Timing during WRSR when SRWD = 1
ES25P16
32
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION PHYSICAL DIMENSIONS S08 wide - 8 pin Plastic Small Outline 208 mils Body Width Package
Excel Semiconductor inc.
3 D A
4 5
0.20 C A-B
H SEE DETAIL B b WITH PLATING c1 b1 BASE METAL
D
9 (c)
3 E1
4
E
7
SECTION A-A
E1/2 E/2
e B 5
b
0.33 C
2
0.07 R MIN.
H
0.25 M C A-B D
GAUGE PLANE A SEATING PLANE A L
// 0.10 C
C
1
L2
A
A2
0.10 C
SEATING PLANE A1
C
L1
DETAIL B
NOTES:
Package JEDEC Symbol A A1 A2 b b1 c c1 D E E1 e L L1 L2 N MIN 0.069 0.002 0.067 0.014 0.013 0.0075 0.006 MAX 0.085 0.0098 0.075 0.018 0.018 0.0095 0.008 MIN 1.753 0.051 1.70 0.356 0.330 0.191 0.152 MAX 2.159 0.249 1.91 0.483 0.457 0.241 0.203 SOC 008 (inches) SOC 008 (mm) 1. All dimensions are in both inches and millimeters. 2. Dimensioning and tolerancing per ASME Y 14.5M - 1994. 3. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15 mm per end. Dimension E1 does not include interlead flash or protrusion interlead flash or protrusion shall not exceed 0.25mm per side. D and E1 dimensions are determined at datum H. 4. The package top may be smaller than the package bottom. Dime-nsions D and E1 are determined at the outmost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash. But including any mismatch between the top and bottom of the plastic body. 5. Datums A and B to be determined at datum H. 6. "N" is the maximum number of terminal positions for the specified package length H. 7. The dimensions apply to the flat section of the lead between 0.10 to 0.25 mm from the lead tip. 8. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10 mm total in excess of the "b" dimension at maximum material condition. The dambar cannot not be located on the lower radius of the lead foot. 9. This chamfer feature is optional. If it is not present, then a pin 1 idenfifier must be located within the index area indicated. 10.Lead coplanarity shall be within 0.10 mm. As measured from the seating plane.
0.208 BSC 0.315 BSC 0.208 BSC 0.050 BSC 0.020 0.055 REF 0.010 BSC 8 0' 5' 0' 8' 15' 0.030
5.283 BSC 8.001 BSC 5283 BSC 1.27 BSC 0.508 1.40 REF 0.25 BSC 8 0' 5' 0' 8' 15' 0.762
1 2
ES25P16
33
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
ORDERNG INFORMATION
Standard Products
ESI standard products are available in several package and operating ranges. The order number (Valid Combination) is formed by a combination of the following:
ES25P 16 - 75 C G 2 T
PACKING TYPE
T : Tube (standard) (Note) R : 13" Tape and Reel (Note) Y : Tray
PACKAGE TYPE
2 : 8 pin 208 mil SOP
PACKAGE MATERIALS
C : Standard G : Lead (Pb) - free (Note)
TEMPERATURE RANGE
I : Industrial (- 40oC to + 85oC) C : Commercial ( 0oC to + 70oC)
SPEED OPTION
75 : 75 Mhz
DENSITY
16 : 16 Mb
DEVICE FAMILY
ES25P : ESI Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
Table 1. ES25P Valid Combinations ES25P Valid Combinations Base Ordering Part Number ES25P16 Speed Option Temperature & Package Material CG, CC, IG,IC (Note) Package Type Packing Type T, R,Y (Note) Package Marking P16 + (Speed) + (Temp) +(Package Material)
75
2, 7
Notes:
Contact your local sales office for availability.
ES25P16
34
Rev. 0E May 11 , 2006
E S II ES
ADVANCED INFORMATION
Excel Semiconductor inc.
Document Title
16M Serial Flash Memory
Revision History
Revision Number Rev. 0A Rev.0B Data JUN. 27,2005 JAN. 18,2006 Initial Release Version. Added Parameter Page data to Features, and Read Manufacturer ID & Device ID Rev.0C Rev.0D Rev.0E Mar. 14, 2006 May. 01, 2006 May.11, 2006 Device Name Changed The Clock Frequency was changed from 66MHz to 75MHz WSON package not supported Items
Excel Semiconductor Inc.
1010 Keumkang Hightech Valley, Sangdaewon1-Dong 133-1, Jungwon-Gu, Seongnam-Si, Kyongki-Do, Rep. of Korea. Zip Code : 462-807 Tel : +82-31-777-5060 Fax : +82-31-740-3798 / Homepage : www.excelsemi.com
The attached datasheets are provided by Excel Semiconductor.inc (ESI). ESI reserves the right to change the specifications and products. ESI will answer to your questions about device. If you have any questions, please contact the ESI office.
ES25P16
35
Rev. 0E May 11 , 2006


▲Up To Search▲   

 
Price & Availability of ES25P16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X