![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DVCH2800S Series HIGH RELIABILITY HYBRID DC-DC CONVERTERS DESCRIPTION The DVCH series of high reliability DC-DC converters is operable over the full military (-55 C to +125 C) temperature range with no power derating. Unique to the DVCH series is a magnetic feedback circuit that is radiation immune. Operating at a nominal fixed frequency of 400 kHz, these regulated, isolated units utilize well controlled undervoltage lockout circuitry to eliminate slow start-up problems. These converters are designed and manufactured in a facility qualified to ISO9001 and certified to MILPRF-38534 and MIL-STD-883. This product may incorporate one or more of the following U.S. patents: 5,784,266 5,790,389 5,963,438 5,999,433 6,005,780 6,084,792 6,118,673 FEATURES * * * * * * * * * * * * * * * * * High Reliability Very Low Output Noise Wide Input Voltage Range: 12 to 50 Volts per MIL-STD-704 Up to 1.5 Watts Output Power Radiation Immune Magnetic Feedback Circuit NO Use of Optoisolators Undervoltage Lockout Indefinite Short Circuit Protection Current Limit Protection Industry Standard Pinout High Input Transient Voltage: 80 Volts for 1 sec per MIL-STD-704A Precision Projection Welded Hermetic Package High Power Density: > 7 W/in3 Custom Versions Available Additional Environmental Screening Available Meets MIL-STD-461C and MIL-STD-461E EMC Requirements When Used With a DVMSA28 EMI Filter MIL-PRF-38534 Element Evaluated Components Figure 1 - DVCH2800S DC-DC Converter (Not To Scale) 1X051DSC 11314 4th Avenue West Suite 206 Everett, WA 98204 http://www.vpt-inc.com Sales Information: Phone: (425) 353-3010 Fax: (425) 353-4030 E-mail: vptsales@vpt-inc.com 1 DVCH2800S Series SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load, Unless Otherwise Specified) ABSOLUTE MAXIMUM RATINGS Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 1.5 Watts 0.6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) DVCH283R3S Min STATIC INPUT 4 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On OUTPUT Voltage Power 3 3 4 4 +5C -65C to +150C 270C 11 Grams Parameter Conditions DVCH2805S Max 50 80 3.5 10 30 1.5 11.0 11.5 3.333 3.43 1.0 0.3 50 150 400 250 3 4 500 475 - Units Max 50 80 3.5 10 30 1.5 11.0 11.5 5.05 5.20 1.5 0.3 50 150 400 250 3 4 500 475 V V mA mA mAp-p V V V V V W A mVp-p mV mV mV % W W F kHz M kHrs Typ 28 9.0 3.30 3.30 75 400 841 Min 12 0 8.0 6.5 4.95 4.80 0 0 72 325 100 - Typ 28 9.0 5.00 5.00 79 400 841 Continuous Transient, 1 sec Inhibited No Load Full Load, 20Hz to 10MHz 12 0 8.0 6.5 Inhibit Pin Open Circuit Voltage VOUT VOUT IOUT VOUT VOUT VOUT VOUT TCASE = 25C TCASE = -55C to +125C 3.267 3.17 0 0 Current Ripple Voltage Line Regulation Load Regulation Load Regulation EFFICIENCY Full Load, 20Hz to 10MHz VIN = 12V to 50V 10% Load to Full Load 50% Load to Full Load Overload 4 69 325 LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD ISOLATION MTBF (MIL-HDBK-217F) 4 Short Circuit SWITCHING FREQUENCY 500 VDC AIF @ TC = 55C 5 100 - DYNAMIC Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot 2 4,5 VOUT VOUT VOUT Half Load to Full Load VIN = 12V to 50V VIN = 0V to 28V - 150 200 150 200 15 0 300 500 300 500 20 15 - 150 400 250 400 15 0 500 600 400 600 20 25 mVPK Sec mVPK Sec mSec mVPK Line Step Output Transient 2, 4 Notes: 1. Dependant on output voltage. 3. Derate linearly to 0 at 135C. regulation. 2. Time for output voltage to settle within 1% of its nominal value. 4. Verified by qualification testing. 5. Does not include changes due to static 1X051DSC 2 DVCH2800S Series SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load, Unless Otherwise Specified) ABSOLUTE MAXIMUM RATINGS Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 1.5 Watts 0.6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) DVCH2812S Min STATIC INPUT 4 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On OUTPUT Voltage Power 3 3 4 4 +5C -65C to +150C 270C 11 Grams Parameter Conditions DVCH2815S Max 50 80 3.5 10 30 1.5 11.0 11.5 12.12 12.48 1.5 0.125 50 60 700 250 3 4.5 200 475 - Units Max 50 80 3.5 10 30 1.5 11.0 11.5 15.15 15.60 1.5 0.1 50 60 700 250 3 4.5 200 475 V V mA mA mAp-p V V V V V W A mVp-p mV mV mV % W W F kHz M kHrs Typ 28 9.0 12.0 12.0 81 400 841 Min 12 0 8.0 6.5 14.85 14.40 0 0 77 325 100 - Typ 28 9.0 15.0 15.0 81 400 841 Continuous Transient, 1 sec Inhibited No Load Full Load, 20Hz to 10MHz 12 0 8.0 6.5 Inhibit Pin Open Circuit Voltage VOUT VOUT IOUT VOUT VOUT VOUT VOUT TCASE = 25C TCASE = -55C to +125C 11.88 11.52 0 0 Current Ripple Voltage Line Regulation Load Regulation Load Regulation EFFICIENCY Full Load, 20Hz to 10MHz VIN = 12V to 50V 10% Load to Full Load 50% Load to Full Load Overload 4 76 325 LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD ISOLATION MTBF (MIL-HDBK-217F) 4 Short Circuit SWITCHING FREQUENCY 500 VDC AIF @ TC = 55C 5 100 - DYNAMIC Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot 2 4,5 VOUT VOUT VOUT Half Load to Full Load VIN = 12V to 50V VIN = 0V to 28V - 100 50 150 100 10 0 300 400 400 400 20 50 - 100 50 150 100 10 0 300 400 400 400 20 50 mVPK Sec mVPK Sec mSec mVPK Line Step Output Transient 2, 4 Notes: 1. Dependant on output voltage. 3. Derate linearly to 0 at 135C. regulation. 2. Time for output voltage to settle within 1% of its nominal value. 4. Verified by qualification testing. 5. Does not include changes due to static 1X051DSC 3 DVCH2800S Series SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load, Unless Otherwise Specified) ABSOLUTE MAXIMUM RATINGS Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 1.5 Watts 0.6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) DVCH285R2S Min STATIC INPUT 4 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On OUTPUT Voltage Power 3 3 4 4 +5C -65C to +150C 270C 11 Grams Parameter Conditions Units Max 50 80 3.5 10 30 1.5 11.0 11.5 5.25 5.40 1.5 0.288 50 150 400 250 3 4 500 475 V V mA mA mAp-p V V V V V W A mVp-p mV mV mV % W W F kHz M kHrs Typ 28 9.0 5.20 5.20 79 400 841 Continuous Transient, 1 sec Inhibited No Load Full Load, 20Hz to 10MHz 12 0 8.0 6.5 Inhibit Pin Open Circuit Voltage VOUT VOUT IOUT VOUT VOUT VOUT VOUT TCASE = 25C TCASE = -55C to +125C 5.15 5.00 0 0 Current Ripple Voltage Line Regulation Load Regulation Load Regulation EFFICIENCY Full Load, 20Hz to 10MHz VIN = 12V to 50V 10% Load to Full Load 50% Load to Full Load Overload 4 72 325 LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD ISOLATION MTBF (MIL-HDBK-217F) 4 Short Circuit SWITCHING FREQUENCY 500 VDC AIF @ TC = 55C 5 100 - DYNAMIC Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot 2 4,5 VOUT VOUT VOUT Half Load to Full Load VIN = 12V to 50V VIN = 0V to 28V - 150 400 250 400 15 0 300 600 400 600 20 25 mVPK Sec mVPK Sec mSec mVPK Line Step Output Transient 2, 4 Notes: 1. Dependant on output voltage. 3. Derate linearly to 0 at 135C. regulation. 2. Time for output voltage to settle within 1% of its nominal value. 4. Verified by qualification testing. 5. Does not include changes due to static 1X051DSC 4 DVCH2800S Series BLOCK DIAGRAM PIN 1 28V IN L1 C1 IN COM PIN 2 Q1 C2 OUT COM PIN 4 T1 D1 PIN 3 +V OUT UNDER VOLTAGE SHUTDOWN PWM CONTROL Rs1 PRIMARY HOUSEKEEPING SUPPLY INH PIN 7 VOLTAGE AMPLIFIER Figure 2 CONNECTION DIAGRAM 1 28V IN +V OUT 3 LOAD 28 Vdc + - 7 INH OUT COM 4 2 IN COM Figure 3 1X051DSC 5 DVCH2800S Series INHIBIT DRIVE CONNECTION DIAGRAMS 28V IN 1 12K 28V IN 1 12K INH 7 BIAS OPTOISOLATOR INH 7 BIAS OPTIONAL CAPACITOR IN COM 2 9V OPTIONAL CAPACITOR IN COM 2 9V Figure 4 - Internal Inhibit Circuit and Recommended Drive (Shown with optional capacitor for turn-on delay) Figure 5 - Isolated Inhibit Drive (Shown with optional capacitor for turn-on delay) EMI FILTER HOOKUP DIAGRAM DVMSA28 EMI FILTER 1 28V IN 28 Vdc 28V OUT 2,3 DVCH2800S DC-DC CONVERTER 1 28V IN 7 INH OUT COM +V OUT LOAD 4 3 + 7 IN COM OUT COM 4,8 CASE 5,6 2 IN COM 5 Figure 6 - Converter with EMI Filter 1X051DSC 6 DVCH2800S Series EFFICIENCY PERFORMANCE CURVES (TCASE = 25C, Full Load, Unless Otherwise Specified) VIN = 16V VIN = 28V VIN = 40V 90 80 Efficiency (%) 90 80 70 60 50 40 30 0.1 0.3 0.5 0.7 0.9 1.1 1.3 Efficiency (%) 70 60 50 40 30 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Pow er (W) Output Pow er (W) Figure 7 - DVCH283R3S Efficiency (%) vs. Output Power (W) Figure 8 - DVCH2805S / DVCH285R2S Efficiency (%) vs. Output Power (W) 90 80 Efficiency (%) Efficiency (%) 70 60 50 40 30 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 Output Pow er (W) 90 80 70 60 50 40 30 0.1 0.3 0.5 0.7 0.9 1.1 1.3 Output Pow er (W) 1.5 Figure 9 - DVCH2812S Efficiency (%) vs. Output Power (W) Figure 10 - DVCH2815S Efficiency (%) vs. Output Power (W) 1X051DSC 1.5 7 DVCH2800S Series EMI PERFORMANCE CURVES (TCASE = 25C, VIN = +28V 5%, Full Load, Unless Otherwise Specified) Figure 11 - DVCH2800S without EMI Filter Figure 12 - DVCH2800S with EMI Filter 1X051DSC 8 DVCH2800S Series PACKAGE SPECIFICATIONS TOP VIEW SIDE VIEW PIN 1 2 3 4 5 6 7 FUNCTION 28V IN IN COM +V OUT OUT COM CASE N/C INHIBIT BOTTOM VIEW Figure 13 - Package and Pinout (Dimensional Limits are 0.005" Unless Otherwise Stated) 1X051DSC 9 DVCH2800S Series PACKAGE PIN DESCRIPTION Pin 1 2 3 4 5 6 7 Function 28V IN IN COM +V OUT OUT COM CASE N/C INHIBIT Description Positive Input Voltage Connection Input Common Connection Positive Output Voltage Connection Output Common Connection Case Connection No Connection Logic Low = Disabled Output. Connecting the inhibit pin to input common causes converter shutdown. Logic High = Enabled Output. Unconnected or open collector TTL. 1X051DSC 10 DVCH2800S Series ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534) Screening NonDestructive Bond Pull Internal Visual Temperature Cycling Constant Acceleration PIND Pre Burn-In Electrical MIL-STD-883 Standard (No Suffix) Extended /ES * * HB /HB * * * * Class H /H * * * * Class K /K * * * * * * * Method 2023 Method 2017, 2032 Internal Procedure Method 1010, Condition C Method 1010, -55C to 125C Method 2001, 3000g, Y1 Direction Method 2001, 500g, Y1 Direction Method 2020, Condition A2 100% at 25C Method 1015, 320 hours at +125C Method 1015, 160 hours at +125C 96 hours at +125C 24 hours at +125C MIL-PRF-38534, Group A1 100% at 25C Method 1014, Fine Leak, Condition A Method 1014, Gross Leak, Condition C -3 Dip (1 x 10 ) Method 20123 Method 2009 * * * * Burn-In * * * * * Final Electrical * * * * * * Hermeticity * * * * * * * Radiography External Visual * * * * * * Notes: 1. 2. 3. 100% R&R testing at -55C, +25C, and +125C with all test data included in product shipment. PIND test Certificate of Compliance included in product shipment. Radiographic test Certificate of Compliance and film(s) included in product shipment. 1X051DSC 11 DVCH2800S Series ORDERING INFORMATION DVCH 1 28 2 05 3 S 4 /HB 5 - XXX 6 (1) Product Series DVCH (2) Nominal Input Voltage 28 28 Volts (3) Output Voltage 3R3 05 5R2 12 15 3.3 Volts 5 Volts 5.2 Volts 12 Volts 15 Volts (4) Number of Outputs S Single (5) Screening Code1, 2 None /ES /HB /H /K Standard Extended HB Class H Class K (6) Additional Screening Code Contact Sales Notes: 1. 2. Contact the VPT Inc. Sales Department for availability of Class H (/H) or Class K (/K) qualified products. VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless specifically forbidden by customer contract. Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental screening and testing, different input voltage, output voltage, power requirement, source inspection, and/or special element evaluation for space or other higher quality applications. 1X051DSC 12 DVCH2800S Series SMD (STANDARD MICROCIRCUIT DRAWING) NUMBERS Standard Microcircuit Drawing (SMD) *T.B.D. *T.B.D. *T.B.D. *T.B.D. *T.B.D. DVCH2800S Series Similar Part Number DVCH283R3S/H DVCH2805S/H DVCH285R2S/H DVCH2812S/H DVCH2815S/H Do not use the DVCH2800S Series similar part number for SMD product acquisition. It is listed for reference only. For exact specifications for the SMD product, refer to the SMD drawing. SMD's can be downloaded from the DSCC website at http://www.dscc.dla.mil/programs/smcr/. The SMD number listed above is for MIL-PRF-38534 Class H screening, standard gold plated lead finish, and no RHA (Radiation Hardness Assurance) level. Please reference the SMD for other screening levels, lead finishes, and radiation levels. CONTACT INFORMATION To request a quotation or place orders please contact your sales representative or the VPT Inc. Sales Department at: Phone: Fax: E-mail: (425) 353-3010 (425) 353-4030 vptsales@vpt-inc.com All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible errors or omissions. The products or specifications contained herein are subject to change without notice. 1X051DSC 13 |
Price & Availability of DVCH285R2S-XXX
![]() |