Part Number Hot Search : 
IC16F 557T196M 21G304 BTS724 LA1210 ON0409 GEMMH GEMMH
Product Description
Full Text Search
 

To Download DV200-2800S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DV200-2800S Series
HIGH RELIABILITY DC-DC CONVERTERS
DESCRIPTION
The DV200 series of high reliability, isolated DC-DC converters is operable over a wide (-55 C to +100 C) temperature range with no power derating. Unique to the DV200 series is a magnetic feedback circuit that is radiation immune. Operating at a nominal fixed frequency of 500 kHz, these regulated, isolated units utilize well-controlled undervoltage lockout circuitry to eliminate slow start-up problems. The current sharing function allows a maximum of five units to be connected in parallel to boost the total output power to 5 times. The output voltage is trimmable up to +10% or down -20%. These converters are designed and manufactured in a facility qualified to ISO9001 and certified to MILPRF-38534 and MIL-STD-883. This product may incorporate one or more of the following U.S. patents: 5,784,266 5,790,389 5,963,438 5,999,433 6,005,780 6,084,792 6,118,673
FEATURES
* * * * * * * * * * * * * * * High Reliability Parallel Up to 5 Units With Current Sharing Output Voltage Trim Up +10% or Down -20% Wide Input Voltage Range: 16 to 50 Volts Up to 200 Watts Output Power Radiation Immune Magnetic Feedback Circuit NO Use of Optoisolators Undervoltage Lockout Short Circuit Protection Current Limit Protection Input Transient Voltage: 55 Volts for 1 second High Power Density: 80 W/in3 Custom Versions Available Additional Environmental Screening Available Meets MIL-STD-461C and MIL-STD-461D EMC Requirements When Used With a DVMN28 EMI Filter
Figure 1 - DV200-2800S DC-DC Converter (Not To Scale)
15001DSF
11314 4th Avenue West, Suite 206 Everett, WA 98204 http://www.vpt-inc.com
Sales Information: Phone: (425) 353-3010 Fax: (425) 353-4030 E-mail: vptsales@vpt-inc.com
1
DV200-2800S Series
SPECIFICATIONS (TCASE = -55C to +100C, VIN = +28V 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second)4 Output Power1,3 Power Dissipation (Full Load, TCASE = +100C) Parameter STATIC
INPUT 5 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On UVLO Turn Off OUTPUT Voltage Power
3 4 4 4
50 VDC 55 Volts 200 Watts 44 Watts
Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) DV200-283R3S Min
16
+25C -65C to +135C 270C 115 Grams Units
Conditions
DV200-2805S Max
50 55 10 50 100 1.5 11 15.8 14.0
Typ
28 6 20 9.5 15 12.0 3.30 3.30 50 10 10 10 0 80 45 45 500 500 955 200 200 150 50 20 0
Min
16 0 8 13.5 10.5 4.95 4.925 0 0 0 0 -20 79 450 450 100 -
Typ
28 6 20 9.5 15 12.0 5.00 5.00 50 10 10 10 83 45 45 500 500 955 300 200 150 50 20 0
Max
50 55 10 50 100 1.5 11 15.8 14.0 5.05 5.075 150 90 30 18 150 50 80 100 10 2000 550 550 550 600 300 150 30 50
Continuous Transient, 1 sec Inhibited No Load Full Load, 20Hz to 10MHz To Disable Output
4
V V mA mA mAp-p V V V V V V W W A A mVp-p mVp-p mV mV % % W W F kHz kHz M kHrs mVPK Sec mVPK Sec mSec mVPK
0 8 13.5 10.0
Inhibit Pin Open Circuit Voltage
VOUT VOUT
TCASE = 25C TCASE = -55C to +100C VIN = 18V to 50V VIN = 16V to 18V VIN = 18V to 50V VIN = 16V to 18V Full Load, 10kHz to 10MHz Full Load, 10kHz to 2MHz VIN = 18V to 50V No Load to Full Load Full Load Full Load Overload
4 4
3.267 3.25 0 0 0 0 -20 74 450
3.333 3.35 100 60 30 18 150 50 80 100 10 2000 550 550 450 650 300 150 30 30
Current
3
IOUT VOUT VOUT VOUT VOUT VOUT
Ripple Voltage Line Regulation Load Regulation Voltage Trim EFFICIENCY
LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD
4
Short Circuit
SWITCHING FREQUENCY SYNC FREQUENCY RANGE ISOLATION MTBF (MIL-HDBK-217F) VH - VL = 5V Duty Cycle = 20% - 80% 500 VDC GB @ TC = 55C VOUT VOUT VOUT
450 100 -
DYNAMIC
Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot
2 4
Half Load to Full Load VIN = 18V to 40V VIN = 0V to 28V
Line Step Output Transient
2, 4
Notes: 1. Dependant on output voltage. 2. Time for output voltage to settle within 1% of its nominal value. 3. Derate linearly to 0 at 110C. 4. Verified by qualification testing. 5. 100% output power available for VIN = 18V to 50V and only 60% output power available for VIN = 16V to 18V.
15001DSF
2
DV200-2800S Series
SPECIFICATIONS (TCASE = -55C to +100C, VIN = +28V 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second)4 Output Power1,3 Power Dissipation (Full Load, TCASE = +100C) Parameter STATIC
INPUT 5 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On UVLO Turn Off OUTPUT Voltage Power
3 4 4 4
50 VDC 55 Volts 200 Watts 44 Watts
Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) DV200-2812S Min
16
+25C -65C to +135C 270C 115 Grams Units
Conditions
DV200-2815S Max
50 55 10 50 150 1.5 11 15.8 14.0 12.12 12.18 175 105 14.6 8.76 200 30 100 120 10 1000 550 550 1000 400 1200 200 30 50
Typ
28 6 20 9.5 15 12.0 12.0 12.0 100 5 10 10 84 45 45 500 500 955 550 200 1000 50 20 -
Min
16 0 8 13.5 10.0 14.85 14.775 0 0 0 0 -20 82 450 450 100 -
Typ
28 6 20 9.5 15 12.0 15.0 15.0 100 5 10 10 86 45 45 500 500 955 1000 200 1000 50 20 -
Max
50 55 10 50 150 1.5 11 15.8 14.0 15.15 15.225 200 120 13.3 7.98 200 30 100 120 10 1000 550 550 1350 500 1200 200 30 50
Continuous Transient, 1 sec Inhibited No Load Full Load, 20Hz to 10MHz To Disable Output
4
V V mA mA mAp-p V V V V V V W W A A mVp-p mVp-p mV mV % % W W F kHz kHz M kHrs mVPK Sec mVPK Sec mSec mVPK
0 8 13.5 10.0
Inhibit Pin Open Circuit Voltage
VOUT VOUT
TCASE = 25C TCASE = -55C to +100C VIN = 18V to 50V VIN = 16V to 18V VIN = 18V to 50V VIN = 16V to 18V Full Load, 10kHz to 10MHz Full Load, 10kHz to 2MHz VIN = 18V to 50V No Load to Full Load Full Load Full Load Overload
4 4
11.88 11.82 0 0 0 0 -20 82 450
Current
3
IOUT VOUT VOUT VOUT VOUT VOUT
Ripple Voltage Line Regulation Load Regulation Voltage Trim EFFICIENCY
LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD
4
Short Circuit
SWITCHING FREQUENCY SYNC FREQUENCY RANGE ISOLATION MTBF (MIL-HDBK-217F) VH - VL = 5V Duty Cycle = 20% - 80% 500 VDC GB @ TC = 55C VOUT VOUT VOUT
450 100 -
DYNAMIC
Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot
2 4
Half Load to Full Load VIN = 18V to 40V VIN = 0V to 28V
Line Step Output Transient
2, 4
Notes: 1. Dependant on output voltage. 2. Time for output voltage to settle within 1% of its nominal value. 3. Derate linearly to 0 at 110C. 4. Verified by qualification testing. 5. 100% output power available for VIN = 18V to 50V and only 60% output power available for VIN = 16V to 18V.
15001DSF
3
DV200-2800S Series
BLOCK DIAGRAM
PIN 5 28V IN PIN 6 +V OUT PIN 10 OUT COM IN COM PIN 1 Q1 MAGNETIC FEEDBACK VOLTAGE AND CURRENT AMPLIFIERS TRIM PIN 8 +S PIN 7 -S PIN 9 PWM CONTROL PIN 3 SHARE
UNDER VOLTAGE SHUTDOWN
PRIMARY HOUSEKEEPING SUPPLY
INH / SYNC IN SYNC OUT PIN 4 PIN 2
SECONDARY HOUSEKEEPING SUPPLY
Figure 2
CONNECTION DIAGRAM
5 2200PF 4
28V IN INH/SYNC IN
+V OUT +S
6
7 LOAD 9 -S
28 Vdc
+ -
1 IN COM
OUT COM
10
Figure 3
15001DSF
4
DV200-2800S Series
INHIBIT DRIVE CONNECTION DIAGRAMS
OPTOISOLATOR INH/SYNCIN
4 25K
+ IN COM 1
10V
Figure 4 - Isolated Inhibit Drive and Internal Equivalent Circuit
PARALLEL CONNECTION DIAGRAM
DV200-2800S DC-DC CONVERTER 5 4 INH / SYNC IN 28 Vdc 28V IN +V OUT +S 3 SHARE 9 -S 1 IN COM OUT COM 10 CASE DV200-2800S DC-DC CONVERTER 5 28V IN 4 INH / SYNC IN 3 SHARE 9 -S 1 IN COM OUT COM 10 CASE +V OUT 7 +S 6 LO AD 6 7
*
+ -
*
Figure 5 - Parallel Connection with Current Sharing (*Shown with optional "OR" ing diode)
15001DSF
5
DV200-2800S Series
OUTPUT VOLTAGE TRIM
+V OUT PIN 6 50 +S PIN 7 10K TRIM R-TRIM (TRIM DOWN)
+
2.5V
The output voltage can be trimmed down by connecting a resistor between the TRIM pin (PIN 8) and the +V OUT pin (PIN 6), or can be trimmed up by connecting a resistor between the TRIM pin (PIN 8) and the OUT COM pin (PIN 10). The maximum trim range is +10% up and -20% down. The appropriate resistor values versus the output voltage are given in the trim table below.
15K
PIN 8
+ -
Ri -S PIN 9 50 OUT COM PIN 10 R-TRIM (TRIM UP)
Figure 6 - Output Voltage Trim DV200-283R3S
+VOUT (V) 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 RTRIM () 68.3k 85k 110k 151.7k 235k 485k 135k 55k 28.3k 15k 7k 1.7k
DV200-2805S
+VOUT (V) 5.5 5.4 5.3 5.2 5.1 5.0 4.9 4.8 4.7 4.6 4.5 4.4 4.3 4.2 4.1 4.0 RTRIM () 35k 47.5k 68.3k 110k 235k 225k 100k 58.3k 37.5k 25k 16.7k 10.7k 6.3k 2.8k 0
DV200-2812S
+VOUT (V) 13.2 13.0 12.8 12.6 12.4 12.2 12.0 11.8 11.6 11.4 11.2 11.0 10.8 10.6 10.4 10.2 10.0 9.8 9.6 RTRIM () 5.8k 10k 16.2k 26.6k 47.3k 109k 454k 213k 134k 94k 70.1k 54.3k 42.9k 34.4k 27.8k 22.5k 18.2k 14.6k
DV200-2815S
+VOUT (V) 16.50 16.25 16.00 15.75 15.50 15.25 15.00 14.75 14.50 14.25 14.00 13.75 13.50 13.25 13.00 12.75 12.50 12.25 12.00 RTRIM () 1.7k 5k 10k 18.3k 35k 85k 475k 225k 142k 100k 75k 58.3k 46.4k 37.5k 30.6k 25k 20.5k 16.7k
15001DSF
6
DV200-2800S Series
PACKAGE SPECIFICATIONS
TOP VIEW
PIN 1 2 3 4 5 6 7 8 9 10 FUNCTION IN COM SYNC OUT SHARE INH / SYNC IN 28V IN +V OUT +S TRIM -S OUT COM
SIDE VIEW
Figure 7 - Package and Pinout (Dimensional Limits are 0.005" Unless Otherwise Stated)
15001DSF
7
DV200-2800S Series
PACKAGE PIN DESCRIPTION
Pin
1 2 3 4 5 6 7 8 9 10
Function
IN COM SYNC OUT SHARE INH / SYNC IN 28V IN +V OUT +S TRIM -S OUT COM
Description
Input Common Connection Output Synchronization Signal Current Share Logic Low = Disabled Output. Unconnected or open collector TTL or Square-wave Synchronization Signal = Enabled Output. Positive Input Voltage Connection Positive Output Voltage Connection Positive Sense Trim Output Voltage to +10%, -20% of Nominal Value Return Sense Output Common Connection
ENVIRONMENTAL SCREENING
Screening
Pre-Cap Inspection Temperature Cycling Burn-In Final Electrical Final Inspection IPC-A-610 Class II -55C, 100C, 10 Cycles 96 hours at +100C 12 hours at +100C 100% at -55C, 25C, 100C1 100% at 25C MIL-STD-883, Test Method 2009 * * *
Condition
Standard (No Suffix)
*
Military /ML
* * * * *
Note: 1. 100% R&R testing at -55C, +25C, and +100C with all test data included in product shipment.
15001DSF
8
DV200-2800S Series
ORDERING INFORMATION
DV2001
28 2
05 3
S 4
/ML 5
-
XXX 6
(1) Product Series
DV200-
(2) Nominal Input Voltage
28 28 Volts
(3) Output Voltage
3R3 05 12 15 3.3 Volts 5 Volts 12 Volts 15 Volts
(4) Number of Outputs
S Single
(5) Screening Code1
None /ML Standard Military
(6) Additional Screening Code
Contact Sales
Notes:
1.
VPT Inc. reserves the right to ship higher screened products to meet lower screened orders at our sole discretion unless specifically forbidden by customer contract.
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental screening and testing, different input voltage, output voltage, power requirement, source inspection, and/or special element evaluation for space or other higher quality applications.
15001DSF
9
DV200-2800S Series
CONTACT INFORMATION
To request a quotation or place orders please contact your sales representative or the VPT Inc. Sales Department at: Phone: Fax: E-mail: (425) 353-3010 (425) 353-4030 vptsales@vpt-inc.com
All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible errors or omissions. The products or specifications contained herein are subject to change without notice.
15001DSF
10


▲Up To Search▲   

 
Price & Availability of DV200-2800S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X