Part Number Hot Search : 
PSD6407 88W8964 100MA LC7823N F9Z34N TP518 ISL2812 BCM56502
Product Description
Full Text Search
 

To Download CZMK3V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SILIICON PLANAR ZENER DIODES
3
3
CZMK3V3-39V SOT-23 Formed SMD Package
Pin Configuration
1 = ANODE 2 = ANODE 3 = CATHODE
2 1
1
2
Dual Zener Diodes, Common Cathode
ABSOLUTE MAXIMUM RATINGS Per Diode (Ta=25C Unless Specified Otherwise) SYMBOL VALUE DESCRIPTION VZ 3V3 to 39 Working Voltage Range +/-5 Working Voltage Tolerance IFRM 250 Repetitive Peak Forward Current IZRM 250 Repetitive Peak Working Current Ptot * 300 Power Dissipation upto Tamb=25C Ptot ** Power Dissipation upto Tamb=25C 250 Tj 150 Storage Temperature Junction Temperature Thermal Resistance From Junction to Ambient From Junction to Ambient * Device mounted on a ceramic alumna ** Device mounted on an FR5 printed circuit board Tstg - 55 to +150 UNIT V % mA mA mW mW C C
Rth (j-a) Rth (j-a)
430 500
K/W K/W
ELECTRICAL CHARACTERISTICS Per Diode (Ta=25C VF <0.9V max, IF=10mA) Device # Working Voltage Differential Resistance rdiff () @ IZtest=5mA typ 85 85 85 80 50 40 15 6 6 6 6 6 8 max 95 90 90 90 80 60 40 10 15 15 15 15 20 A 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 Reverse Current IR Temperature Coefficient SZ (mV/K) @ IZtest=5mA V 1 1 1 1 2 2 2 4 4 5 5 6 7 min -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 typ -2.4 -2.4 -2.5 -2.5 -1.4 -0.8 -1.2 2.3 3.0 4.0 4.6 5.5 6.4 max 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 Differential Resistance rdiff () @ IZtest=1mA typ 350 375 400 410 425 400 80 40 30 30 40 40 50 max 600 600 600 600 500 480 400 150 80 80 80 100 150 Marking
VZ(V)*** @ IZtest=5mA min 3.10 3.40 3.70 4.00 4.40 4.80 5.20 5.80 6.40 7.00 7.70 8.50 9.40 max 3.50 3.80 4.10 4.60 5.00 5.40 6.00 6.60 7.20 7.90 8.70 9.60 10.60
CZMK 3.3 CZMK 3.6 CZMK 3.9 CZMK 4.3 CZMK 4.7 CZMK 5.1 CZMK 5.6 CZMK 6.2 CZMK 6.8 CZMK 7.5 CZMK 8.2 CZMK 9.1 CZMK 10
ZF ZG ZH ZJ ZK ZL ZM ZN ZP ZT ZV ZW ZX
Continental Device India Limited
Data Sheet
Page 1 of 4
SILIICON PLANAR ZENER DIODES
3
3
CZMK3V3-39V
Pin Configuration
1 = ANODE 2 = ANODE 3 = CATHODE
SOT-23 Formed SMD Package
1
2
2 1
ELECTRICAL CHARACTERISTICS Per Diode (Ta=25C VF <0.9V max, IF=10mA) Device # Working Voltage Differential Resistance rdiff () @ IZtest=5mA typ 10 10 10 10 10 10 15 20 25 max 20 25 30 30 40 45 55 55 70 A 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 Reverse Current IR Temperature Coefficient SZ (mV/K) @ IZtest=5mA V 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 min 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 typ 7.4 8.4 9.4 11.4 12.4 14.4 16.4 18.4 20.4 max 9.0 10 11 13 14 16 18 20 22 Differential Resistance rdiff () @ IZtest=1mA typ 50 50 50 50 50 50 60 60 60 max 150 150 170 200 200 225 225 250 250 ZY ZZ YB YC YD YE YF YG YH Marking
VZ(V)*** @ IZtest=5mA min CZMK 11 CZMK 12 CZMK 13 CZMK 15 CZMK 16 CZMK 18 CZMK 20 CZMK 22 CZMK 24 10.40 11.40 12.40 13.80 15.30 16.80 18.80 20.80 22.80 max 11.60 12.70 14.10 15.60 17.10 19.10 21.20 23.30 25.60
@ IZtest=2mA CZMK 27 CZMK 30 CZMK 33 CZMK 36 CZMK 39 25.10 28.00 31.00 34.00 37.00 28.90 32.00 35.00 38.00 41.00
@ IZtest=2mA 25 30 35 35 40 80 80 80 90 130 0.05 0.05 0.05 0.05 0.05 18.9 21.0 23.1 25.2 27.3
@ IZtest=2mA 21.4 24.4 27.4 30.4 33.4 23.4 26.6 29.7 33.0 36.4 25.3 29.4 33.4 37.4 41.2
@ IZtest=0.5mA 65 70 75 80 80 300 300 325 350 350 YJ YK YL YM YN
***Pulse test 20ms< tp <50ms.
Continental Device India Limited
Data Sheet
Page 2 of 4
CZMK3V3-39V SOT-23 Formed SMD Package SOT-23 Formed SMD Package

SOT-23 Package Reel Information
Reel specification for W" Packing (13" reel) 14.4
MAX o100.00.5 / o54.5 0.5 o329.20.5 / 178 0.5 7.9 - 10.9 9.20.5


F/
+0.5 -0.2 o13.0


180 or 330 TRAILER

o20.2 MIN

3 7,1 /,1 $5 * ( 5 2 5

NOTES: No. of Devices 1. 2. 3. 4. 5.
8mm Tape Size of Reel 330 mm (13") 10,000 Pcs
8mm Tape Size of Reel 180 mm (7") 3,000 Pcs
The bandolier of 330 mm reel contains at least 10,000 devices. The bandolier of 180 mm reel contains at least 3,000 devices. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there.
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 1.0 3.15 0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
Direction of Unreeling
Packing Detail
PACKAGE SOT-23 T&R Details 3K/reel 10K/reel STANDARD PACK Net Weight/Qty 136 gm/3K pcs 415 gm/10K pcs INNER CARTON Size 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5"
All dimensions in mm
BOX Qty 12 K 51 K 10 K
OUTER CARTON BOX Size Qty 17" x 15" x 13.5" 192 K 19" x 19" x 19" 408 K 17" x 15" x 13.5" 300 K
Gr Wt 12 kgs 28 kgs 16 kgs
Continental Device India Limited
Data Sheet
Page 3 of 4
FIXING TAPE
LEADER


2.00.5
DETAIL X
All dimensions in mm 330 / 180 mm - Antistatic Coated Plastic Reel
Notes
CZMK3V3-39V SOT-23 Formed SMD Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CZMK3.3_39VRev250102E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CZMK3V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X